công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS1201U1K bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện ADS1201U1K
Giải thích chi tiết về linh kiện  High Dynamic Range DELTA-SIGMA MODULATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1201U1K bảng dữ liệu(HTML) 1 Page - Texas Instruments

  ADS1201U1K Datasheet HTML 1Page - Texas Instruments ADS1201U1K Datasheet HTML 2Page - Texas Instruments ADS1201U1K Datasheet HTML 3Page - Texas Instruments ADS1201U1K Datasheet HTML 4Page - Texas Instruments ADS1201U1K Datasheet HTML 5Page - Texas Instruments ADS1201U1K Datasheet HTML 6Page - Texas Instruments ADS1201U1K Datasheet HTML 7Page - Texas Instruments ADS1201U1K Datasheet HTML 8Page - Texas Instruments ADS1201U1K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
ADS1201
®
©1997 Burr-Brown Corporation
PDS-1417C
Printed in U.S.A. October, 1999
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111
Twx: 910-952-1111 • Internet: http://www.burr-brown.com/ • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
High Dynamic Range
DELTA-SIGMA MODULATOR
ADS1201
+2.5V
Reference
Bias
Generator
Second-Order
∆Σ
Modulator
AV
DD
AGND
REF
OUT
REF
IN
V
BIAS
CAL GAIN/OFFSET
DGND
DV
DD
A
INP
A
INN
MOUT
BIAS
EN
REF
EN
MCLK
DESCRIPTION
The ADS1201 is a precision, 130dB dynamic range,
delta-sigma (
∆Σ) modulator operating from a single
+5V supply. The differential inputs are ideal for direct
connection to transducers or low level signals. With
the appropriate digital filter and modulator rate, the
device can be used to achieve 24-bit analog-to-digital
(A/D) conversion with no missing codes. Effective
resolution of 20 bits can be maintained with a digital
filter bandwidth of 1kHz at a modulator rate of 320kHz.
The ADS1201 is designed for use in high resolution
measurement applications including smart transmit-
ters, industrial process control, weigh scales, chroma-
tography, and portable instrumentation. It is available
in a 16-lead SOIC package.
FEATURES
q 130dB DYNAMIC RANGE
q FULLY DIFFERENTIAL INPUT
q TWO-WIRE INTERFACE
q INTERNAL/EXTERNAL REFERENCE
q ON-CHIP SWITCHES FOR CALIBRATION
APPLICATIONS
q INDUSTRIAL PROCESS CONTROL
q INSTRUMENTATION
q SMART TRANSMITTERS
q PORTABLE INSTRUMENTS
q WEIGH SCALES
q PRESSURE TRANSDUCERS
SBAS081


Số phần tương tự - ADS1201U1K

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS1201U BURR-BROWN-ADS1201U Datasheet
143Kb / 13P
   High Dynamic Range DELTA-SIGMA MODULATOR
ADS1201U/1K BURR-BROWN-ADS1201U/1K Datasheet
143Kb / 13P
   High Dynamic Range DELTA-SIGMA MODULATOR
More results

Mô tả tương tự - ADS1201U1K

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS1201 BURR-BROWN-ADS1201 Datasheet
143Kb / 13P
   High Dynamic Range DELTA-SIGMA MODULATOR
logo
Analog Devices
AD7401 AD-AD7401_15 Datasheet
347Kb / 20P
   Isolated Sigma-Delta Modulator
REV. D
AD7401A AD-AD7401A_V01 Datasheet
551Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. D
AD7400 AD-AD7400 Datasheet
951Kb / 10P
   Isolated Sigma-Delta Modulator
Rev. PrH
AD7720 AD-AD7720_15 Datasheet
236Kb / 16P
   CMOS Sigma-Delta Modulator
REV. 0
AD7400 AD-AD7400_15 Datasheet
378Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. G
AD7720 AD-AD7720_17 Datasheet
270Kb / 17P
   CMOS Sigma-Delta Modulator
AD7401 AD-AD7401 Datasheet
462Kb / 20P
   Isolated Sigma-Delta Modulator
REV. 0
AD7401 AD-AD7401_V01 Datasheet
422Kb / 18P
   Isolated Sigma-Delta Modulator
Rev. F
AD7401A AD-AD7401A Datasheet
436Kb / 20P
   Isolated Sigma-Delta Modulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com