công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS1201U1K bảng dữ liệu(PDF) 6 Page - Texas Instruments

tên linh kiện ADS1201U1K
Giải thích chi tiết về linh kiện  High Dynamic Range DELTA-SIGMA MODULATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1201U1K bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button ADS1201U1K Datasheet HTML 2Page - Texas Instruments ADS1201U1K Datasheet HTML 3Page - Texas Instruments ADS1201U1K Datasheet HTML 4Page - Texas Instruments ADS1201U1K Datasheet HTML 5Page - Texas Instruments ADS1201U1K Datasheet HTML 6Page - Texas Instruments ADS1201U1K Datasheet HTML 7Page - Texas Instruments ADS1201U1K Datasheet HTML 8Page - Texas Instruments ADS1201U1K Datasheet HTML 9Page - Texas Instruments ADS1201U1K Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
ADS1201
®
FIGURE 2. Block Diagram of the ADS1201.
FIGURE 3. Input Impedance of the ADS1201.
out of the analog inputs exceed 10mA. In addition, the
linearity of the device is guaranteed only when the analog
voltage applied to either input resides within the range
defined by AGND = > –30mV and < = AVDD + 30mV. If
either of the inputs exceed these limits, the input protection
diodes on the front end of the converter will begin to turn on.
This will induce leakage paths resulting in nonlinearities in
the conversion process.
For this reason, the 0V to 5V input range must be used with
caution. Should AVDD be 4.75V, the analog input signal
would swing outside the guaranteed specifications of the
device. Designs utilizing this mode of operation should
consider limiting the span to a slightly smaller range. Com-
mon-mode voltages are also a significant concern and must
be carefully analyzed.
Modulator
The modulator sampling frequency (MCLK) can be oper-
ated over a range of 20kHz to 1MHz. The frequency of
MCLK can be increased to improve the performance of the
converter or adjusted to comply with the clock requirements
of the application.
The modulator topology is fundamentally a 2nd-order, charge-
balancing A/D converter, as the one conceptualized in Fig-
ure 4. The analog input voltage and the output of the 1-bit
DAC is differentiated, providing an analog voltage at X2 and
X3. The voltage at X2 and X3 are presented to their indi-
vidual integrators. The output of these integrators progress
in a negative or positive direction. When the value of the
signal at X4 equals the comparator reference voltage, the
output of the comparator switches from negative to positive
or positive to negative, depending on its original state. When
the output value of the comparator switches from a HIGH to
LOW or vise versa, the 1-bit DAC responds on the next
clock pulse by changing its analog output voltage at X6,
causing the integrators to progress in the opposite direction.
The feedback of the modulator to the front end of the
integrators force the value of the integrator output to track
the average of the input.
ANALOG INPUT STAGE
Analog Input
The input design topology of the ADS1201 is based on a
fully differential switched capacitor architecture. This input
stage provides the mechanism to achieve low system noise,
high common-mode rejection (100dB) and excellent power
supply rejection. The input impedance of the analog input is
dependent on the input capacitor and modulator clock fre-
quency (MCLK), which is also the sampling frequency of
the converter. Figure 3 shows the basic input structure of the
ADS1201. The relationship between the input impedance of
the ADS1201 and the modulator clock frequency is:
The input impedance becomes a consideration in designs
where the source impedance of the input signal is signifi-
cant. In this case, it is possible for a portion of the signal to
be lost across this external source impedance. The impor-
tance of this effect depends on the desired system perfor-
mance.
There are two restrictions on the analog input signal to the
ADS1201. Under no conditions should the current into or
1-Bit DAC
Switched
Capacitor
Analog
Input
2nd-Order
Charge-Balancing
A/D Converter
Analog
Inputs
1-Bit Data
Stream
Processor
for
Filtering
Programmable Gain Amp
VREF
VIN
VIN+
2nd-Order Modulator
R
SW
8k
Ω (typ)
Switching Frequency
= MCLK
High
Impedance
> 1G
C
INT
12pF (typ)
V
CM
A
IN+
R
SW
8k
Ω (typ)
High
Impedance
> 1G
C
INT
12pF (typ)
A
IN
A
Input
pedance
E
f
IN
MCLK
Im
( )
Ω=
112
12


Số phần tương tự - ADS1201U1K

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS1201U BURR-BROWN-ADS1201U Datasheet
143Kb / 13P
   High Dynamic Range DELTA-SIGMA MODULATOR
ADS1201U/1K BURR-BROWN-ADS1201U/1K Datasheet
143Kb / 13P
   High Dynamic Range DELTA-SIGMA MODULATOR
More results

Mô tả tương tự - ADS1201U1K

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS1201 BURR-BROWN-ADS1201 Datasheet
143Kb / 13P
   High Dynamic Range DELTA-SIGMA MODULATOR
logo
Analog Devices
AD7401 AD-AD7401_15 Datasheet
347Kb / 20P
   Isolated Sigma-Delta Modulator
REV. D
AD7401A AD-AD7401A_V01 Datasheet
551Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. D
AD7400 AD-AD7400 Datasheet
951Kb / 10P
   Isolated Sigma-Delta Modulator
Rev. PrH
AD7720 AD-AD7720_15 Datasheet
236Kb / 16P
   CMOS Sigma-Delta Modulator
REV. 0
AD7400 AD-AD7400_15 Datasheet
378Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. G
AD7720 AD-AD7720_17 Datasheet
270Kb / 17P
   CMOS Sigma-Delta Modulator
AD7401 AD-AD7401 Datasheet
462Kb / 20P
   Isolated Sigma-Delta Modulator
REV. 0
AD7401 AD-AD7401_V01 Datasheet
422Kb / 18P
   Isolated Sigma-Delta Modulator
Rev. F
AD7401A AD-AD7401A Datasheet
436Kb / 20P
   Isolated Sigma-Delta Modulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com