công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS1201 bảng dữ liệu(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS1201
Giải thích chi tiết về linh kiện  High Dynamic Range DELTA-SIGMA MODULATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1201 bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button ADS1201 Datasheet HTML 6Page - Texas Instruments ADS1201 Datasheet HTML 7Page - Texas Instruments ADS1201 Datasheet HTML 8Page - Texas Instruments ADS1201 Datasheet HTML 9Page - Texas Instruments ADS1201 Datasheet HTML 10Page - Texas Instruments ADS1201 Datasheet HTML 11Page - Texas Instruments ADS1201 Datasheet HTML 12Page - Texas Instruments ADS1201 Datasheet HTML 13Page - Texas Instruments ADS1201 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
ADS1201
®
GAIN/OFFSET
CALEN
0
1
Normal Mode
0
0
Offset Calibration, Analog inputs shorted
to ground internally.
1
0
Full-Scale Calibration, Analog inputs are
referenced to VREF internally.
TABLE III. Calibration Enable.
supply, VREF, or temperature. The amount of change which
could cause a re-calibration is dependent on the application
and effective resolution of the system.
The results of the calibration calculations are stored in two
registers in the processor chip (see Figure 1). These two
calibration results can then be used to calibrate the input
signal results with one of the following formulas:
Equivalent Calibrated Output Code = FSC (FO1 – FO2) /(FO3 – FO2)
where
FO1 = Filter output code of an applied input voltage
FO2 = Filter output code of the offset calibration
FO3 = Filter output code of the gain calibration
FSC = Desired full-scale output
With a simple sinc filter, the calibrated A/D conversion
would equal:
Equivalent Calibrated Input Voltage = (N1 – N2) • VREF /(N3 – N2)
where N1 = number of ones counted (or digital equivalent
after filtering) over given time (tM) with an applied input voltage
N2 = number of ones counted (or digital equivalent after filtering)
during offset calibration where t12 = tM
N3 = number of ones counted (or digital equivalent after filtering)
during gain calibration where t13 = tM
A system calibration can be performed by applying two
known voltage levels to the input of the converter. In this
situation, the GAIN/OFFSET and CALEN pins are not used.
Rather, the digital output of these two known voltages are
accumulated by the processor. With this data, the processor
can determine the calibration register values that are appro-
priate for the application.
LAYOUT CONSIDERATIONS
POWER SUPPLIES
The ADS1201 requires the digital supply (DVDD) to be no
greater than the analog supply (AVDD). Failure to observe
this condition could cause permanent damage to the
ADS1201. The best scheme is to power the analog section of
the design and AVDD from one +5V line and the digital
section and DVDD from a separate +5V line (from the same
supply). If there are separate analog and digital power
supplies for the ADS1201, a good design approach would be
to have the analog supply come up first, followed by the
digital supply. Another approach that can be used to control
the analog and digital power supply differences is shown in
Figure 10. In this circuit, a connection has been made
between the ADS1201 supply pins via a 10
Ω resistor. The
combination of this resistor and the decoupling capacitors
provides some filtering between DVDD and AVDD.
The analog supply should be well regulated and low noise.
For designs requiring very high resolution from the ADS1201,
power supply rejection will be a concern. The requirements
for the digital supply are not strict. However, high frequency
noise on DVDD can capacitively couple into the analog
portion of the ADS1201. This noise can originate from
switching power supplies, microprocessors or digital signal
processors.
For either supply, high frequency noise will generally be
rejected by the external digital filter at integer multiples of
MCLK. Just below and above these frequencies, noise will
alias back into the pass-band of the digital filter, affecting
the conversion result.
Inputs to the ADS1201, such as AIN, REFIN, and MCLK,
should not be present before the analog and digital supplies
are on. Violating this condition could cause latch-up. If
these signals are present before the supplies are on, series
resistors should be used to limit the input current.
If one supply must be used to power the ADS1201, the
system’s analog supply should be used to power both AVDD
and DVDD. Experimentation may be the best way to deter-
mine the appropriate connection between AVDD and DVDD.
GROUNDING
The analog and digital sections of the design should be
carefully and cleanly partitioned. Each section should have
its own ground plane with no overlap between them. AGND
should be connected to the analog ground plane as well as
all other analog grounds. DGND should be connected to the
digital ground plane and all digital signals referenced to this
plane.
The ADS1201 pinout is such that the converter is cleanly
separated into an analog and digital portion. This should
allow simple layout of the analog and digital sections of the
design.
For a signal converter system, AGND and DGND of the
ADS1201 can be connected together. Do not join the ground
planes, but connect the two with a moderate signal trace
underneath the converter. For multiple converters, connect
the two ground planes at one location as central to all of the
converters as possible. In some cases, experimentation may
be required to find the best point to connect the two planes
together. Experimentation may be the best way to determine
the appropriate connection between AGND and DGND.
DECOUPLING
Good decoupling practices should be used for the ADS1201
and for all components in the design. All decoupling capaci-
tors, specifically the 0.1
µF ceramic capacitors, should be
placed as close as possible to the pin being decoupled. A
1
µF and 10µF capacitor, in parallel with the 0.1µF ceramic
capacitor, should be used to decouple AVDD to AGND. At
a minimum, a 0.1
µF ceramic capacitor should be used to
decouple DVDD to DGND, as well as for the digital supply
on each digital component.


Số phần tương tự - ADS1201

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS1201 BURR-BROWN-ADS1201 Datasheet
143Kb / 13P
   High Dynamic Range DELTA-SIGMA MODULATOR
ADS1201U BURR-BROWN-ADS1201U Datasheet
143Kb / 13P
   High Dynamic Range DELTA-SIGMA MODULATOR
ADS1201U/1K BURR-BROWN-ADS1201U/1K Datasheet
143Kb / 13P
   High Dynamic Range DELTA-SIGMA MODULATOR
More results

Mô tả tương tự - ADS1201

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS1201 BURR-BROWN-ADS1201 Datasheet
143Kb / 13P
   High Dynamic Range DELTA-SIGMA MODULATOR
logo
Analog Devices
AD7401 AD-AD7401_15 Datasheet
347Kb / 20P
   Isolated Sigma-Delta Modulator
REV. D
AD7401A AD-AD7401A_V01 Datasheet
551Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. D
AD7400 AD-AD7400 Datasheet
951Kb / 10P
   Isolated Sigma-Delta Modulator
Rev. PrH
AD7720 AD-AD7720_15 Datasheet
236Kb / 16P
   CMOS Sigma-Delta Modulator
REV. 0
AD7400 AD-AD7400_15 Datasheet
378Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. G
AD7720 AD-AD7720_17 Datasheet
270Kb / 17P
   CMOS Sigma-Delta Modulator
AD7401 AD-AD7401 Datasheet
462Kb / 20P
   Isolated Sigma-Delta Modulator
REV. 0
AD7401 AD-AD7401_V01 Datasheet
422Kb / 18P
   Isolated Sigma-Delta Modulator
Rev. F
AD7401A AD-AD7401A Datasheet
436Kb / 20P
   Isolated Sigma-Delta Modulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com