công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS1201 bảng dữ liệu(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS1201
Giải thích chi tiết về linh kiện  High Dynamic Range DELTA-SIGMA MODULATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1201 bảng dữ liệu(HTML) 5 Page - Texas Instruments

  ADS1201 Datasheet HTML 1Page - Texas Instruments ADS1201 Datasheet HTML 2Page - Texas Instruments ADS1201 Datasheet HTML 3Page - Texas Instruments ADS1201 Datasheet HTML 4Page - Texas Instruments ADS1201 Datasheet HTML 5Page - Texas Instruments ADS1201 Datasheet HTML 6Page - Texas Instruments ADS1201 Datasheet HTML 7Page - Texas Instruments ADS1201 Datasheet HTML 8Page - Texas Instruments ADS1201 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
®
ADS1201
FIGURE 1. Connection Diagram for the ADS1201 Delta-Sigma Modulator Including External Processor.
110
105
100
95
90
85
80
CMRR vs V
DIN
V
DIN (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
TYPICAL PERFORMANCE CURVES (Cont.)
At TA = +25°C, AVDD = DVDD = +5V, MCLK = 320kHz, REFEN LOW, BIASEN LOW, and external +2.5V reference, unless otherwise specified.
ADS1201
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
AV
DD
REF
OUT
REF
IN
NIC
A
INP
A
INN
AGND
V
BIAS
REF
EN
MOUT
MCLK
DV
DD
DGND
CAL
GAIN/OFFSET
BIAS
EN
Processor
200
Analog Supply
10
µF
0.1
µF
Digital
Supply
200
0.1
µF
47pF
47pF
GENERAL DESCRIPTION
The ADS1201 is a single channel, second-order, CMOS
analog modulator designed for high resolution conversions
from dc to 1000Hz. The output of the converter (MOUT)
provides a stream of digital ones and zeros. The time
average of this serial output is proportional to the analog
input voltage. The combination of an ADS1201 and a
processor that is programmed to implement a digital filter
results in a high resolution A/D converter system. This
system allows flexibility with the digital filter design and is
capable of A/D conversion results that have a dynamic range
that exceeds 130dB (see Figure 1).
THEORY OF OPERATION
The differential analog input of the ADS1201 is imple-
mented with a switched capacitor circuit. This switched
capacitor circuit implements a 2nd-order modulator stage
which digitizes the input signal into a binary output stream.
The input stage of the converter can be configured to sample
an analog signal or to perform a calibration which quantifies
offset and gain errors. The sample clock (MCLK) provides
the switched capacitor network and modulator clock signal
for the A/D conversion process, as well as the output data
framing clock. Different frequencies for this clock allows
for a variety of performance solutions in resolution and
signal bandwidth. The analog input signal is continuously
sampled by the A/D converter and compared to an internal
or external voltage reference. A digital stream appears at the
output of the converter. This digital stream accurately repre-
sents the analog input voltage over time.


Số phần tương tự - ADS1201

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS1201 BURR-BROWN-ADS1201 Datasheet
143Kb / 13P
   High Dynamic Range DELTA-SIGMA MODULATOR
ADS1201U BURR-BROWN-ADS1201U Datasheet
143Kb / 13P
   High Dynamic Range DELTA-SIGMA MODULATOR
ADS1201U/1K BURR-BROWN-ADS1201U/1K Datasheet
143Kb / 13P
   High Dynamic Range DELTA-SIGMA MODULATOR
More results

Mô tả tương tự - ADS1201

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS1201 BURR-BROWN-ADS1201 Datasheet
143Kb / 13P
   High Dynamic Range DELTA-SIGMA MODULATOR
logo
Analog Devices
AD7401 AD-AD7401_15 Datasheet
347Kb / 20P
   Isolated Sigma-Delta Modulator
REV. D
AD7401A AD-AD7401A_V01 Datasheet
551Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. D
AD7400 AD-AD7400 Datasheet
951Kb / 10P
   Isolated Sigma-Delta Modulator
Rev. PrH
AD7720 AD-AD7720_15 Datasheet
236Kb / 16P
   CMOS Sigma-Delta Modulator
REV. 0
AD7400 AD-AD7400_15 Datasheet
378Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. G
AD7720 AD-AD7720_17 Datasheet
270Kb / 17P
   CMOS Sigma-Delta Modulator
AD7401 AD-AD7401 Datasheet
462Kb / 20P
   Isolated Sigma-Delta Modulator
REV. 0
AD7401 AD-AD7401_V01 Datasheet
422Kb / 18P
   Isolated Sigma-Delta Modulator
Rev. F
AD7401A AD-AD7401A Datasheet
436Kb / 20P
   Isolated Sigma-Delta Modulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com