công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SMBJ51A(CA) bảng dữ liệu(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd |
|
SMBJ51A(CA) bảng dữ liệu(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd |
1 / 3 page 600W SURFACE MOUNT TRANSIENT VOLTAGE RECTIFIERS E-mail: sales@taychipst.com Web Site: www.taychipst.com 1 of 3 SMBJ5.0 THRU SMBJ170CA Features For surface mounted application Low profile package Built-in strain relief Glass passivated junction Excellent clamping capability Fast response time: Typically less than 1.0ps from 0 volt to BV min. Typical IR less than 1 μA above 10V High temperature soldering guaranteed: 260oC / 10 seconds at terminals Plastic material used carries Underwriters Laboratory Flammability Classification 94V-0 600 watts peak pulse power capability with a 10 x 1000 us waveform by 0.01% duty cycle Mechanical Data Case: Molded plastic Terminals: Pure tin plated lead free, Polarity: Indicated by cathode band except bipolar Standard packaging: 12mm tape (EIA STD RS-481) Weight: 0.093gram MAXIMUM RATINGS Rating at Ta = 25 ?C ambient temperature unless otherwise specified. Rating Symbol Value Units Peak Pulse Power Dissipation on 10/1000 µs (1) waveform (Notes 1, 2, Fig. 3) PPPM Minimum 600 Watts Peak Pulse Current on 10/1000 µs waveform (Note 1, Fig. 5) IPPM See Table Amps Peak forward Surge Current 8.3 ms single half sine-wave superimposed on rated load ( JEDEC Method )(Notes 2, 3) Maximum Instantaneous Forward Voltage at 50A (Note 3,4 ) VFM See Note 3, 4 Volts Operating Junction and Storage Temperature Range TJ, TSTG - 65 to + 150 ?C Note : (1) Non-repetitive Current pulse, per Fig. 5 and derated above Ta = 25 ?C per Fig. 1 (2) Mounted on 5.0mm2 (0.013mm thick) land areas. (3) Measured on 8.3ms. Single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minutes maximum. (4) VF=3.5V for SMBJ5.0 thru SMBJ90 devices and VF=5V for SMBJ100 thru SMBJ170 devices. UPDATE : MAY 25, 2000 |
Số phần tương tự - SMBJ51A(CA) |
|
Mô tả tương tự - SMBJ51A(CA) |