công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1N5821 bảng dữ liệu(PDF) 1 Page - Frontier Electronics.

tên linh kiện 1N5821
Giải thích chi tiết về linh kiện  3A SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FRONTIER [Frontier Electronics.]
Trang chủ  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

1N5821 bảng dữ liệu(HTML) 1 Page - Frontier Electronics.

  1N5821 Datasheet HTML 1Page - Frontier Electronics. 1N5821 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N5820 1N5821 1N5822
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
3A SCHOTTKY BARRIER RECTIFIERS
1N5820 1N5821 1N5822
FEATURES
EXTREMELY LOW VF
UL 94V0 FLAME RETARDANT EPOXY MOLDING COMPOUND
LOW STORED CHARGE, MAJORITY CARRIER CONDUCTION
LOW POWER LOSS/HIGH EFFICIENCY
MECHANICAL DATA
CASE: TRANSFER MOLDED, DO201AD, DIMENSIONS
IN INCHES AND (MILLIMETERS)
LEADS: SOLDERABLE PER MIL-STD-202, METHOD 208
POLARITY: CATHODE INDICATED BY COLOR BAND
WEIGHT: 1.2 GRAMS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
SINGLE PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD.
FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%
RATINGS
SYMBOL
1N5820
1N5821
1N5822
UNITS
MAXIMUM RECURRENT PEAK REVERSE VOLTAGE
VRRM
20
30
40
V
MAXIMUM RMS VOLTAGE
VRMS
14
21
28
V
MAXIMUM DC BLOCKING VOLTAGE
VDC
20
30
40
V
MAXIMUM AVERAGE FORWARD RECTIFIED CURRENT
SEE FIG.1
IO
3.0
A
PEAK FORWARD SURGE CURRENT, 8.3ms SINGLE HALF
SINE-WAVE SUPERIMPOSED ON RATED LOAD
IFSM
80
A
TYPICAL JUNCTION CAPACITANCE (NOTE1)
CJ
250
PF
TYPICAL THERMAL RESISTANCE (NOTE 2)
Rθja
30
℃/W
STORAGE TEMPERATURE RANGE
TSTG
- 55 TO + 125
OPERATING TEMPERATURE RANGE
TOP
- 55 TO + 125
ELECTRICAL CHARACTERISTICS (AT TA =25°C UNLESS OTHERWISE NOTED)
CHARACTERISTICS
SYMBOL
1N5820
1N5821
1N5822
UNITS
MAXIMUM FORWARD VOLTAGE AT IO DC
VF
0.475
0.500
0.525
V
MAXIMUM REVERSE CURRENT AT 25
IR
2.0
mA
MAXIMUM REVERSE CURRENT AT 100
IR
20.0
mA
NOTES: 1. MEASURED AT 1 MHZ AND APPLIED REVERSE VOLTAGE 0F 4.0 VOLTS
2. BOTH LEADS ATTACHED TO HEAT SINK 63.5x63.5x1t(mm) COPPER PLATE AT LEAD LENGTH 5mm
.375(9.5)
.335(8.5)
1.0(25.4)
MIN
.220(5.6)
.197(5.0)
1.0(25.4)
MIN
.052(1.3)
.048(1.2)


Số phần tương tự - 1N5821

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
1N5821 MOTOROLA-1N5821 Datasheet
168Kb / 6P
   SCHOTTKY BARRIER RECTIFIERS 3.0 AMPERES 20, 30, 40 VOLTS
logo
Vishay Siliconix
1N5821 VISHAY-1N5821 Datasheet
74Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Taiwan Semiconductor Co...
1N5821 TSC-1N5821 Datasheet
63Kb / 2P
   3.0 AMPS. Schottky Barrier Rectifiers
logo
Microsemi Corporation
1N5821 MICROSEMI-1N5821 Datasheet
1Mb / 8P
   3 Amp Axial Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
1N5821 SECOS-1N5821 Datasheet
119Kb / 2P
   VOLTAGE 20V ~ 40V 3.0AMP Schottky Barrier Rectifiers
More results

Mô tả tương tự - 1N5821

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Frontier Electronics.
SR302 FRONTIER-SR302 Datasheet
124Kb / 2P
   3A SCHOTTKY BARRIER RECTIFIERS
SR302-LFR FRONTIER-SR302-LFR Datasheet
124Kb / 2P
   3A SCHOTTKY BARRIER RECTIFIERS
SR3150 FRONTIER-SR3150 Datasheet
371Kb / 2P
   3A SCHOTTKY BARRIER RECTIFIERS
SL32 FRONTIER-SL32 Datasheet
450Kb / 2P
   3A SCHOTTKY BARRIER RECTIFIERS
1N5820-LFR FRONTIER-1N5820-LFR Datasheet
120Kb / 2P
   3A SCHOTTKY BARRIER RECTIFIERS
logo
TAITRON Components Inco...
1N5820 TAITRON-1N5820 Datasheet
179Kb / 4P
   3A Schottky Barrier Rectifiers
logo
Frontier Electronics.
SR340 FRONTIER-SR340 Datasheet
381Kb / 2P
   3A SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM345FL SECOS-SM345FL Datasheet
217Kb / 2P
   3A, 45V Schottky Barrier Rectifiers
SK340LFL SECOS-SK340LFL Datasheet
297Kb / 2P
   40V, 3A Schottky Barrier Rectifiers
logo
Frontier Electronics.
SK5820-LFR FRONTIER-SK5820-LFR Datasheet
119Kb / 2P
   3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com