công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GS-29-616 bảng dữ liệu(PDF) 3 Page - FCI connector

tên linh kiện GS-29-616
Giải thích chi tiết về linh kiện  SFP짰 Cable and Connector System
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FCI-CONNECTOR [FCI connector]
Trang chủ  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

GS-29-616 bảng dữ liệu(HTML) 3 Page - FCI connector

  GS-29-616 Datasheet HTML 1Page - FCI connector GS-29-616 Datasheet HTML 2Page - FCI connector GS-29-616 Datasheet HTML 3Page - FCI connector GS-29-616 Datasheet HTML 4Page - FCI connector GS-29-616 Datasheet HTML 5Page - FCI connector GS-29-616 Datasheet HTML 6Page - FCI connector GS-29-616 Datasheet HTML 7Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NUMBER
GS-29-616
TYPE
PRODUCT QUALIFICATION SUMMARY
TITLE
PAGE
REVISION
3 of 7
A
AUTHORIZED BY
DATE
SFP+® Cable and Connector System
J. Kopec
04/26/2010
CLASSIFICATION
UNRESTRICTED
Copyright FCI
Form E-3334
Rev F
GS-01-001
6.1.3
Test Group 3 – Receptacle Cage Mechanical, 3 receptacle cages for insertion/retention, 3
receptacle cages for kick-out, and 3 receptacle test boards.
TEST
SPECIFICATION CRITERION
RESULTS
Cage Press-Fit Insertion Force
EIA-364-09
Per GS-12-616 Sec. 6.5.12
Condition: Axial load on top of cage
Criterion: 40 N max. / pin
PASS
22.4 N max
Cage Press-Fit Retention Force
EIA-364-09
Per GS-12-616 Sec. 6.5.12
Condition: Axial load on all exposed
press-fit tails simultaneously.
Criterion: 10 N min. / pin
PASS
11.0 N min.
Cage Spring Kick-out Force
Per GS-12-616 Sec. 6.5.11
Condition: Mate / unmate cable
assembly to cage
Criterion: 10 N min., 22 N max.
PASS
10.6 N min.
12.2 N max.
6.1.4
Test Group 4 – Thermal Shock and Humidity, 10 each US and NT PCB cable assemblies with
28AWG cable (20 total). Five cables of each type mated were mated to receptacles for LLCR.
Remaining 5 cables of each type were mated to unassembled receptacles for IR/DWV. IR/DWV
measured on 2 adjacent signal pairs or each assembly (10 measurements per PCB type). All
assemblies with Leoni cable.
TEST
SPECIFICATION CRITERION
RESULTS
LLCR
EIA-364-23
Per Lab Modifications*
Condition: 20mV, 100mA
Criterion: None (Baseline)
PASS
Baseline
IR
EIA-364-21
Per GS-12-616 Sec. 6.1.2
Condition: 100 V DC, 60 seconds
Criterion: 1 GΩ min.
PASS
US – 16.2 GΩ min.
NT – 16.1 GΩ min.
DWV
EIA-364-20
Per GS-12-616 Sec. 6.1.3
Condition: 300 V DC, 60 seconds
Criterion: No breakdown, arc-over, or leakage
PASS
US – No breakdown or arc-
over, 4.29 µA max. leakage
NT – No breakdown or arc-
over, 4.39 µA max. leakage
Thermal Shock
EIA-364-32
Per GS-12-616 Sec. 6.6.1
Condition: -55C to +85C, 10 cycles
Criterion: No damage
PASS
No damage
LLCR
EIA-364-23
Per Lab Modifications*
Condition: 20mV, 100mA
Criterion: 20 mΩ max increase
PASS
US – 0.03 mΩ max. increase
NT – 1.14 mΩ max. increase
Humidity
EIA-364-31
Per GS-12-616 Sec. 6.6.3
Condition: 10,18-hour cycles, 25C to 65C, 80% to
100% RH
Criterion: No damage
PASS
No damage
LLCR
EIA-364-23
Per Lab Modifications*
Condition: 20mV, 100mA
Criterion: 20 mΩ max increase
PASS
US – 1.23 mΩ max. increase
NT – 1.31 mΩ max. increase
IR
EIA-364-21
Per GS-12-616 Sec. 6.1.2
Condition: 100 V DC, 60 seconds
Criterion: 1 GΩ min.
PASS
US – 6.1 GΩ min.
NT – 1.0 GΩ min.
PDM: Rev:A
Released
.
STATUS:
Printed: Nov 29, 2010


Số phần tương tự - GS-29-616

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
FCI connector
GS-29-622 FCI-CONNECTOR-GS-29-622 Datasheet
101Kb / 6P
   QSFP짰 Cable and Connector System
More results

Mô tả tương tự - GS-29-616

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
FCI connector
GS-29-622 FCI-CONNECTOR-GS-29-622 Datasheet
101Kb / 6P
   QSFP짰 Cable and Connector System
logo
PANDUIT CORP.
SST4I-C PANDUIT-SST4I-C Datasheet
87Kb / 1P
   Sta-Strap 짰 Cable Ties . Nylon 6.6
logo
Molex Electronics Ltd.
74576-0001 MOLEX-74576-0001 Datasheet
52Kb / 2P
   TDP 짰 (Triad 짰 Differential Pair) PCIe x1 Cable Assembly, 28 AWG, 1.00m Length
logo
List of Unclassifed Man...
U002-006-IB ETC2-U002-006-IB Datasheet
453Kb / 1P
   USB / FireWire 짰 - USB 1.1 Cable (iMac Blue)
logo
FERYSTER Inductive Comp...
E34-K-H-12P-SS-YC FERYSTER-E34-K-H-12P-SS-YC Datasheet
456Kb / 1P
   FERYSTER 짰 TRANSFORMERS
E65-K-V-BP-POLFER FERYSTER-E65-K-V-BP-POLFER Datasheet
94Kb / 1P
   FERYSTER 짰 TRANSFORMERS
EE13-K-V-10P-SS FERYSTER-EE13-K-V-10P-SS Datasheet
268Kb / 1P
   FERYSTER 짰 TRANSFORMERS
EF16-K-H-6P-DS FERYSTER-EF16-K-H-6P-DS Datasheet
351Kb / 1P
   FERYSTER 짰 TRANSFORMERS
EF16-K-H-8P-FERYSTER FERYSTER-EF16-K-H-8P-FERYSTER Datasheet
229Kb / 1P
   FERYSTER 짰 TRANSFORMERS
EF16-K-H-14P-15 FERYSTER-EF16-K-H-14P-15 Datasheet
408Kb / 1P
   FERYSTER 짰 TRANSFORMERS
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com