công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GS-20-094 bảng dữ liệu(PDF) 3 Page - FCI connector

tên linh kiện GS-20-094
Giải thích chi tiết về linh kiện  ZipLine Connector System
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FCI-CONNECTOR [FCI connector]
Trang chủ  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

GS-20-094 bảng dữ liệu(HTML) 3 Page - FCI connector

  GS-20-094 Datasheet HTML 1Page - FCI connector GS-20-094 Datasheet HTML 2Page - FCI connector GS-20-094 Datasheet HTML 3Page - FCI connector GS-20-094 Datasheet HTML 4Page - FCI connector GS-20-094 Datasheet HTML 5Page - FCI connector GS-20-094 Datasheet HTML 6Page - FCI connector GS-20-094 Datasheet HTML 7Page - FCI connector GS-20-094 Datasheet HTML 8Page - FCI connector GS-20-094 Datasheet HTML 9Page - FCI connector Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
NUMBER
GS-20-094
TYPE
APPLICATION SPECIFCATION
TITLE
PAGE
REVISION
3 of 23
B
AUTHORIZED BY
DATE
ZipLine
TM Connector System
M. Gray
2009-10-05
CLASSIFICATION
UNRESTRICTED
Copyright 2006 FCI
3.
APPLICABLE DOCUMENTS
- Applicable FCI product customer drawings
- FCI Product Specification GS-12-452 (ZipLine™ Connector System)
- FCI repair manual 10085927
- FCI Product Specification GS-12-220 (2mm High Power Connector System)
- FCI Application Specification GS-20-023 (2mm High Power Connector System)
- FCI Application Specification GS-20-045 (Hard Metric Guide Connectors)
- FCI Form E-3699 (User Guide and Maps for ZipLine Orthogonal Routing)
FCI product drawings and specifications are available by accessing the FCI website or by contacting FCI
Technical Service. Customers should refer to the latest revision level of FCI product drawings for appropriate
product details.
4.
GENERAL CUSTOMER INFORMATION
This document is a general application guide. If there is a conflict between the product drawings and this
specification, the drawings take precedence.
4.1.
CONNECTOR CONFIGURATIONS
ZipLine™ press-fit headers are offered in both a vertical configuration for backpanel and orthogonal applications,
and as a right angle configuration for coplanar applications. ZipLine™ press-fit receptacles are offered in a right
angle configuration. The backpanel, orthogonal, and coplanar header assemblies all share the same mating
interface. This allows one receptacle, provided it has the same number of columns and the same number of rows,
to be mated with any of the fore mentioned header assemblies. Compliant press-fit tails provide a reliable
electrical connection between the ZipLine™ connectors and the plated through hole (PTH) of the PCB. Press-fit
tails eliminate the need for soldering processing of through-board solder tails. Press-fit technology simplifies
rework of assembled boards by allowing a damaged connector to be removed and replaced. Each connector
may be replaced with a new connector 2 times without damaging the PCB.
.
Figure 2: ZipLine™ 6 pair / 1.8 mm pitch / 12 column connector assemblies
Form E-3334
Rev F
GS-01-001
PDM: Rev:B
Released
.
STATUS:
Printed: Nov 28, 2010


Số phần tương tự - GS-20-094

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
FCI connector
GS-20-129 FCI-CONNECTOR-GS-20-129 Datasheet
850Kb / 9P
   1mm SPACING FPC/FFC CONNECTOR DOCUMENT LIST
More results

Mô tả tương tự - GS-20-094

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
FCI connector
GS-12-452 FCI-CONNECTOR-GS-12-452 Datasheet
305Kb / 13P
   ZipLine Connector System
logo
ITT Industries
CHM ITT-CHM Datasheet
2Mb / 36P
   2.0 CONNECTOR SYSTEM
logo
Molex Electronics Ltd.
0151340606 MOLEX1-0151340606 Datasheet
46Kb / 1P
   PicoBlade Connector System
0151340405 MOLEX1-0151340405 Datasheet
47Kb / 1P
   PicoBlade Connector System
0151340701 MOLEX1-0151340701 Datasheet
46Kb / 1P
   PicoBlade Connector System
0151340706 MOLEX1-0151340706 Datasheet
46Kb / 1P
   PicoBlade Connector System
logo
TE Connectivity Ltd
175180-1 TEC-175180-1 Datasheet
8Mb / 80P
   MULTILOCK Connector System
4-2010.
logo
Molex Electronics Ltd.
0151340400 MOLEX1-0151340400 Datasheet
47Kb / 1P
   PicoBlade Connector System
0151340705 MOLEX1-0151340705 Datasheet
46Kb / 1P
   PicoBlade Connector System
logo
Laird Tech Smart Techno...
RJ45-ECS LSTD-RJ45-ECS Datasheet
697Kb / 2P
   Ethernet Connector System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com