công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GS-12-0984 bảng dữ liệu(PDF) 9 Page - FCI connector

tên linh kiện GS-12-0984
Giải thích chi tiết về linh kiện  TRX10GDL0610C3 (SFP LRM Module)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FCI-CONNECTOR [FCI connector]
Trang chủ  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

GS-12-0984 bảng dữ liệu(HTML) 9 Page - FCI connector

Back Button GS-12-0984 Datasheet HTML 5Page - FCI connector GS-12-0984 Datasheet HTML 6Page - FCI connector GS-12-0984 Datasheet HTML 7Page - FCI connector GS-12-0984 Datasheet HTML 8Page - FCI connector GS-12-0984 Datasheet HTML 9Page - FCI connector GS-12-0984 Datasheet HTML 10Page - FCI connector GS-12-0984 Datasheet HTML 11Page - FCI connector GS-12-0984 Datasheet HTML 12Page - FCI connector GS-12-0984 Datasheet HTML 13Page - FCI connector Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
NUMBER
GS-12-0984
TYPE
Product Specification
TITLE
PAGE
REVISION
TRX10GDL0610C3 (SFP+ LRM Module)
9 of 16
A
AUTHORIZED BY
DATE
J. Blank
27 Apr. 2011
CLASSIFICATION
UNRESTRICTED
Copyright © 2011 FCI Deutschland GmbH. FCI Deutschland GmbH reserves the right to make changes to this document at any time without notice.
Information in this document is believed to be reliable. However, no responsibility is assumed for possible inaccuracy or omission.
Interfacing the Transceiver
Communication is done by a serial 2-wire interface compatible to the I2C bus protocol. Refer to SFF-8472 for
a more detailed explanation of the registers:
Base Address A0h
Register
Content
0 - 95
Serial Transceiver ID as
defined in SFP MSA
96 - 127
FCI Specific
128 - 255
Reserved
Digital Optical Monitoring
The transceiver offers the ability to monitor important module parameter during operation. All five parameters
listed below are continuously monitored for getting information about the current module status. All data is
calibrated internally; there is no need for external post processing.
Temperature
Internally measured temperature data is represented as two’s complement of a signed 16-bit value in
increments of 1/256 °C over a range of -40 to +100 °C. Accuracy is better than +/-3 °C.
Supply Voltage (VCC)
Internally measured supply voltage. Represented as a 16-bit unsigned integer with the voltage defined as the
full 16 bit value (0 – 65535) with LSB equal to 100 µVolt, which yields to a total range of 0 to +6.55 Volts.
Accuracy is better than +/-3 %.
Laser Bias Current
The DFB laser bias current is represented as a 16 bit unsigned integer with the current defined as the full 16-
bit value (0 – 65535) with LSB equal to 2 µA. Accuracy is better than +/-10 %.
Optical Transmitter Power
TX output power measurement is based on internal monitor diode feedback. Represented as a 16-bit
unsigned integer with the power defined as the full 16 bit value (0 – 65535) with LSB equal to 0.1 µW.
Accuracy is better than +/-3 dB over a range of Pavgmin to Pavgmax.
Base Address A2h
Register
Content
0 - 55
Alarm & Warnings
Thresholds & Limits
56 - 95
External calibration
constants (not used)
96 – 119
Values from real time
diagnostic monitoring
120(LSB) –
123(MSB)
Passcode change field
124(LSB) –
127(MSB)
Passcode entry field
128 – 247
Customer specific, writable
area
248
Input equalizer setting
249 - 253
Reserved
254
Feature code
255
Reserved
PDS: Rev :A
STATUS:Released
Printed: Jan 03, 2012


Số phần tương tự - GS-12-0984

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
FCI connector
GS-12-0903 FCI-CONNECTOR-GS-12-0903 Datasheet
271Kb / 16P
   TRX10GVP2010C1 (SFP SR Module)
GS-12-0974 FCI-CONNECTOR-GS-12-0974 Datasheet
257Kb / 14P
   TRX10GDP0310C1 (SFP LR Module)
GS-12-0977 FCI-CONNECTOR-GS-12-0977 Datasheet
174Kb / 17P
   Conan Micro miniature Connector System
More results

Mô tả tương tự - GS-12-0984

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
FCI connector
TRX10GDL0610 FCI-CONNECTOR-TRX10GDL0610 Datasheet
1Mb / 12P
   10GBd SFP 1310nm LRM Linear Transceiver
logo
Source Photonics, Inc.
FTM-311XC-L03G SOURCE-FTM-311XC-L03G Datasheet
281Kb / 13P
   10G 1310nm LRM SFP Transceiver
logo
Micrel Semiconductor
TXRX-982 MICREL-TXRX-982 Datasheet
1Mb / 10P
   SFP Module
logo
Optoway Technology Inc
SPM-2101WG OPTOWAY-SPM-2101WG Datasheet
175Kb / 5P
   1310 nm / 10.3 Gb/s Digital Diagnostic LC Multi-Mode SFP for 10GBASE-LRM
logo
Mitsubishi Electric Sem...
MF-2500FXD MITSUBISHI-MF-2500FXD Datasheet
299Kb / 14P
   2.5Gbps SFP TRANSCEIVER MODULE
logo
FCI connector
GS-12-0974 FCI-CONNECTOR-GS-12-0974 Datasheet
257Kb / 14P
   TRX10GDP0310C1 (SFP LR Module)
logo
Mitsubishi Electric Sem...
MF-27WXD MITSUBISHI-MF-27WXD Datasheet
301Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
MF-2500FXE MITSUBISHI-MF-2500FXE Datasheet
307Kb / 16P
   2.5Gbps SFP TRANSCEIVER MODULE
logo
FCI connector
GS-12-0903 FCI-CONNECTOR-GS-12-0903 Datasheet
271Kb / 16P
   TRX10GVP2010C1 (SFP SR Module)
logo
Mitsubishi Electric Sem...
MF-27WXC MITSUBISHI-MF-27WXC Datasheet
300Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com