công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GS-12-0974 bảng dữ liệu(PDF) 4 Page - FCI connector

tên linh kiện GS-12-0974
Giải thích chi tiết về linh kiện  TRX10GDP0310C1 (SFP LR Module)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FCI-CONNECTOR [FCI connector]
Trang chủ  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

GS-12-0974 bảng dữ liệu(HTML) 4 Page - FCI connector

  GS-12-0974 Datasheet HTML 1Page - FCI connector GS-12-0974 Datasheet HTML 2Page - FCI connector GS-12-0974 Datasheet HTML 3Page - FCI connector GS-12-0974 Datasheet HTML 4Page - FCI connector GS-12-0974 Datasheet HTML 5Page - FCI connector GS-12-0974 Datasheet HTML 6Page - FCI connector GS-12-0974 Datasheet HTML 7Page - FCI connector GS-12-0974 Datasheet HTML 8Page - FCI connector GS-12-0974 Datasheet HTML 9Page - FCI connector Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
NUMBER
GS-12-0974
TYPE
Product Specification
TITLE
PAGE
REVISION
TRX10GDP0310C1 (SFP+ LR Module)
4 of 14
A
AUTHORIZED BY
DATE
J. Blank
11 July 2011
CLASSIFICATION
UNRESTRICTED
Copyright © 2011 FCI Deutschland GmbH. FCI Deutschland GmbH reserves the right to make changes to this document at any time without notice.
Information in this document is believed to be reliable. However, no responsibility is assumed for possible inaccuracy or omission.
Electrical Characteristics
Absolute Maximum Ratings
Rating
Conditions
Symbol
Min
Max
Units
Storage Ambient Temperature
ϑstg
-40
+85
°C
Powered Case Temperature
ϑc
0
+75
°C
Operating Relative Humidity
Non condensing
RH
0
95
%
Supply Voltage Range
VCCT/R
-0.5
4.0
V
Any stress beyond the maximum ratings may result in permanent damage to the device. Specifications are guaranteed only under
recommended operating conditions.
Recommended Operating Conditions
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Operating Case Temperature
ϑCase
0
+70
°C
Power Supply Voltage
VCCT/R
3.135
3.30
3.465
V
DC Common Mode Voltage
SFI Signals
VCM
-0.5
4.0
V
Low Speed Characteristics
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Supply Current Transmitter
@ VCCT
IVCCTX
150
mA
Supply Current Receiver
@ VCCR
IVCCRX
80
mA
Total Supply Current
@ VCCT/R
IVCC
300
mA
Power Consumption
0.8
1.0
W
TX_Fault, RX_LOS
Host Vcc Range 2 V – 3.47 V,
IOL_max = 4 mA
VOL
0
0.4
V
VOH
Host_
Vcc –
0.5
Host_
Vcc +
0.3
TX_Dis, RS0, RS1
Low Voltage TTL
VIL
-0.3
0.8
VIH
2.0
VccT +
0.5
SCL, SDA
Host Vcc Range 3.13 V – 3.47 V,
IOL_max = 4 mA
VIL
-0.3
VccT
* 0.3
VIH
VccT
* 0.7
VccT +
0.5
VOL
0.0
0.4
VOH
Host_
Vcc –
0.5
Host_
Vcc +
0.3
PDS: Rev :A
STATUS:Released
Printed: Jan 03, 2012


Số phần tương tự - GS-12-0974

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
FCI connector
GS-12-0977 FCI-CONNECTOR-GS-12-0977 Datasheet
174Kb / 17P
   Conan Micro miniature Connector System
More results

Mô tả tương tự - GS-12-0974

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ATGBICS by Approved Tec...
SFP+KT-LR-C ATGBICS-SFP+KT-LR-C Datasheet
366Kb / 10P
   SFPKT-LR NetOptics Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
SFP-10G-LR-C ATGBICS-SFP-10G-LR-C Datasheet
570Kb / 10P
   SFP-10G-LR Cisco Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
10G-SFP-LR-C ATGBICS-10G-SFP-LR-C Datasheet
366Kb / 10P
   10G-SFP-LR Myricom Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
AL-SFP-10G-LR-C ATGBICS-AL-SFP-10G-LR-C Datasheet
570Kb / 10P
   AL-SFP-10G-LR Alcatel Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
AR-SFP-10G-LR-C ATGBICS-AR-SFP-10G-LR-C Datasheet
570Kb / 10P
   AR-SFP-10G-LR Arista Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
EX-SFP-10GE-LR-C ATGBICS-EX-SFP-10GE-LR-C Datasheet
367Kb / 10P
   EX-SFP-10GE-LR Juniper Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
AHCC-SFP-10G-LR-C ATGBICS-AHCC-SFP-10G-LR-C Datasheet
570Kb / 10P
   AHCC-SFP-10G-LR Aerohive Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
AXSK-SFP+LR-C ATGBICS-AXSK-SFP+LR-C Datasheet
569Kb / 10P
   AXSK-SFPLR A10 Networks Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
FN-TRAN-SFP+LR-C ATGBICS-FN-TRAN-SFP+LR-C Datasheet
570Kb / 10P
   FN-TRAN-SFPLR Fortinet Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
SFP-10G-LR-S-C ATGBICS-SFP-10G-LR-S-C Datasheet
570Kb / 10P
   SFP-10G-LR-S Cisco Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com