công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GS-12-0903 bảng dữ liệu(PDF) 3 Page - FCI connector |
|
GS-12-0903 bảng dữ liệu(HTML) 3 Page - FCI connector |
3 / 16 page NUMBER GS-12-0903 TYPE Product Specification TITLE PAGE REVISION TRX10GVP2010C1 (SFP+ SR Module) 3 of 16 B AUTHORIZED BY DATE J. Blank 29 July 2011 CLASSIFICATION UNRESTRICTED Copyright © 2011 FCI Deutschland GmbH. FCI Deutschland GmbH reserves the right to make changes to this document at any time without notice. Information in this document is believed to be reliable. However, no responsibility is assumed for possible inaccuracy or omission. Functional Description The transmit path is based on an AC coupled 100 ohm differentially terminated driver coupled to an 850 nm VCSEL. Laser output may be disabled by pulling the transmitter disable (TX_DIS) line high which is its default state when leaving the input floating due to an internal pull-up resistor. A fault condition is raised upon detection of an abnormal laser state. The receive path consists of a receiver optical sub-assembly (ROSA) for optical to electrical conversion, followed by a limiting amplifier boosting the electrical signal. A loss of signal (LOS) status line provides information to facilitate easy link detection. Complete digital optical monitoring is implemented in compliance to SFF-8472 and made accessible via the 2-wire interface providing real time information about all important module parameters and status information. PDS: Rev :B STATUS:Released Printed: Apr 05, 2012 |
Số phần tương tự - GS-12-0903 |
|
Mô tả tương tự - GS-12-0903 |