công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GS-12-452 bảng dữ liệu(PDF) 4 Page - FCI connector

tên linh kiện GS-12-452
Giải thích chi tiết về linh kiện  ZipLine Connector System
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FCI-CONNECTOR [FCI connector]
Trang chủ  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

GS-12-452 bảng dữ liệu(HTML) 4 Page - FCI connector

  GS-12-452 Datasheet HTML 1Page - FCI connector GS-12-452 Datasheet HTML 2Page - FCI connector GS-12-452 Datasheet HTML 3Page - FCI connector GS-12-452 Datasheet HTML 4Page - FCI connector GS-12-452 Datasheet HTML 5Page - FCI connector GS-12-452 Datasheet HTML 6Page - FCI connector GS-12-452 Datasheet HTML 7Page - FCI connector GS-12-452 Datasheet HTML 8Page - FCI connector GS-12-452 Datasheet HTML 9Page - FCI connector Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
NUMBER
GS-12-452
TYPE
PRODUCT SPECIFCATION
TITLE
PAGE
REVISION
4 of 13
C
AUTHORIZED BY
DATE
ZipLineTM Connector System
M. Gray
2009-10-05
CLASSIFICATION
UNRESTRICTED
Copyright FCI
Form E-3334
Rev F
GS-01-001
5.0
ELECTRICAL CHARACTERISTICS
5.1
Contact Resistance
5.1.1
Low Level (LLCR)
Measurements shall be performed using a four-wire method per EIA 364-23. The maximum initial
contact resistance is 150 m
Ω for backpanel and orthogonal configurations, and 255 mΩ for
coplanar configurations. The increase in resistance for any position shall not exceed 10 m
Ω.
Make sure metal organizer has been removed for all signal contact measurements because
several positions are shorted together by the organizer. The following details apply:
a.
Test voltage: 20 mV maximum open circuit
b.
Test current: 100 mA maximum
c.
Number of readings: 500 minimum
5.1.2
At Specified Current (power contacts only)
The contact resistance at a specified current shall not exceed 5.00mΩ initially or after mating
cycles and environmental exposure when measured in accordance with EIA 364-06. The test
current is as follows:
1 Column Fully Powered
6.00A
2 Adjacent Columns Fully Powered
4.50A
All Columns Fully Powered
2.25A
The metal organizer is to remain assembled for power contact evaluation. There is no
shorting between power contacts and the metal organizer.
5.2
Insulation Resistance
The insulation resistance of mated connectors shall not be less than 1000 M
Ω after environmental
exposure when measured in accordance with EIA 364-21. Make sure metal organizer has been
removed for all signal contact measurements because several positions are shorted together by
the organizer. The following details shall apply:
a.
Test voltage: 500 VDC
b.
Electrification time: 60 seconds
c.
Points of measurement: between closest adjacent contacts
d.
Number of readings: 30 (10 readings per loose-piece connector set)
5.3
Dielectric Withstanding Voltage
There shall be no evidence of arc-over, insulation breakdown, or excessive leakage current (> 0.5 mA)
when the mated connectors are tested in accordance with EIA 364-20. Make sure metal organizer has
been removed for all signal contact measurements because several positions are shorted together
by the organizer. The following details shall apply:
a.
Test voltage: 500 VAC, 60Hz
b.
Test duration: 60 seconds
c.
Voltage application rate: 500 V per second
d.
Points of Measurement: between closest adjacent contacts
e.
Number of readings: 30 (10 readings per loose-piece connector set)
PDM: Rev:C
Released
.
STATUS:
Printed: Nov 28, 2010


Số phần tương tự - GS-12-452

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
FCI connector
GS-12-497 FCI-CONNECTOR-GS-12-497 Datasheet
269Kb / 8P
   SD CARD CONNECTOR
More results

Mô tả tương tự - GS-12-452

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
FCI connector
GS-20-094 FCI-CONNECTOR-GS-20-094 Datasheet
925Kb / 23P
   ZipLine Connector System
logo
ITT Industries
CHM ITT-CHM Datasheet
2Mb / 36P
   2.0 CONNECTOR SYSTEM
logo
Molex Electronics Ltd.
0151340606 MOLEX1-0151340606 Datasheet
46Kb / 1P
   PicoBlade Connector System
0151340405 MOLEX1-0151340405 Datasheet
47Kb / 1P
   PicoBlade Connector System
0151340701 MOLEX1-0151340701 Datasheet
46Kb / 1P
   PicoBlade Connector System
0151340706 MOLEX1-0151340706 Datasheet
46Kb / 1P
   PicoBlade Connector System
logo
TE Connectivity Ltd
175180-1 TEC-175180-1 Datasheet
8Mb / 80P
   MULTILOCK Connector System
4-2010.
logo
Molex Electronics Ltd.
0151340400 MOLEX1-0151340400 Datasheet
47Kb / 1P
   PicoBlade Connector System
0151340705 MOLEX1-0151340705 Datasheet
46Kb / 1P
   PicoBlade Connector System
logo
Laird Tech Smart Techno...
RJ45-ECS LSTD-RJ45-ECS Datasheet
697Kb / 2P
   Ethernet Connector System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com