công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

D04271-000 bảng dữ liệu(PDF) 6 Page - Tyco Electronics

tên linh kiện D04271-000
Giải thích chi tiết về linh kiện  T107M Handheld Printer
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MACOM [Tyco Electronics]
Trang chủ  http://www.macom.com
Logo MACOM - Tyco Electronics

D04271-000 bảng dữ liệu(HTML) 6 Page - Tyco Electronics

Back Button D04271-000 Datasheet HTML 2Page - Tyco Electronics D04271-000 Datasheet HTML 3Page - Tyco Electronics D04271-000 Datasheet HTML 4Page - Tyco Electronics D04271-000 Datasheet HTML 5Page - Tyco Electronics D04271-000 Datasheet HTML 6Page - Tyco Electronics D04271-000 Datasheet HTML 7Page - Tyco Electronics D04271-000 Datasheet HTML 8Page - Tyco Electronics D04271-000 Datasheet HTML 9Page - Tyco Electronics D04271-000 Datasheet HTML 10Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
139
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
T400 Series High performance and high speed thermal transfer printers
Printers
The T400 series printers are high performance thermal transfer
printers with narrow to wide printheads suitable for variety of
mission critical applications. The rugged and durable metal
construction makes them a top choice for demanding industrial
and commercial needs.
The enhanced memory and dual 32-bit processor provide
extremely fast data processing and print speeds. T400 series
printers are the best option for high volume and 24 hour duty
cycles. High speed of 12 inch/sec on T408M printers is well
suited for the applications in which labels are needed quickly,
either on demand or in batches. With the highest print resolution
of 600 dpi printhead on the T424S produces unmatched quality
of crisp, high quality text, barcodes and graphic images in a limited
space - ideal for printing linear and 2-dimensional barcodes.
The T408M is designed for use with Tyco Electronics TMS and
HSI wire marker sleeves, as well as thermal transfer pressure
sensitive label products. The T424S is ideal for use with Tyco
Electronics thermal transfer printable pressure sensitive label
products.
Printer specifications
Tyco Electronics
T408M-TTDS-015
T424S-TTDS-116
Print head width
T408M: 128mm (5.04")
T424S*: 81mm (3.2")
Print head resolution
T408M: 8dpmm (203 dpi)
T424S*: 23.5dpmm (600 dpi)
Print speed (maximum)
T408M: 305mm/sec (12inch/sec)
T424S: 102mm/sec (4inch/sec)
Media sensor
Transmissive and reflective
Reflective (fixed)
Memory
16MB SDRAM and 4MB Flash
Communication interface
Bi-directional parallel (Centronics), serial
(RS232), and USB 2.0
Printer dimensions
T408M:
283.2mm W x 495.3mm D x 393.7mm H
(11.15" W x 19.5" D x 15.5" H)
T424S*:
263.5mm W x 495.3mm D x 393.7mm H
(10.37" W x 19.5" D x 15.5" H)
Printer weight
T408M: 25kg (55 lbs)
T424S*:22.7kg (50 lbs)
Shipping weight
T408M: 29kg (63 lbs)
T424S*: 27kg (59 lbs)
Media Specifications
Maximum print width
T408M: 128mm (5.04")
T424S*: 81mm (3.2")
Maximum media width
T408M: 140mm (5.51")
T424S*: 114mm (4.5")
Minimum media width
T408M: 40mm (1.57")
T424S*: 20mm (0.76")
Maximum media roll diameter
203mm (8.0")
Media core diameter
76mm (3.0")
Ribbon wind
Ink side out
Product order code
Description
T408M-PRINTER
T408M thermal printer - standard
T408M-R-PRINTER
T408M thermal printer - internal rewind
option
T424S-PRINTER
T424S thermal printer - standard*
*Not available in Europe, Middle East or Africa
T400 Series printers are available with wider printhead configurations for
speciality identification applications. Contact Tyco Electronics for such
product requirements.


Số phần tương tự - D04271-000

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Newhaven Display Intern...
D0420SD-42-2001FN NEWHAVEN-D0420SD-42-2001FN Datasheet
1Mb / 7P
   Vacuum Fluorescent Display Specification
D0420SD-53-4001F NEWHAVEN-D0420SD-53-4001F Datasheet
769Kb / 7P
   Vacuum Fluorescent Display Specification
D0420SD-53-4001FN NEWHAVEN-D0420SD-53-4001FN Datasheet
769Kb / 7P
   Vacuum Fluorescent Display Specification
More results

Mô tả tương tự - D04271-000

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sensortechnics GmbH
LD78E6HG-Q SENSORTECHNICS-LD78E6HG-Q Datasheet
940Kb / 4P
   Laser Printer
logo
Toshiba Semiconductor
TLP1211 TOSHIBA-TLP1211 Datasheet
242Kb / 5P
   COPIER, LASER BEAM PRINTER FACSIMILE, PRINTER
logo
Pepperl+Fuchs Inc.
IC-HH52 PF-IC-HH52 Datasheet
901Kb / 2P
   Handheld
2022-05-19
IPT-HH51-Y70152075 PF-IPT-HH51-Y70152075 Datasheet
342Kb / 2P
   Handheld
2022-05-06
logo
Holtek Semiconductor In...
HT6750A HOLTEK-HT6750A Datasheet
126Kb / 8P
   Date Printer
logo
Agilent(Hewlett-Packard...
U1241B HP-U1241B Datasheet
332Kb / 9P
   Agilent U1240 Series Handheld Handheld
logo
Pepperl+Fuchs Inc.
IC-HH51 PF-IC-HH51 Datasheet
901Kb / 2P
   Handheld
2022-05-19
logo
Sanyo Semicon Device
LB1256 SANYO-LB1256 Datasheet
49Kb / 2P
   Printer Driver
LB1256M SANYO-LB1256M Datasheet
54Kb / 2P
   Printer Driver?
logo
Toshiba Semiconductor
TLP1217 TOSHIBA-TLP1217 Datasheet
330Kb / 7P
   COPIER, LASER BEAM PRINTER FACSIMILE, PRINTER, ELECTRONIC TYPEWRITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com