công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

D01320-000 bảng dữ liệu(PDF) 7 Page - Tyco Electronics

tên linh kiện D01320-000
Giải thích chi tiết về linh kiện  T107M Handheld Printer
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MACOM [Tyco Electronics]
Trang chủ  http://www.macom.com
Logo MACOM - Tyco Electronics

D01320-000 bảng dữ liệu(HTML) 7 Page - Tyco Electronics

Back Button D01320-000 Datasheet HTML 3Page - Tyco Electronics D01320-000 Datasheet HTML 4Page - Tyco Electronics D01320-000 Datasheet HTML 5Page - Tyco Electronics D01320-000 Datasheet HTML 6Page - Tyco Electronics D01320-000 Datasheet HTML 7Page - Tyco Electronics D01320-000 Datasheet HTML 8Page - Tyco Electronics D01320-000 Datasheet HTML 9Page - Tyco Electronics D01320-000 Datasheet HTML 10Page - Tyco Electronics D01320-000 Datasheet HTML 11Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
140
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
T612M–DS Double sided thermal transfer printer
Printers
Specifically designed by Tyco Electronics, the T612M-DS printer
answers a common need in heat-shrinkable wire and cable
identification markers: single-pass printing onto both the front and
back side of the markers simultaneously. Specifically developed
and modified by Tyco Electronics for this application, the T612M-
DS is a high duty cycle, industrially robust thermal transfer printer.
It will print onto the complete range of TMS System Six heat-
shrinkable markers in all sizes from
3
/32" (2.4 mm) to 2
1
/4"
(57.2 mm). The data printed onto the two sides of each marker
can be identical or different, same side up or flipped.
Printer specifications
Tyco Electronics
T612M-TTDS-098
Print head width
128 mm (5.04")
Print head resolution
12 dpmm (304 dpi)
Print speed (maximum)
50 to128 mm per second
(2 [recommended] to 5 inches per
second)
Media sensor
Transmissive and gap
Memory
12MB DRAM and 1 MB flash
Communication interface
Parallel (centronics) and serial
(RS232/422)
Printer dimensions
559 mm W x 432 mm D x 508 mm H
(22
" W x 17" D x 20" H)
Printer weight
38 kg (84 lbs)
Shipping weight
51 kg (112 ibs)
Media specifications
Maximum print width
112mm (4.4
")
Maximum media width
117 mm (4.625
")
Maximum media roll diameter
254 mm (10.0
")
Media core diameter
26 mm (3.0
")
Ribbon wind
Ink side out
Product order code
Description
T612M-DS-PRINTER
Tyco Electronics T612M-DS thermal
printer – standard


Số phần tương tự - D01320-000

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
D01-01 ETC1-D01-01 Datasheet
51Kb / 1P
   1 WATT DC TO DC CONVERTERS
D01-01A ETC1-D01-01A Datasheet
51Kb / 1P
   1 WATT DC TO DC CONVERTERS
D01-01A3 ETC1-D01-01A3 Datasheet
51Kb / 1P
   1 WATT DC TO DC CONVERTERS
D01-01A3R ETC1-D01-01A3R Datasheet
51Kb / 1P
   1 WATT DC TO DC CONVERTERS
D01-01AR ETC1-D01-01AR Datasheet
51Kb / 1P
   1 WATT DC TO DC CONVERTERS
More results

Mô tả tương tự - D01320-000

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sensortechnics GmbH
LD78E6HG-Q SENSORTECHNICS-LD78E6HG-Q Datasheet
940Kb / 4P
   Laser Printer
logo
Toshiba Semiconductor
TLP1211 TOSHIBA-TLP1211 Datasheet
242Kb / 5P
   COPIER, LASER BEAM PRINTER FACSIMILE, PRINTER
logo
Pepperl+Fuchs Inc.
IC-HH52 PF-IC-HH52 Datasheet
901Kb / 2P
   Handheld
2022-05-19
IPT-HH51-Y70152075 PF-IPT-HH51-Y70152075 Datasheet
342Kb / 2P
   Handheld
2022-05-06
logo
Holtek Semiconductor In...
HT6750A HOLTEK-HT6750A Datasheet
126Kb / 8P
   Date Printer
logo
Agilent(Hewlett-Packard...
U1241B HP-U1241B Datasheet
332Kb / 9P
   Agilent U1240 Series Handheld Handheld
logo
Pepperl+Fuchs Inc.
IC-HH51 PF-IC-HH51 Datasheet
901Kb / 2P
   Handheld
2022-05-19
logo
Sanyo Semicon Device
LB1256 SANYO-LB1256 Datasheet
49Kb / 2P
   Printer Driver
LB1256M SANYO-LB1256M Datasheet
54Kb / 2P
   Printer Driver?
logo
Toshiba Semiconductor
TLP1217 TOSHIBA-TLP1217 Datasheet
330Kb / 7P
   COPIER, LASER BEAM PRINTER FACSIMILE, PRINTER, ELECTRONIC TYPEWRITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com