công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
2-1195361-5 bảng dữ liệu(PDF) 1 Page - PANDUIT CORP. |
|
2-1195361-5 bảng dữ liệu(HTML) 1 Page - PANDUIT CORP. |
|
1 / 1 page SPECIFICATION CONTROL DRAWING TE Connectivity 300 Constitution Drive Menlo Park, CA 94025 USA RAYCHEM TITLE : (1 TO 1 SPLICES-CRIMP) SOLDERSHIELD SPLICE KIT, SHIELDED CABLE Unless otherwise specified dimensions are in millimeters. Inches dimensions are in between brackets. DOCUMENT NO.: D-150-0168-0170/0174-0181 TOLERANCES: 0.00 N/A 0.0 N/A 0 N/A ANGLES: N/A ROUGHNESS IN MICRON TE Connectivity reserves the right to amend this drawing at any time. Users should evaluate the suitability of the product for their application. DATE: 15-Apr-11 DOC ISSUE: 10 DRAWN BY: M. FORONDA REPLACES: D000670 DCR NUMBER: D010319 PROD. REV. SEE TABLE SCALE: None SIZE: A SHEET: 1 of 1 Print Date: 9-May-11 If this document is printed it becomes uncontrolled. Check for the latest revision. Product Revisions Primary AWG Color Product Dimensions Part Names No. Range Code L Max A2.54 (0.100) øD1 øD2 øD3 D-150-0168 A 1 26-20 Red 80.52 (3.170) 50.30 (1.970) 3.00 (0.118) 1.14 (0.045) 2.79 (0.110) D-150-0169 B 1 20-16 Blue 80.52 (3.170) 50.30 (1.970) 4.00 (0.157) 1.63 (0.064) 4.00 (0.157) D-150-0170 B 1 16-12 Yellow 80.52 (3.170) 50.30 (1.970) 5.00 (0.197) 2.46 (0.097) 4.32 (0.170) D-150-0174 A 2 26-20 Red 105.92 (4.170) 74.93 (2.950) 4.00 (0.157) 1.14 (0.045) 2.16 (0.085) D-150-0175 D 2 18-16 Blue 105.92 (4.170) 74.93 (2.950) 5.00 (0.197) 1.63 (0.064) 2.79 (0.110) D-150-0176 B 2 14 Yellow 105.92 (4.170) 74.93 (2.950) 6.00 (0.236) 2.46 (0.097) 4.32 (0.170) D-150-0177 B 2 12 Yellow 105.92 (4.170) 74.93 (2.950) 9.04 (0.356) 2.46 (0.097) 4.32 (0.170) D-150-0178 A 3/4 26-20 Red 105.92 (4.170) 74.93 (2.950) 4.00 (0.157) 1.14 (0.045) 2.16 (0.085) D-150-0179 A 3/4 22-20 Red 105.92 (4.170) 74.93 (2.950) 5.00 (0.197) 1.14 (0.045) 2.16 (0.085) D-150-0180 A 3/4 18-16 Blue 105.92 (4.170) 74.93 (2.950) 6.00 (0.236) 1.63 (0.064) 2.79 (0.110) D-150-0181 B 3/4 14-12 Yellow 105.92 (4.170) 74.93 (2.950) 9.04 (0.356) 2.46 (0.097) 4.32 (0.170) MATERIALS 1. SOLDERSHIELD SPLICE SLEEVE: Heat-shrinkable, radiation cross-linked modified polyvinylidene fluoride sleeve, containing two environment resistant sealing rings and a solder impregnated, flux-coated copper-wire braid. Transparent blue. SOLDER: TYPE Sn63 per ANSI J-STD-006. FLUX: TYPE ROM1 per ANSI J-STD-004. 2. CRIMP SPLICE (1, 2, OR 4 PER KIT): Tin-plated copper alloy with color code stripe. 3. SEALING SPLICE SLEEVE (1, 2, OR 4 PER KIT): Heat-shrinkable, radiation cross-linked modified polyvinylidene fluoride sleeve, containing two environment resistant sealing rings. Transparent blue. APPLICATION 1. These kits are designed to make an environment-resistant, 1 to 1 in-line splice in shielded single, twisted pair, trio and quad cables having tin or silver-plated conductors and insulations rated for 135C minimum. 2. Temperature rating: -55C to +150C. 3. For installation procedures refer to the applicable sections of Raychem Process Standard RCPS 150-02. |
Số phần tương tự - 2-1195361-5 |
|
Mô tả tương tự - 2-1195361-5 |