công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCF51QM128VLH bảng dữ liệu(PDF) 1 Page - Freescale Semiconductor, Inc

tên linh kiện MCF51QM128VLH
Giải thích chi tiết về linh kiện  MCF51QM128
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF51QM128VLH bảng dữ liệu(HTML) 1 Page - Freescale Semiconductor, Inc

  MCF51QM128VLH Datasheet HTML 1Page - Freescale Semiconductor, Inc MCF51QM128VLH Datasheet HTML 2Page - Freescale Semiconductor, Inc MCF51QM128VLH Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF51QM128VLH Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF51QM128VLH Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF51QM128VLH Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF51QM128VLH Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF51QM128VLH Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF51QM128VLH Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 71 page
background image
MCF51QM128
MCF51QM128
Supports the MCF51QM128VLH,
MCF51QM128VHS, MCF51QM64VLF,
MCF51QM64VHS, MCF51QM32VHS,
MCF51QM32VFM
Features
• Operating characteristics
– Voltage range: 1.71 V to 3.6 V
– Flash write voltage range: 1.71 V to 3.6 V
– Temperature range (ambient): -40°C to 105°C
• Core
– Up to 50 MHz V1 ColdFire CPU
– Dhrystone 2.1 performance: 1.10 DMIPS per MHz
when executing from internal RAM, 0.99 DMIPS
per MHz when executing from flash memory
• System
– DMA controller with four programmable channels
– Integrated ColdFire DEBUG_Rev_B+ interface with
single-wire BDM connection
• Power management
– 10 low power modes to provide power optimization
based on application requirements
– Low-leakage wakeup unit (LLWU)
– Voltage regulator (VREG)
• Clocks
– Crystal oscillators (two, each with range options): 1
kHz to 32 kHz (low), 1 MHz to 8 MHz (medium), 8
MHz to 32 MHz (high)
– Multipurpose clock generator (MCG)
• Memories and memory interfaces
– Flash memory, FlexNVM, FlexRAM, and RAM
– Serial programming interface (EzPort)
– Mini-FlexBus external bus interface
• Security and integrity
– Hardware CRC module to support fast cyclic
redundancy checks
– Hardware random number generator (RNGB)
– Hardware cryptographic acceleration unit (CAU)
– 128-bit unique identification (ID) number per chip
• Analog
– 16-bit SAR ADC
– 12-bit DAC
– Analog comparator (CMP) containing a 6-bit DAC
and programmable reference input
– Voltage reference (VREF)
• Timers
– Programmable delay block (PDB)
– Motor control/general purpose/PWM timers (FTM)
– 16-bit low-power timers (LPTMRs)
– 16-bit modulo timer (MTIM)
– Carrier modulator transmitter (CMT)
• Communication interfaces
– UARTs with Smart Card support and FIFO
– SPI modules, one with FIFO
– Inter-Integrated Circuit (I2C) modules
• Human-machine interface
– Up to 48 EGPIO pins
– Up to 16 rapid general purpose I/O (RGPIO) pins
– Low-power hardware touch sensor interface (TSI)
– Interrupt request pin (IRQ)
Freescale Semiconductor
Document Number: MCF51QM128
Data Sheet: Technical Data
Rev. 6, 01/2012
Freescale reserves the right to change the detail specifications as may be
required to permit improvements in the design of its products.
© 2010–2012 Freescale Semiconductor, Inc.


Số phần tương tự - MCF51QM128VLH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF51QM128VHS FREESCALE-MCF51QM128VHS Datasheet
1,012Kb / 69P
   Advance Information Temperature range (ambient): -40째C to 105째C
MCF51QM128VHX FREESCALE-MCF51QM128VHX Datasheet
1,012Kb / 69P
   Advance Information Temperature range (ambient): -40째C to 105째C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com