công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC34844 bảng dữ liệu(PDF) 1 Page - Freescale Semiconductor, Inc

tên linh kiện MC34844
Giải thích chi tiết về linh kiện  10 Channel LED Backlight Driver
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34844 bảng dữ liệu(HTML) 1 Page - Freescale Semiconductor, Inc

  MC34844 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC34844 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC34844 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC34844 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34844 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34844 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34844 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34844 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34844 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 62 page
background image
Document Number: MC34844
Rev. 9.0, 3/2012
Freescale Semiconductor
Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2009-2012. All rights reserved.
10 Channel LED Backlight Driver
with Integrated Power Supply
The 34844/A is a high efficiency, LED driver for use in backlighting
LCD displays from 10" to 20"+. Operating from supplies of 7.0 to 28 V,
the MC34844/A is capable of driving up to 160 LEDs in 10 parallel
strings. Current in the 10 strings is matched to within
±2%, and can be
programmed via the I2C/SM Bus interface.
The 34844/A also includes a Pulse Width Monitor (PWM) generator
for LED dimming. The LEDs can be dimmed to one of 256 levels,
programmed through the I2C/SM Bus interface. Up to 65,000:1 (256:1
PWM, 256:1 Current DAC) dimming ratio.
The integrated boost converter generates the minimum output
voltage required to keep all LEDs illuminated with the selected current,
providing the highest efficiency possible.
The 34844 has an integrated boost self-clocks at a default
frequency of 600 kHz, but may be programmed via I2C to 150/300/
600/1200 kHz. The PWM frequency can be set from 100 Hz to 25 kHz,
or can be synchronized to an external input. If not synchronized to
another source, the internal PWM rate outputs on the CK pin. This
enables multiple devices to be synchronized together.
The 34844A has a default boost frequency of 320 kHz, but may be
programmed via I2C to 160/320/650/1300 kHz. The PWM frequency
can be set from 110 Hz to 27 kHz, or can be synchronized to an
external input. If not synchronized to another source, the internal PWM
rate outputs on the CK pin. This enables multiple devices to be
synchronized together.
The 34844/A also supports optical/temperature closed loop
operation and also features LED over-temperature protection, LED
short protection, and LED open circuit protection. The IC also includes
over-voltage protection, over-current protection, and under-voltage
lockout.
Features
• Input voltage of 7.0 to 28 V
•2.5 A integrated boost FET
•Up to 50 mA on the 34844 LED current per channel
•Up to 80 mA on the 34844A LED current per channel
• 90% efficiency (DC:DC)
•I2C/SM Bus interface
• 10 channel current mirror with ±2% current matching
• Boost output voltage up to 60V, with Dynamic Headroom Control (DHC)
• PWM frequency programmable or synchronizable from 100 to 25,000 Hz for the 34844
• PWM frequency programmable or synchronizable from 110 to 27,000 Hz for the 34844A
• 32-Ld 5x5x1.0mm TQFN Package
Applications
• Monitors and HDTV - up to 42 inch
• Personal Computer Notebooks
• GPS Screens
• Small screen Televisions
LED DRIVER
34844
34844A
EP SUFFIX (PB-FREE)
98ASA10800D
32-PIN QFN-EP
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC34844EP/R2
-40 °C to 105 °C
32 QFN-EP
MC34844AEP/R2


Số phần tương tự - MC34844

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC34844 FREESCALE-MC34844 Datasheet
1Mb / 37P
   10 Channel LED Backlight Driver with Integrated Power Supply
MC34844 FREESCALE-MC34844 Datasheet
2Mb / 37P
   10 Channel LED Backlight Driver with Integrated Power Supply
MC34844AEP FREESCALE-MC34844AEP Datasheet
2Mb / 62P
   10 Channel LED Backlight Driver with Integrated Power Supply
MC34844AEPR2 FREESCALE-MC34844AEPR2 Datasheet
2Mb / 62P
   10 Channel LED Backlight Driver with Integrated Power Supply
MC34844EP FREESCALE-MC34844EP Datasheet
2Mb / 62P
   10 Channel LED Backlight Driver with Integrated Power Supply
More results

Mô tả tương tự - MC34844

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Leadtrend Technology
LD7889A LEADTREND-LD7889A Datasheet
554Kb / 17P
   4-Channel LED Backlight Driver
logo
Microsemi Corporation
LX24232 MICROSEMI-LX24232 Datasheet
52Kb / 2P
   32 Channel BackLight LED Driver
logo
Freescale Semiconductor...
34844 FREESCALE-34844_09 Datasheet
2Mb / 37P
   10 Channel LED Backlight Driver with Integrated Power Supply
MC34844 FREESCALE-MC34844 Datasheet
1Mb / 37P
   10 Channel LED Backlight Driver with Integrated Power Supply
MC34844AEP FREESCALE-MC34844AEP Datasheet
2Mb / 62P
   10 Channel LED Backlight Driver with Integrated Power Supply
MC34844EP FREESCALE-MC34844EP Datasheet
2Mb / 62P
   10 Channel LED Backlight Driver with Integrated Power Supply
MC34844AEPR2 FREESCALE-MC34844AEPR2 Datasheet
2Mb / 62P
   10 Channel LED Backlight Driver with Integrated Power Supply
34844 FREESCALE-34844_08 Datasheet
1Mb / 36P
   10 Channel LED Backlight Driver with Integrated Power Supply
logo
Newhaven Display Intern...
NHD-5.7B-LED NEWHAVEN-NHD-5.7B-LED Datasheet
195Kb / 3P
   LED Backlight Driver
NHD-5.7F-LED NEWHAVEN-NHD-5.7F-LED Datasheet
339Kb / 3P
   LED Backlight Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com