công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC34844 bảng dữ liệu(PDF) 6 Page - Freescale Semiconductor, Inc

tên linh kiện MC34844
Giải thích chi tiết về linh kiện  10 Channel LED Backlight Driver
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34844 bảng dữ liệu(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC34844_10 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC34844_10 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC34844_10 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34844_10 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34844_10 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34844_10 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34844_10 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34844_10 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC34844_10 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 62 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
6
34844
PIN CONNECTIONS
MC34844
PIN CONNECTIONS
Figure 4. 34844 Pin Connections
Table 2. 34844 Pin Definitions
A functional description of each pin can be found in the Functional Pin Description section beginning on page 14.
Pin Number
Pin Name
Pin Function
Formal Name
Definition
1
VIN
Power
Input voltage
Input supply
2
PGNDB
Power
Power Ground
Power ground
3
SWB
Input
Switch node B
Boost switch connection B
4
SWA
Input
Switch node A
Boost switch connection A
5
PGNDA
Power
Power Ground
Power ground
6
A0/SEN
Input
Device Select
Address select, device select pin or OVP HW control
7
EN
Input
Enable
Enable pin (active high, internal pull-up)
8 - 17
I0-I9
Input
LED Channel
LED string connections
18
FAIL
Open Drain
Fault detection
Fault detected pin (open drain):
No Failure = Low-impedance
Failure = High-impedance
19
ISET
Passive
Current set
LED current setting resistor
20
PIN
Input
Positive current scale
Positive input analog current control
21
NIN
Input
Negative current scale Negative input analog current control
22
SLOPE
Passive
Boost Slope
Boost slope compensation Setting resistor
23
VDC3
Output
Internal Regulator 3
Decoupling capacitor for internal phase locked loop power
24
CK
Input/Output
Clock signal
Clock synchronization pin (input for M/~S = low - internal pull-up, output
for M/~S = high)
VIN
PGNDB
SWB
SWA
PGNDA
A0/SEN
EN
IO
CK
VDC3
SLOPE
NIN
PIN
ISET
FAIL
I9
I1
I2
I3
I4
I5
I6
I7
I8
25
32
31
30
29
28
27
26
24
17
18
19
20
21
22
23
1
8
7
6
5
4
3
2
16
9
10
1112
131415
QFN - EP
5.0 MM X 5.0 MM
32 LEAD
EP GND
EP = Exposed Pad
TRANSPARENT
TOP VIEW


Số phần tương tự - MC34844_10

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC34844AEP FREESCALE-MC34844AEP Datasheet
2Mb / 62P
   10 Channel LED Backlight Driver with Integrated Power Supply
MC34844AEPR2 FREESCALE-MC34844AEPR2 Datasheet
2Mb / 62P
   10 Channel LED Backlight Driver with Integrated Power Supply
MC34844EP FREESCALE-MC34844EP Datasheet
2Mb / 62P
   10 Channel LED Backlight Driver with Integrated Power Supply
MC34844EP FREESCALE-MC34844EP Datasheet
2Mb / 62P
   10 Channel LED Backlight Driver with Integrated Power Supply
MC34844EP/R2 FREESCALE-MC34844EP/R2 Datasheet
1Mb / 36P
   10 Channel LED Backlight Driver with Integrated Power Supply
More results

Mô tả tương tự - MC34844_10

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Leadtrend Technology
LD7889A LEADTREND-LD7889A Datasheet
554Kb / 17P
   4-Channel LED Backlight Driver
logo
Microsemi Corporation
LX24232 MICROSEMI-LX24232 Datasheet
52Kb / 2P
   32 Channel BackLight LED Driver
logo
Freescale Semiconductor...
34844 FREESCALE-34844_09 Datasheet
2Mb / 37P
   10 Channel LED Backlight Driver with Integrated Power Supply
MC34844 FREESCALE-MC34844 Datasheet
1Mb / 37P
   10 Channel LED Backlight Driver with Integrated Power Supply
MC34844AEP FREESCALE-MC34844AEP Datasheet
2Mb / 62P
   10 Channel LED Backlight Driver with Integrated Power Supply
MC34844EP FREESCALE-MC34844EP Datasheet
2Mb / 62P
   10 Channel LED Backlight Driver with Integrated Power Supply
MC34844AEPR2 FREESCALE-MC34844AEPR2 Datasheet
2Mb / 62P
   10 Channel LED Backlight Driver with Integrated Power Supply
34844 FREESCALE-34844_08 Datasheet
1Mb / 36P
   10 Channel LED Backlight Driver with Integrated Power Supply
logo
Newhaven Display Intern...
NHD-5.7B-LED NEWHAVEN-NHD-5.7B-LED Datasheet
195Kb / 3P
   LED Backlight Driver
NHD-5.7F-LED NEWHAVEN-NHD-5.7F-LED Datasheet
339Kb / 3P
   LED Backlight Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com