công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC20XS4200 bảng dữ liệu(PDF) 8 Page - Freescale Semiconductor, Inc

tên linh kiện MC20XS4200
Giải thích chi tiết về linh kiện  Dual 24 V, 20 mOhm High Side Switch
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC20XS4200 bảng dữ liệu(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MC20XS4200 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC20XS4200 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC20XS4200 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC20XS4200 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC20XS4200 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC20XS4200 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC20XS4200 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC20XS4200 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC20XS4200 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
20XS4200
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
Unless specified otherwise: 8.0 V
≤ V
PWR ≤ 36 V, 3.0 V ≤ VDD ≤ 5.5 V, - 40 °C ≤ TA ≤ 125 °C, GND = 0 V. Typical values are
average values evaluated under nominal conditions TA = 25 °C, VPWR = 28 V & VDD = 5.0 V, unless specified otherwise.
Parameter
Symbol
Min
Typ
Max
Unit
SUPPLY ELECTRICAL CHARACTERISTICS
Supply Voltage Range:
Full Specification compliant
Extended Mode(10)
VPWR
8.0
6.0
24
36
58
V
VPWR Supply Current, device in wake-up mode, channel On, open-load
Outputs in ON-state,
HS[0:1] open, IN[0:1] > VIH
IPWR(ON)
6.5
8.0
mA
VPWR Supply Current, device in wake-up mode (Standby), channel Off
open-load in OFF-state detection disabled, HS[0:1] shorted to ground
with VDD = 5.5 V and RSTB > VWAKE
IPWR(SBY)
6.5
8.0
mA
Sleep State Supply Current
VPWR = 24 V, RSTB = IN[0:1] < VWAKE, HS[0:1] connected to ground
TA = 25 °C
TA = 125 °C
IPWR(SLEEP)
3.0
10.0
60.0
μA
VDD Supply Voltage
VDD(ON)
3.0
5.5
V
VDD Supply Current at VDD = 5.5 V
No SPI Communication
8.0 MHz SPI Communication(11)
IDD(ON)
5.0
2.2
mA
VDD Sleep State Current at VDD = 5.5 V with or without VPWR
IDD(SLEEP)
5.0
μA
Over-voltage Shutdown Threshold
VPWR(OV)
39
42
45.5
V
Over-voltage Shutdown Hysteresis
VPWR(OVHYS)
0.2
0.8
1.5
V
Under-voltage Shutdown Threshold(12)
VPWR(UV)
5.0
6.0
V
VPWR Power-On-Reset (POR) Voltage Threshold
(12)
VPWR(POR)
2.2
2.6
4.0
V
VDD Power-On-Reset (POR) Voltage Threshold
(12)
VDD(POR)
1.5
2.0
2.5
V
VDD Supply Failure Voltage Threshold (assumed VPWR > VPWR(UV))
VDD(FAIL)
2.2
2.5
2.8
V
Notes
10.
In extended mode, availability of several device functions (channel control, value of RDS(ON), over-temperature protection) is
guaranteed, but compliance with the specified values in this document is not. Below 6.0 V, the device is only protected from overheating
(thermal shutdown). Above VPWR(OV), the channels can only be turned ON when the over-voltage detection function has been disabled.
11.
Typical value guaranteed per design.
12.
When the device recovers from under-voltage and returns to normal mode (6.0 V < VPWR < 58 V) before the end of the auto-retry period
(see Auto-retry), the device will perform normally. When VPWR drops below VPWR(UV), under-voltage is detected (see Under-voltage
Fault (Latchable Fault) and EMC Performances).


Số phần tương tự - MC20XS4200

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MC20XS4200 NXP-MC20XS4200 Datasheet
1Mb / 71P
   Dual 24 V, 20 mOhm high-side switch
Rev. 7.0, 10/2022
MC20XS4200 NXP-MC20XS4200 Datasheet
2Mb / 71P
   Dual 24 V, 20 mOhm high-side switch
Rev. 8.0, 11/2022
MC20XS4200BAFK NXP-MC20XS4200BAFK Datasheet
1Mb / 71P
   Dual 24 V, 20 mOhm high-side switch
Rev. 7.0, 10/2022
MC20XS4200BAFK NXP-MC20XS4200BAFK Datasheet
2Mb / 71P
   Dual 24 V, 20 mOhm high-side switch
Rev. 8.0, 11/2022
MC20XS4200BDFK NXP-MC20XS4200BDFK Datasheet
1Mb / 71P
   Dual 24 V, 20 mOhm high-side switch
Rev. 7.0, 10/2022
More results

Mô tả tương tự - MC20XS4200

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MC20XS4200 NXP-MC20XS4200_V01 Datasheet
2Mb / 71P
   Dual 24 V, 20 mOhm high-side switch
Rev. 8.0, 11/2022
MC20XS4200 NXP-MC20XS4200 Datasheet
1Mb / 71P
   Dual 24 V, 20 mOhm high-side switch
Rev. 7.0, 10/2022
logo
Freescale Semiconductor...
MC10XS4200 FREESCALE-MC10XS4200 Datasheet
1Mb / 60P
   Dual 24 V, 10 mOhm High Side Switch
logo
NXP Semiconductors
MC22XSD200 NXP-MC22XSD200 Datasheet
1Mb / 58P
   Dual 24 V, 22 mOhm high-side switch
Rev. 2.0, 8/2016
MC10XS4200 NXP-MC10XS4200 Datasheet
2Mb / 71P
   Dual 24 V, 10 mOhm high-side switch
Rev. 8, 3/2022
MC06XS4200 NXP-MC06XS4200 Datasheet
1Mb / 69P
   Dual 24 V, 6.0 mOhm high-side switch
Rev. 5.0, 5/2018
MC50XSD200 NXP-MC50XSD200 Datasheet
1Mb / 58P
   Dual 24 V, 50 mOhm high-side switch
Rev. 2.0, 8/2016
logo
Freescale Semiconductor...
MC06XS4200 FREESCALE-MC06XS4200 Datasheet
626Kb / 4P
   Dual 24 V, 6.0 mOhm High Side Switch
logo
NXP Semiconductors
MC50XS4200 NXP-MC50XS4200 Datasheet
1Mb / 66P
   Dual 24 V, 50 mOhm high-side switch
Rev. 5.0, 6/2018
MC22XS4200 NXP-MC22XS4200_V01 Datasheet
1Mb / 64P
   Dual 24 V, 22 mOhm high-side switch
Rev. 7.0, 9/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com