công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC10XS4200 bảng dữ liệu(PDF) 4 Page - Freescale Semiconductor, Inc

tên linh kiện MC10XS4200
Giải thích chi tiết về linh kiện  Dual 24 V, 10 mOhm High Side Switch
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC10XS4200 bảng dữ liệu(HTML) 4 Page - Freescale Semiconductor, Inc

  MC10XS4200 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC10XS4200 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC10XS4200 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC10XS4200 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC10XS4200 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC10XS4200 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC10XS4200 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC10XS4200 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC10XS4200 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
10XS4200
PIN ASSIGNMENT
PIN ASSIGNMENT
Figure 3. 10XS4200 Pin Assignments
Table 1. 10XS4200 Pin Description
The function of each pin is described in the section Functional Description
Pin
Number
Pin Name
Function
Formal Name
Definition
1
CSNS
Output
Output Current/
Temperature
Monitoring
This pin either outputs a current proportional to the channel’s output current or
a voltage proportional to the temperature of the GND pin (pin 14). Selection
between current and temperature sensing, as well as setting the current
sensing sensitivity, are performed through the SPI interface. An external pull-
down resistor must be connected between CSNS and GND.
2
3
IN0
IN1
Input
Direct Inputs
The IN[0:1] input pins are used to directly control the switching state of both
switches and consequently the voltage on the HS0:HS1 output pins. The pins
are connected to GND by internal pull-down resistors
4
FSOB
Output
Fail-safe Output
(Active Low)
FSOB is asserted (active-low) upon entering Fail-safe mode (see Functional
Description) This open-drain output requires an external pull-up resistor to
VPWR
5
6
CONF0
CONF1
Input
Configuration Input
The CONF[0:1] input pins are used to select the appropriate over-current
detection profile (bulb /DC motor) for each of both channels. CONF requires a
pull-down resistor to GND.
7
FSB
Output
Fault Status
(Active Low)
This open-drain output pin (external pull-up resistor to VDD is required) is set
when the device enters Fault mode (see Fault Mode)
8
CLOCK
Input
PWM Clock
The clock input gives the time-base when the device is operated in external
clock/internal PWM mode.
This pin has an internal pull-down current source.
9
RSTB
Input
Reset
This input pin is used to initialize the device’s configuration - and fault registers.
Reset will put the device in Sleep mode (low current consumption) provided it
is not stimulated by direct input signals.This pin is connected to GND by an
internal pull-down resistor.
10
CSB
Input
Chip Select
(Active Low)
This input pin is connected to the SPI chip-select output of an external micro-
controller. CSB is internally pulled up to VDD by a current source IUP.
Transparent Top View
20
19
15
14
HS0
HS1
GND
VPWR
23
22
21
16
17
18
SYNC
GND
VPWR
SO
GND
VPWR


Số phần tương tự - MC10XS4200

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MC10XS4200 NXP-MC10XS4200 Datasheet
2Mb / 71P
   Dual 24 V, 10 mOhm high-side switch
Rev. 8, 3/2022
MC10XS4200BAFK NXP-MC10XS4200BAFK Datasheet
2Mb / 71P
   Dual 24 V, 10 mOhm high-side switch
Rev. 8, 3/2022
MC10XS4200BDFK NXP-MC10XS4200BDFK Datasheet
2Mb / 71P
   Dual 24 V, 10 mOhm high-side switch
Rev. 8, 3/2022
MC10XS4200BFK NXP-MC10XS4200BFK Datasheet
2Mb / 71P
   Dual 24 V, 10 mOhm high-side switch
Rev. 8, 3/2022
MC10XS4200CFK NXP-MC10XS4200CFK Datasheet
2Mb / 71P
   Dual 24 V, 10 mOhm high-side switch
Rev. 8, 3/2022
More results

Mô tả tương tự - MC10XS4200

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MC10XS4200 NXP-MC10XS4200 Datasheet
2Mb / 71P
   Dual 24 V, 10 mOhm high-side switch
Rev. 8, 3/2022
MC22XSD200 NXP-MC22XSD200 Datasheet
1Mb / 58P
   Dual 24 V, 22 mOhm high-side switch
Rev. 2.0, 8/2016
MC06XS4200 NXP-MC06XS4200 Datasheet
1Mb / 69P
   Dual 24 V, 6.0 mOhm high-side switch
Rev. 5.0, 5/2018
logo
Freescale Semiconductor...
MC20XS4200 FREESCALE-MC20XS4200 Datasheet
1Mb / 60P
   Dual 24 V, 20 mOhm High Side Switch
logo
NXP Semiconductors
MC50XSD200 NXP-MC50XSD200 Datasheet
1Mb / 58P
   Dual 24 V, 50 mOhm high-side switch
Rev. 2.0, 8/2016
logo
Freescale Semiconductor...
MC06XS4200 FREESCALE-MC06XS4200 Datasheet
626Kb / 4P
   Dual 24 V, 6.0 mOhm High Side Switch
logo
NXP Semiconductors
MC50XS4200 NXP-MC50XS4200 Datasheet
1Mb / 66P
   Dual 24 V, 50 mOhm high-side switch
Rev. 5.0, 6/2018
MC22XS4200 NXP-MC22XS4200_V01 Datasheet
1Mb / 64P
   Dual 24 V, 22 mOhm high-side switch
Rev. 7.0, 9/2022
MC20XS4200 NXP-MC20XS4200_V01 Datasheet
2Mb / 71P
   Dual 24 V, 20 mOhm high-side switch
Rev. 8.0, 11/2022
MC20XS4200 NXP-MC20XS4200 Datasheet
1Mb / 71P
   Dual 24 V, 20 mOhm high-side switch
Rev. 7.0, 10/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com