công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC06XS3517AFK bảng dữ liệu(PDF) 11 Page - Freescale Semiconductor, Inc

tên linh kiện MC06XS3517AFK
Giải thích chi tiết về linh kiện  Smart High Side Switch Module
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC06XS3517AFK bảng dữ liệu(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MC06XS3517AFK Datasheet HTML 7Page - Freescale Semiconductor, Inc MC06XS3517AFK Datasheet HTML 8Page - Freescale Semiconductor, Inc MC06XS3517AFK Datasheet HTML 9Page - Freescale Semiconductor, Inc MC06XS3517AFK Datasheet HTML 10Page - Freescale Semiconductor, Inc MC06XS3517AFK Datasheet HTML 11Page - Freescale Semiconductor, Inc MC06XS3517AFK Datasheet HTML 12Page - Freescale Semiconductor, Inc MC06XS3517AFK Datasheet HTML 13Page - Freescale Semiconductor, Inc MC06XS3517AFK Datasheet HTML 14Page - Freescale Semiconductor, Inc MC06XS3517AFK Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
06XS3517
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
CHANNEL 4 - FOG LIGHT(6.0 m
 CHANNEL)
Output Drain-to-Source ON Resistance (IOUT = 5.5 A, TA = 25 °C)
VBAT = 13.5 V
VBAT = 7.0 V
RDS(ON)25
6.0
9.0
m
Output Drain-to-Source ON Resistance (IOUT = 5.5 A, VBAT = 13.5 V,
TA = 150 °C)
(26)
RDS(ON)150
10.2
m
Reverse Source-to-Drain ON Resistance (IOUT = -5.5 A, TA = 25 C)
(27)
VBAT = -12 V
RSD(ON)25
12
m
High Over-current Shutdown Threshold 1, VBAT = 16 V
IOCHI1
96
123
150
A
High Over-current Shutdown Threshold 2
IOCHI2
40
50.5
61
A
Low Over-current Shutdown Threshold
H7 Bulb
IOCLO
17
22.5
28
A
Open Load Current Threshold in ON State(28)
IOL
0.15
0.62
1.5
A
Open Load Current Threshold in ON State with LED(29)
VOL = VBAT - 0.8 V
IOLLED
4.0
10.0
20.0
mA
Current Sense Full Scale Range(30)
ICS FSR
19
A
Severe Short-circuit Impedance Range(26)
RSC1(OUT4)
65
m
CHANNEL 5 - FLASHER (17 m
 CHANNEL)
Output Drain-to-Source ON Resistance (IOUT = 2.8 A, TA = 25 °C)
VBAT = 13.5 V
VBAT = 7.0 V
RDS(ON)25
17
26.7
m
Output Drain-to-Source ON Resistance (IOUT = 2.8 A, VBAT = 13.5 V,
TA = 150 °C)
(31)
RDS(ON)150
18.9
m
Reverse Source-to-Drain ON Resistance (IOUT = -2.8A, TJ = 25C)
(32)
VBAT = -12V
RSD(ON)25
34
m
High Over-current Shutdown Threshold 1,
IOCHI1
48
56.2
72
A
High Over-current Shutdown Threshold 2
IOCHI2
21.0
25.8
30.5
A
Low Over-current Shutdown Threshold
IOCLO
9.0
11.5
14
A
Notes
26.
Parameter guaranteed by design; however, it is not production tested.
27.
Source-to-Drain ON Resistance (Reverse Drain-to-Source ON Resistance) with negative polarity VBAT.
28.
OLLED4, bit D3 in SI data is set to [0].
29.
OLLED4, bit D3 in SI data is set to [1].
30.
For typical value of ICS FSR, ICSNS = 5.0 mA.
31.
Parameter guaranteed by design; however, it is not production tested.
32.
Source-to-Drain ON Resistance (Reverse Drain-to-Source ON Resistance) with negative polarity VBAT.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 3.0 V
 V
CC  5.5 V, 7.0 V  VBAT  20 V, - 40 C  T
A  125 C, GND = 0 V, unless
otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25 °C under nominal conditions, unless
otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Số phần tương tự - MC06XS3517AFK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MC06XS3517AFK NXP-MC06XS3517AFK Datasheet
2Mb / 41P
   Smart High-side Switch Module (Triple 6.0 mOhm and Dual 17 mOhm)
Rev. 5.0, 4/2014
More results

Mô tả tương tự - MC06XS3517AFK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
06XS3517_V3 FREESCALE-06XS3517_V3 Datasheet
1Mb / 42P
   Smart High Side Switch Module
logo
Fairchild Semiconductor
FDBS09H04A FAIRCHILD-FDBS09H04A Datasheet
1Mb / 19P
   Smart High Side Switch
logo
Bourns Electronic Solut...
FDDS100H06-F085 BOURNS-FDDS100H06-F085 Datasheet
407Kb / 16P
   Smart High Side Switch
logo
Infineon Technologies A...
ITS4141N INFINEON-ITS4141N Datasheet
444Kb / 19P
   Smart High-Side Power Switch
2006-03-09
BTS50040-2SFA INFINEON-BTS50040-2SFA Datasheet
1Mb / 29P
   Smart High-Side Power Switch
V2.0, 2016-02-02
BTS50060-1TEA INFINEON-BTS50060-1TEA_11 Datasheet
1Mb / 39P
   Smart High-Side Power Switch
Rev. 1.2, 2011-09-01
BTS5045-2EKA INFINEON-BTS5045-2EKA_11 Datasheet
1Mb / 54P
   Smart High-Side Power Switch
Rev. 2.1, 2011-09-01
BTS5030-1EJA INFINEON-BTS5030-1EJA Datasheet
2Mb / 53P
   Smart High-Side Power Switch
Rev. 2.2, 2013-09-06
BTS5020-1EKA INFINEON-BTS5020-1EKA Datasheet
2Mb / 55P
   Smart High-Side Power Switch
Rev. 2.2, 2013-11-12
BSP752R INFINEON-BSP752R_07 Datasheet
259Kb / 18P
   Smart High-Side Power Switch
V1.1, 2007-05-29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com