công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
U-DFN3016-12 bảng dữ liệu(PDF) 7 Page - Diodes Incorporated |
|
U-DFN3016-12 bảng dữ liệu(HTML) 7 Page - Diodes Incorporated |
7 / 27 page ALL DIMENSIONS ARE NOMINAL VALUES SHOWN IN MILLIMETERS Note: The suggested land pattern dimensions have been provided for reference only, as actual pad layouts may vary depending on application. These numbers may be modified based on user equipment capability or fabrication criteria. A more robust pattern may be desired for wave soldering and is calculated by adding 0.2 mm to the ‘Z’ dimension. For further information, please reference document IPC-7351A, Naming Convention for Standard SMT Land Patterns, and for International grid details, please see document IEC, Publication 97. AP02001 Rev. 52 7 of 27 www.diodes.com Suggested Pad Layout © Diodes Incorporated U-DFN2626-10 Dimensions Value (in mm) C 0.500 X 0.300 X1 2.250 X2 2.300 Y 0.600 Y1 1.360 Y2 3.000 U-DFN3016-12 Dimensions Value (in mm) C 0.500 X 0.300 X1 2.800 X2 2.250 Y 0.600 Y1 0.450 Y2 2.050 W-DFN3020-8 Type B Dimensions Value (in mm) C 0.650 G 0.285 G1 0.090 X 0.400 X1 1.120 Y 0.730 Y1 0.500 Y2 0.365 Pin1 X2 Y2 C X Y Y1 X1 Y2 Y1 X1 X2 Y (12x) CX (12x) C X1 G1 X Y1 Y Y2 G |
Số phần tương tự - U-DFN3016-12 |
|
Mô tả tương tự - U-DFN3016-12 |