công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS41B49 bảng dữ liệu(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS41B49
Giải thích chi tiết về linh kiện  12-Bit, 200-MSPS, Ultralow-Power ADC
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADS41B49 bảng dữ liệu(HTML) 5 Page - Texas Instruments

  ADS41B49 Datasheet HTML 1Page - Texas Instruments ADS41B49 Datasheet HTML 2Page - Texas Instruments ADS41B49 Datasheet HTML 3Page - Texas Instruments ADS41B49 Datasheet HTML 4Page - Texas Instruments ADS41B49 Datasheet HTML 5Page - Texas Instruments ADS41B49 Datasheet HTML 6Page - Texas Instruments ADS41B49 Datasheet HTML 7Page - Texas Instruments ADS41B49 Datasheet HTML 8Page - Texas Instruments ADS41B49 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 61 page
background image
ADS4128
www.ti.com
SBAS578 – MAY 2012
ELECTRICAL CHARACTERISTICS
Typical values are at +25°C, AVDD = 1.8 V, DRVDD = 1.8 V, 50% clock duty cycle, –1-dBFS differential analog input, 1-dB
gain, and DDR LVDS interface, unless otherwise noted.
Minimum and maximum values are across the full temperature range: TMIN = –40°C to TMAX = +85°C, AVDD = 1.8 V, and
DRVDD = 1.8 V. Note that after reset, the device is in 0-dB gain mode.
ADS4128
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
Bits
fIN = 10 MHz
70
dBFS
fIN = 70 MHz
70
dBFS
SNR
Signal-to-noise ratio, LVDS
fIN = 100 MHz
69.7
dBFS
fIN = 170 MHz
65.8
69
dBFS
fIN = 300 MHz
68.2
dBFS
fIN = 10 MHz
69.8
dBFS
fIN = 70 MHz
69.2
dBFS
SINAD
Signal-to-noise and distortion ratio, LVDS
fIN = 100 MHz
69.1
dBFS
fIN = 170 MHz
65.5
68.8
dBFS
fIN = 300 MHz
67
dBFS
fIN = 10 MHz
87
dBc
fIN = 70 MHz
80
dBc
SFDR
Spurious-free dynamic range
fIN = 100 MHz
82
dBc
fIN = 170 MHz
70
85
dBc
fIN = 300 MHz
74
dBc
fIN = 10 MHz
84
dBc
fIN = 70 MHz
78
dBc
THD
Total harmonic distortion
fIN = 100 MHz
79
dBc
fIN = 170 MHz
69
83
dBc
fIN = 300 MHz
73
dBc
fIN = 10 MHz
90
dBc
fIN = 70 MHz
84
dBc
HD2
Second-harmonic distortion
fIN = 100 MHz
83
dBc
fIN = 170 MHz
70
85
dBc
fIN = 300 MHz
74
dBc
fIN = 10 MHz
87
dBc
fIN = 70 MHz
80
dBc
HD3
Third-harmonic distortion
fIN = 100 MHz
82
dBc
fIN = 170 MHz
70
86
dBc
fIN = 300 MHz
79
dBc
fIN = 10 MHz
93
dBc
fIN = 70 MHz
93
dBc
Worst spur
fIN = 100 MHz
91
dBc
(other than second and third harmonics)
fIN = 170 MHz
75
90
dBc
fIN = 300 MHz
88
dBc
f1 = 46 MHz, f2 = 50 MHz,
–85
dBFS
each tone at –7 dBFS
IMD
Two-tone intermodulation distortion
f1 = 185 MHz, f2 = 190 MHz,
–90
dBFS
each tone at –7 dBFS
Recovery to within 1% (of final value) for
Input overload recovery
1
Clock cycles
6-dB overload with sine-wave input
For 50-mVPP signal on AVDD supply,
PSRR
AC power-supply rejection ratio
> 30
dB
up to 10 MHz
ENOB
Effective number of bits
fIN = 170 MHz
11.2
LSBs
DNL
Differential nonlinearity
fIN = 170 MHz
–0.95
±0.2
1.6
LSBs
INL
Integrated nonlinearity
fIN = 170 MHz
±0.5
±5
LSBs
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): ADS4128


Số phần tương tự - ADS41B49

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS41B49 TI-ADS41B49 Datasheet
1Mb / 75P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS41B49 TI-ADS41B49 Datasheet
1Mb / 64P
[Old version datasheet]   14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
ADS41B49IRGZ25 TI-ADS41B49IRGZ25 Datasheet
2Mb / 65P
[Old version datasheet]   14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
ADS41B49IRGZR TI-ADS41B49IRGZR Datasheet
1Mb / 64P
[Old version datasheet]   14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
ADS41B49IRGZR TI-ADS41B49IRGZR Datasheet
2Mb / 65P
[Old version datasheet]   14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
More results

Mô tả tương tự - ADS41B49

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS4128 TI1-ADS4128_14 Datasheet
1Mb / 62P
[Old version datasheet]   12-Bit, 200-MSPS, Ultralow-Power ADC
ADS4128 TI1-ADS4128_16 Datasheet
2Mb / 57P
[Old version datasheet]   12-Bit, 200-MSPS, Ultralow-Power ADC
ADS4229 TI1-ADS4229_14 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS4229 TI1-ADS4229 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
OCTOBER2011
ADS4229 TI1-ADS4229_15 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS4229IRGC25 TI1-ADS4229IRGC25 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
logo
Analog Devices
AD7091 AD-AD7091 Datasheet
448Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 8-Lead LFCSP
REV. A
logo
Texas Instruments
ADS42B49 TI1-ADS42B49 Datasheet
1Mb / 65P
[Old version datasheet]   250-MSPS Ultralow-Power ADC
ADS4222 TI1-ADS4222_15 Datasheet
3Mb / 88P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65 MSPS Ultralow-Power ADC
logo
Analog Devices
AD7091R-2 AD-AD7091R-2 Datasheet
861Kb / 42P
   2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com