công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS4129 bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS4129
Giải thích chi tiết về linh kiện  12-Bit, 200-MSPS, Ultralow-Power ADC
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADS4129 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  ADS4129 Datasheet HTML 1Page - Texas Instruments ADS4129 Datasheet HTML 2Page - Texas Instruments ADS4129 Datasheet HTML 3Page - Texas Instruments ADS4129 Datasheet HTML 4Page - Texas Instruments ADS4129 Datasheet HTML 5Page - Texas Instruments ADS4129 Datasheet HTML 6Page - Texas Instruments ADS4129 Datasheet HTML 7Page - Texas Instruments ADS4129 Datasheet HTML 8Page - Texas Instruments ADS4129 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 61 page
background image
ADS4128
www.ti.com
SBAS578 – MAY 2012
12-Bit, 200-MSPS, Ultralow-Power ADC
Check for Samples: ADS4128
1
FEATURES
DESCRIPTION
The ADS4128 is a 12-bit analog-to-digital converter
23
Maximum Sample Rate: 200 MSPS
(ADC) with sampling rates up to 200 MSPS. This
Ultralow Power with 1.8-V Single Supply:
device uses innovative design techniques to achieve
230-mW Total Power at 200 MSPS
high
dynamic
performance,
while
consuming
extremely low power at 1.8-V supply. The device is
High Dynamic Performance:
well-suited
for
multi-carrier,
wide-bandwidth
SNR: 69 dBFS at 170 MHz
communications applications.
SFDR: 85 dBc at 170 MHz
The ADS4128 has fine-gain options that can be used
Dynamic Power Scaling with Sample Rate
to improve SFDR performance at lower full-scale
Output Interface:
input ranges, especially at high input frequencies. It
includes a dc offset correction loop that can be used
Double Data Rate (DDR) LVDS with
to cancel the ADC offset. At lower sampling rates, the
Programmable Swing and Strength
ADC automatically operates at scaled-down power
Standard Swing: 350 mV
with no loss in performance.
Low Swing: 200 mV
The ADS4128 is available in a compact QFN-48
Default Strength: 100-
Ω Termination
package
and
is
specified
over
the
industrial
2x Strength: 50-
Ω Termination
temperature range (–40°C to +85°C)
1.8-V Parallel CMOS Interface Also
Supported
Programmable Gain up to 6 dB for SNR and
SFDR Trade-Off
DC Offset Correction
Supports Low Input Clock Amplitude Down To
200 mVPP
Package: 7-mm × 7-mm QFN-48
Family Comparison
WITH ANALOG INPUT
SAMPLING RATE
BUFFERS
FAMILY
65 MSPS
125 MSPS
160 MSPS
200 MSPS
250 MSPS
200 MSPS
250 MSPS
ADS412x
ADS4122
ADS4125
ADS4126
ADS4128
ADS4129
ADS41B29
12-bit family
ADS414x
ADS4142
ADS4145
ADS4146
ADS4149
ADS41B49
14-bit family
9-bit
ADS58B19
11-bit
ADS58B18
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - ADS4129

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS4129 TI-ADS4129 Datasheet
1Mb / 75P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4129 TI-ADS4129 Datasheet
1Mb / 77P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4129 TI-ADS4129 Datasheet
1Mb / 79P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4129 TI1-ADS4129 Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4129 TI1-ADS4129 Datasheet
2Mb / 83P
[Old version datasheet]   12-/14-Bit, 160/250MSPS, Ultralow-Power ADC
More results

Mô tả tương tự - ADS4129

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS4128 TI1-ADS4128_14 Datasheet
1Mb / 62P
[Old version datasheet]   12-Bit, 200-MSPS, Ultralow-Power ADC
ADS4128 TI1-ADS4128_16 Datasheet
2Mb / 57P
[Old version datasheet]   12-Bit, 200-MSPS, Ultralow-Power ADC
ADS4229 TI1-ADS4229_14 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS4229 TI1-ADS4229 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
OCTOBER2011
ADS4229 TI1-ADS4229_15 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS4229IRGC25 TI1-ADS4229IRGC25 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
logo
Analog Devices
AD7091 AD-AD7091 Datasheet
448Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 8-Lead LFCSP
REV. A
logo
Texas Instruments
ADS42B49 TI1-ADS42B49 Datasheet
1Mb / 65P
[Old version datasheet]   250-MSPS Ultralow-Power ADC
ADS4222 TI1-ADS4222_15 Datasheet
3Mb / 88P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65 MSPS Ultralow-Power ADC
logo
Analog Devices
AD7091R-2 AD-AD7091R-2 Datasheet
861Kb / 42P
   2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com