công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADS4125 bảng dữ liệu(PDF) 3 Page - Texas Instruments |
|
|
ADS4125 bảng dữ liệu(HTML) 3 Page - Texas Instruments |
3 / 61 page ADS4128 www.ti.com SBAS578 – MAY 2012 ABSOLUTE MAXIMUM RATINGS (1) Over operating free-air temperature range, unless otherwise noted. VALUE UNIT AVDD –0.3 to 2.1 V Supply voltage range DRVDD –0.3 to 2.1 V Between AGND and DRGND –0.3 to 0.3 V Between AVDD to DRVDD (when 0 to 2.1 V Voltage AVDD leads DRVDD) Between DRVDD to AVDD (when 0 to 2.1 V DRVDD leads AVDD) INP, INM –0.3 to minimum (1.9, AVDD + 0.3) V Voltage applied to input pins CLKP, CLKM(2), DFS, OE –0.3 to AVDD + 0.3 V RESET, SCLK, SDATA, SEN –0.3 to 3.9 V Operating free-air, TA –40 to +85 °C Temperature range Operating junction, TJ +125 °C Storage, Tstg –65 to +150 °C Electrostatic discharge (ESD) Human body model (HBM) 2 kV ratings (1) Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those specified is not implied. (2) When AVDD is turned off, it is recommended to switch off the input clock (or ensure the voltage on CLKP and CLKM is less than |0.3 V|. This setting prevents the ESD protection diodes at the clock input pins from turning on. THERMAL INFORMATION ADS4128 THERMAL METRIC(1) RGZ (QFN) UNITS 48 PINS θJA Junction-to-ambient thermal resistance 27.9 θJCtop Junction-to-case (top) thermal resistance 15.1 θJB Junction-to-board thermal resistance 5.4 °C/W ψJT Junction-to-top characterization parameter 0.3 ψJB Junction-to-board characterization parameter 5.4 θJCbot Junction-to-case (bottom) thermal resistance 1.7 (1) For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953. Copyright © 2012, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Link(s): ADS4128 |
Số phần tương tự - ADS4125 |
|
Mô tả tương tự - ADS4125 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |