công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
6T10F-C bảng dữ liệu(PDF) 2 Page - Nell Semiconductor Co., Ltd |
|
6T10F-C bảng dữ liệu(HTML) 2 Page - Nell Semiconductor Co., Ltd |
2 / 6 page www.nellsemi.com Page 2 of 6 C I - II - III IV MAX. 25 50 50 100 mA ALL ALL MAX. I - III - IV MAX. 40 mA II MIN. MIN. V (2) TM MAX. Vt0 (2) Threshold voltage MAX. Dynamic resistance MAX. IDRM IRRM V = V DRM RRM MAX. mA Note 1: Minimum l is guaranted at 5% of l max. GT GT Note 2: For both polarities of A2 referenced to A1. QUADRANT 6Txxxx V = 12 V, R = 30Ω D L V = V , R = 3.3KΩ, D DRM L T = 125°C j I = 200 mA T I = 1.2 I G GT V = 67% V , gate open, T = 125°C D DRM j (dI/dt)c = 2.7 A/ms, T = 125°C j 1.3 0.2 V V mA V/µs V/µs 50 50 25 80 100 200 400 5 10 I = 8.5 A, TM t = 380 µs P T = 125°C j T = 25°C j T = 125°C j T = 125°C j T = 25°C j 1.55 0.85 60 5 1 V V µA mΩ STATIC CHARACTERISTICS UNIT VALUE UNIT TEST CONDITIONS TEST CONDITIONS SYMBOL SYMBOL 6Txxxx Unit I (1) GT I - II - III VGT I - II - III VGD I - II - III (2) IH MAX. I - III MAX. mA II (2) dV/dt MIN. (dI/dt)c(2) MIN. - A/ms - - IL MAX. MIN. V = 12 V, R = 30Ω D L V = V , R = 3.3KΩ D DRM L T = 125°C j I = 200 mA T I = 1.2 I G GT V = 67% V gate open ,T = 125°C D DRM j , (dV/dt)c = 0.1 V/µs (dV/dt)c = 10 V/µs Without snubber T = 125°C j T = 125°C j T = 125°C j MAX. 05 10 10 15 20 2.7 1.2 10 50 1.3 0.2 15 55 25 70 30 80 40 1000 3.5 2.4 5.3 - mA V V mA V/µs TEST CONDITIONS QUADRANT SYMBOL TW SW BW - - 35 40 50 60 400 3.5 CW SNUBBERLESS and Logic level (3 quadrants) Standard (4 quadrants) I (1) GT VGT VGD (2) IH (2) dV/dt IL (2) (dV/dt)c (2) Rd SEMICONDUCTOR 6T Series RoHS RoHS B (T ºC unless otherwise specified) J= 25 ELECTRICAL CHARACTERISTICS (T ºC unless otherwise specified) J= 25 ELECTRICAL CHARACTERISTICS |
Số phần tương tự - 6T10F-C |
|
Mô tả tương tự - 6T10F-C |