công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD7686 bảng dữ liệu(PDF) 7 Page - Analog Devices |
|
AD7686 bảng dữ liệu(HTML) 7 Page - Analog Devices |
7 / 24 page Data Sheet AD7988-1/AD7988-5 Rev. B | Page 7 of 24 ABSOLUTE MAXIMUM RATINGS Table 5. Parameter Rating Analog Inputs IN+,1 IN−1 to GND −0.3 V to VREF + 0.3 V or ±130 mA Supply Voltage REF, VIO to GND −0.3 V to +6 V VDD to GND −0.3 V to +3 V VDD to VIO +3 V to −6 V Digital Inputs to GND −0.3 V to VIO + 0.3 V Digital Outputs to GND −0.3 V to VIO + 0.3 V Storage Temperature Range −65°C to +125°C Junction Temperature 150°C θJA Thermal Impedance 10-Lead MSOP 200°C/W 10-Lead LFCSP 80°C/W θJC Thermal Impedance 10-Lead MSOP 44°C/W 10-Lead LFCSP 15°C/W Reflow Soldering JEDEC Standard (J-STD-020) 1 See the Analog Inputs section. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ESD CAUTION |
Số phần tương tự - AD7686 |
|
Mô tả tương tự - AD7686 |