công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
5-1415037-1 bảng dữ liệu(PDF) 7 Page - Tyco Electronics |
|
5-1415037-1 bảng dữ liệu(HTML) 7 Page - Tyco Electronics |
7 / 7 page General Purpose Relays 7 SCHRACK Datasheet 2010/11 Rev. JK1 www.tycoelectronics.com www.schrackrelays.com © 2010 Tyco Electronics Ltd. Datasheets and product specification acc. IEC 61810-1 and to be used only together with the ‘Definitions’ section. Datasheets and product data is subject to the terms of the disclaimer and all chapters of the ‘Definitions’ section, available at http://relays.tycoelectronics.com/definitions Datasheets, product data, ‘Definitions’ section, application notes and all specifications are subject to change. Accessories Miniature Relay PT (Continued) Technical data (Continued) 2-pole 3-pole 4-pole RoHS - Directive 2002/95/EC compliant as per product date code 0517 Ambient temperature range -40...+80°C Terminals pcb, solder terminals Insertion cycles A (10) Max. Insertion Force total 100 N Mounting distance W 0, dense packing Resistance to soldering heat 270°C / 10 s Weight 6 g 7 g 7 g Packaging unit 25 pcs PT sockets Type Part Number PT 78 600 Socket with solder terminals, 4 pole 4-1415043-1 PT 78 602 Socket with PCB terminals, 2 pole 5-1415043-1 PT 78 603 Socket with PCB terminals, 3 pole 1393162-5 PT 78 604 Socket with PCB terminals, 4 pole 3-1415043-1 PT 78 601 Socket with solder terminals, 4 pole 6-1415043-1 Accessories for PT 78 600, PT 78 601, PT 78 602, PT 78 603, PT 78 604 Type Part Number PT 28 802 Metal retaining clip PT, relay height 29 mm 1393162-1 |
Số phần tương tự - 5-1415037-1 |
|
Mô tả tương tự - 5-1415037-1 |