công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P001-1-010X bảng dữ liệu(PDF) 3 Page - Ensign Corporation |
|
P001-1-010X bảng dữ liệu(HTML) 3 Page - Ensign Corporation |
3 / 3 page PXXX -X X XXX X XXXX Printed Circuit Mount Rating: P001 = 1.1VA, models up to 20V are also Class 2 (see Page 9) P002 = 2.4VA, models up to 24V are also Class 2 (see Page 9) P006 = 6VA P012 = 12VA P020 = 20VA P036 = 36VA Primary Voltage: -1 = 120V -2 = 120/240V Dual (series / parallel) -3 = 240V Optional Internal Protector: - (dash) = No internal protector A through Z = Over-current and/or over-temperature protection (Contact for list of available protectors) Secondary Voltage (10V through 120V, in 1V Increments): 010 through 120 = Dual Secondary (series / parallel) Number represents the voltage of the series connection. Example: “024” = 12V (parallel) / 24V (series) 510 through 620 = Center-tapped Secondary Number represents the total voltage plus 500. Example: “524” = 24V with center-tap (12V on each side) 710 through 820 = Single Secondary Number represents the voltage plus 700. Example: “724” = 24V Indication of Adjustment in Primary Voltage: Blank = 120V, 120/240V or 240V, as selected above X = 115V instead of 120V and/or 230V instead of 240V Frequency: Blank = 50/60Hz -60HZ = Economy 60Hz-only Examples: P006-2-724X = 6VA, Dual 115/230V (series/parallel) Primary, 50/60Hz, no internal protector, Single 24V Secondary P006-2-724 = Same as above except 120/240V Primary P006-1A024 60HZ = 6VA, Single 120V Primary, 60Hz only, 130 C thermal cutoff, Dual 12/24V (series/parallel) Secondary Captain Class Class 2 Sales Office : 300 W Factory Rd., Addison, IL 60101 • Ph: (630) 628-9999 • Fax: (630) 628-9922 • www.ensigncorp.com 8 Take advantage of these pre-designed models, or let us customize to your requirements. That’s our specialty. |
Số phần tương tự - P001-1-010X |
|
Mô tả tương tự - P001-1-010X |