công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCM6706BJ12R bảng dữ liệu(PDF) 3 Page - Motorola, Inc

tên linh kiện MCM6706BJ12R
Giải thích chi tiết về linh kiện  32K x 8 Bit Static Random Access Memory
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM6706BJ12R bảng dữ liệu(HTML) 3 Page - Motorola, Inc

  MCM6706BJ12R Datasheet HTML 1Page - Motorola, Inc MCM6706BJ12R Datasheet HTML 2Page - Motorola, Inc MCM6706BJ12R Datasheet HTML 3Page - Motorola, Inc MCM6706BJ12R Datasheet HTML 4Page - Motorola, Inc MCM6706BJ12R Datasheet HTML 5Page - Motorola, Inc MCM6706BJ12R Datasheet HTML 6Page - Motorola, Inc MCM6706BJ12R Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MCM6706B
3
MOTOROLA FAST SRAM
CAPACITANCE (f = 1.0 MHz, dV = 3.0 V, TA = 25°C, Periodically Sampled Rather Than 100% Tested)
Parameter
Symbol
Max
Unit
Address Input Capacitance
Cin
5
pF
Control Pin Input Capacitance (E, G, W)
Cin
6
pF
I/O Capacitance
Cout
6
pF
AC OPERATING CONDITIONS AND CHARACTERISTICS
(VCC = 5.0 V ± 10%, TA = 0 to + 70°C, Unless Otherwise Noted)
Input Timing Measurement Reference Level
1.5 V
. . . . . . . . . . . . . . .
Input Pulse Levels
0 to 3.0 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Rise/Fall Time
2 ns
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Timing Measurement Reference Level
1.5 V
. . . . . . . . . . . . .
Output Load
See Figure 1a
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
READ CYCLE (See Notes 1 and 2)
MCM6706B–8
MCM6706B–10
MCM6706B–12
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Unit
Notes
Read Cycle Time
tAVAV
8
10
12
ns
3
Address Access Time
tAVQV
8
10
12
ns
Chip Enable Access Time
tELQV
8
10
12
ns
Output Enable Access Time
tGLQV
4
5
6
ns
Output Hold from Address Change
tAXQX
3
3
3
ns
Chip Enable Low to Output Active
tELQX
1
1
1
ns
4 ,5, 6
Chip Enable High to Output High–Z
tEHQZ
4.5
5
6
ns
4, 5, 6
Output Enable Low to Output Active
tGLQX
0
0
0
ns
4, 5, 6
Output Enable High to Output High–Z
tGHQZ
4
5
6
ns
4, 5, 6
NOTES:
1. W is high for read cycle.
2. Product sensitivites to noise require proper grounding and decoupling of power supplies as well as minimization or elimination of bus
contention conditions during read and write cycles.
3. All read cycle timing is referenced from the last valid address to the first transitioning address.
4. At any given voltage and temperature, tEHQZ max < tELQX min, and tGHQZ max < tGLQX min, both for a given device and from
device to device.
5. Transition is measured 200 mV from steady–state voltage with load of Figure 1b.
6. This parameter is sampled and not 100% tested.
7. Device is continuously selected (E = VIL, G = VIL).
8. Addresses valid prior to or coincident with E going low.
OUTPUT
Z0 = 50 Ω
RL = 50 Ω
VL = 1.5 V
(a)
(b)
5 pF
+5 V
OUTPUT
255
480
The table of timing values shows either a
minimum or a maximum limit for each param-
eter. Input requirements are specified from
the external system point of view. Thus, ad-
dress setup time is shown as a minimum
since the system must supply at least that
much time. On the other hand, responses
from the memory are specified from the de-
vice point of view. Thus, the access time is
shown as a maximum since the device never
provides data later than that time.
TIMING LIMITS
Figure 1. AC Test Loads


Số phần tương tự - MCM6706BJ12R

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MCM6706BR MOTOROLA-MCM6706BR Datasheet
114Kb / 7P
   32K x 8 Bit Static Random Access Memory
MCM6706BRJ6 MOTOROLA-MCM6706BRJ6 Datasheet
114Kb / 7P
   32K x 8 Bit Static Random Access Memory
MCM6706BRJ6R MOTOROLA-MCM6706BRJ6R Datasheet
114Kb / 7P
   32K x 8 Bit Static Random Access Memory
MCM6706BRJ7R MOTOROLA-MCM6706BRJ7R Datasheet
114Kb / 7P
   32K x 8 Bit Static Random Access Memory
MCM6706BRJ8 MOTOROLA-MCM6706BRJ8 Datasheet
114Kb / 7P
   32K x 8 Bit Static Random Access Memory
More results

Mô tả tương tự - MCM6706BJ12R

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MCM6706CR MOTOROLA-MCM6706CR Datasheet
106Kb / 8P
   32K x 8 Bit Static Random Access Memory
MCM6706R MOTOROLA-MCM6706R Datasheet
151Kb / 8P
   32K x 8 Bit Static Random Access Memory
MCM6706AR MOTOROLA-MCM6706AR Datasheet
152Kb / 8P
   32K x 8 Bit Static Random Access Memory
MCM6706BR MOTOROLA-MCM6706BR Datasheet
114Kb / 7P
   32K x 8 Bit Static Random Access Memory
MCM60L256A-C MOTOROLA-MCM60L256A-C Datasheet
348Kb / 8P
   32K x 8 Bit CMOS Static Random Access Memory
MCM6246 MOTOROLA-MCM6246 Datasheet
126Kb / 8P
   512K x 8 Bit Static Random Access Memory
MCM6226BB MOTOROLA-MCM6226BB Datasheet
156Kb / 8P
   128K x 8 Bit Static Random Access Memory
MCM6726D MOTOROLA-MCM6726D Datasheet
117Kb / 7P
   128K x 8 Bit Fast Static Random Access Memory
logo
ACCUTEK MICROCIRCUIT CO...
AK68512D ACCUTEK-AK68512D Datasheet
95Kb / 2P
   524,288 x 8 Bit CMOS Static Random Access Memory
AK68512D1C ACCUTEK-AK68512D1C Datasheet
128Kb / 2P
   524,288 x 8 Bit CMOS Static Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com