công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCM6706ARJ8 bảng dữ liệu(PDF) 1 Page - Motorola, Inc

tên linh kiện MCM6706ARJ8
Giải thích chi tiết về linh kiện  32K x 8 Bit Static Random Access Memory
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM6706ARJ8 bảng dữ liệu(HTML) 1 Page - Motorola, Inc

  MCM6706ARJ8 Datasheet HTML 1Page - Motorola, Inc MCM6706ARJ8 Datasheet HTML 2Page - Motorola, Inc MCM6706ARJ8 Datasheet HTML 3Page - Motorola, Inc MCM6706ARJ8 Datasheet HTML 4Page - Motorola, Inc MCM6706ARJ8 Datasheet HTML 5Page - Motorola, Inc MCM6706ARJ8 Datasheet HTML 6Page - Motorola, Inc MCM6706ARJ8 Datasheet HTML 7Page - Motorola, Inc MCM6706ARJ8 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MCM6706AR
1
MOTOROLA FAST SRAM
32K x 8 Bit Static Random
Access Memory
The MCM6706AR is a 262,144 bit static random access memory organized as
32,768 words of 8 bits, fabricated using high performance silicon–gate BiCMOS
technology. Static design eliminates the need for external clocks or timing
strobes.
Output enable (G) is a special control feature that provides increased system
flexibility and eliminates bus contention problems.
The MCM6706AR meets JEDEC standards and is available in a revolutionary
pinout 300 mil, 32–lead surface–mount SOJ package.
• Single 5.0 V ± 10% Power Supply
• Fully Static — No Clock or Timing Strobes Necessary
• All Inputs and Outputs Are TTL Compatible
• Three State Outputs
• Fast Access Times: MCM6706AR–6 = 6 ns
MCM6706AR–7 = 7 ns
MCM6706AR–8 = 8 ns
• Center Power and I/O Pins for Reduced Noise
BLOCK DIAGRAM
ROW
DECODER
MEMORY
MATRIX
512 ROWS x 64 x 8
COLUMNS
INPUT
DATA
CONTROL
COLUMN I/O
COLUMN DECODER
A
A
A
A
A
A
A
A
DQ0
A
A
A
E
W
VCC
VSS
A
A
A
A
DQ7
G
Order this document
by MCM6706AR/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
PIN ASSIGNMENT
MCM6706AR
J PACKAGE
300 MIL SOJ
CASE 857–02
32
31
30
29
28
27
26
25
24
23
22
21
2
3
1
5
6
4
7
9
10
8
12
13
11
14
20
15
16
19
18
17
A1
A2
A3
E
A7
W
A4
A5
A6
VCC
A11
A9
A8
A10
DQ5
DQ6
A12
G
A13
A14
VSS
VCC
VSS
DQ1
DQ3
A0
NC
NC
DQ0
DQ2
DQ4
DQ7
A0 – A14
Address
. . . . . . . . . . . . . . . . . . . . . . .
W
Write Enable
. . . . . . . . . . . . . . . . . . . . . . . . .
E
Chip Enable
. . . . . . . . . . . . . . . . . . . . . . . . . .
G
Output Enable
. . . . . . . . . . . . . . . . . . . . . . .
DQ0 – DQ7
Data Input/Output
. . . . . . . . . . . .
VCC
+ 5 V Power Supply
. . . . . . . . . . . . . . . .
VSS
Ground
. . . . . . . . . . . . . . . . . . . . . . . . . . .
NC
No Connection
. . . . . . . . . . . . . . . . . . . . . .
PIN NAMES
5/95
© Motorola, Inc. 1995


Số phần tương tự - MCM6706ARJ8

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MCM6706B MOTOROLA-MCM6706B Datasheet
102Kb / 7P
   32K x 8 Bit Static Random Access Memory
MCM6706BJ10 MOTOROLA-MCM6706BJ10 Datasheet
102Kb / 7P
   32K x 8 Bit Static Random Access Memory
MCM6706BJ10R MOTOROLA-MCM6706BJ10R Datasheet
102Kb / 7P
   32K x 8 Bit Static Random Access Memory
MCM6706BJ12 MOTOROLA-MCM6706BJ12 Datasheet
102Kb / 7P
   32K x 8 Bit Static Random Access Memory
MCM6706BJ12R MOTOROLA-MCM6706BJ12R Datasheet
102Kb / 7P
   32K x 8 Bit Static Random Access Memory
More results

Mô tả tương tự - MCM6706ARJ8

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MCM6706B MOTOROLA-MCM6706B Datasheet
102Kb / 7P
   32K x 8 Bit Static Random Access Memory
MCM6706CR MOTOROLA-MCM6706CR Datasheet
106Kb / 8P
   32K x 8 Bit Static Random Access Memory
MCM6706R MOTOROLA-MCM6706R Datasheet
151Kb / 8P
   32K x 8 Bit Static Random Access Memory
MCM6706BR MOTOROLA-MCM6706BR Datasheet
114Kb / 7P
   32K x 8 Bit Static Random Access Memory
MCM60L256A-C MOTOROLA-MCM60L256A-C Datasheet
348Kb / 8P
   32K x 8 Bit CMOS Static Random Access Memory
MCM6246 MOTOROLA-MCM6246 Datasheet
126Kb / 8P
   512K x 8 Bit Static Random Access Memory
MCM6226BB MOTOROLA-MCM6226BB Datasheet
156Kb / 8P
   128K x 8 Bit Static Random Access Memory
MCM6726D MOTOROLA-MCM6726D Datasheet
117Kb / 7P
   128K x 8 Bit Fast Static Random Access Memory
logo
ACCUTEK MICROCIRCUIT CO...
AK68512D ACCUTEK-AK68512D Datasheet
95Kb / 2P
   524,288 x 8 Bit CMOS Static Random Access Memory
AK68512D1C ACCUTEK-AK68512D1C Datasheet
128Kb / 2P
   524,288 x 8 Bit CMOS Static Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com