công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCM6706BJ12 bảng dữ liệu(PDF) 7 Page - Motorola, Inc

tên linh kiện MCM6706BJ12
Giải thích chi tiết về linh kiện  32K x 8 Bit Static Random Access Memory
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM6706BJ12 bảng dữ liệu(HTML) 7 Page - Motorola, Inc

  MCM6706BJ12 Datasheet HTML 1Page - Motorola, Inc MCM6706BJ12 Datasheet HTML 2Page - Motorola, Inc MCM6706BJ12 Datasheet HTML 3Page - Motorola, Inc MCM6706BJ12 Datasheet HTML 4Page - Motorola, Inc MCM6706BJ12 Datasheet HTML 5Page - Motorola, Inc MCM6706BJ12 Datasheet HTML 6Page - Motorola, Inc MCM6706BJ12 Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
MCM6706B
7
MOTOROLA FAST SRAM
PACKAGE DIMENSIONS
J PACKAGE
300 MIL SOJ
CASE 810B–03
18.29
7.50
3.26
0.39
2.24
0.67
0.89
0.76
8.38
6.60
0.77
MIN
MIN
MAX
MAX
MILLIMETERS
INCHES
DIM
A
B
C
D
E
F
G
H
K
L
M
N
P
R
S
0
°
10
°
1.27 BSC
0.64 BSC
0.050 BSC
0.025 BSC
10
°
18.54
7.74
3.75
0.50
2.48
0.81
0.50
1.14
1.14
8.64
6.86
1.01
0.720
0.295
0.128
0.015
0.088
0.026
0.035
0.030
0.330
0.260
0.030
0.730
0.305
0.148
0.020
0.098
0.032
0.020
0.045
0.045
0.340
0.270
0.040
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. DIMENSION A & B DO NOT INCLUDE MOLD
PROTRUSION. MOLD PROTRUSION SHALL NOT
EXCEED 0.15 (0.006) PER SIDE.
3. CONTROLLING DIMENSION: INCH.
4. DIM R TO BE DETERMINED AT DATUM -T-.
28
1
15
14
L
G
M
K
DETAIL Z
DETAIL Z
S RAD
F
-B-
-A-
P
R
N
0.10 (0.004)
SEATING PLANE
-T-
0.25 (0.010)
T
S
B
0.18 (0.007) M
T
S
A
0.18 (0.007)
T
S
B
S
S
M
C
E
D 24 PL
H BRK
0
°
ORDERING INFORMATION
(Order by Full Part Number)
Motorola Memory Prefix
Part Number
Package (J = 300 mil SOJ)
Full Part Numbers — MCM6706BJ8
MCM6706BJ8R
MCM6706BJ10
MCM6706BJ10R
MCM6706BJ12
MCM6706BJ12R
Shipping Method (R = Tape and Reel, Blank = Rails)
Speed (8 = 8 ns, 10 = 10 ns, 12 = 12 ns)
MCM
6706B X
XX
X
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters which may be provided in Motorola
data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals”
must be validated for each customer application by customer’s technical experts. Motorola does not convey any license under its patent rights nor the rights of
others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury
or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola
and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees
arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that
Motorola was negligent regarding the design or manufacture of the part. Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal
Opportunity/Affirmative Action Employer.
Mfax is a trademark of Motorola, Inc.
How to reach us:
USA / EUROPE / Locations Not Listed: Motorola Literature Distribution;
JAPAN: Nippon Motorola Ltd.: SPD, Strategic Planning Office, 4–32–1,
P.O. Box 5405, Denver, Colorado 80217. 303–675–2140 or 1–800–441–2447
Nishi–Gotanda, Shinagawa–ku, Tokyo 141, Japan. 81–3–5487–8488
Mfax
™: RMFAX0@email.sps.mot.com – TOUCHTONE 602–244–6609
ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park,
– US & Canada ONLY 1–800–774–1848
51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852–26629298
INTERNET: http://motorola.com/sps
MCM6706B/D


Số phần tương tự - MCM6706BJ12

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MCM6706BR MOTOROLA-MCM6706BR Datasheet
114Kb / 7P
   32K x 8 Bit Static Random Access Memory
MCM6706BRJ6 MOTOROLA-MCM6706BRJ6 Datasheet
114Kb / 7P
   32K x 8 Bit Static Random Access Memory
MCM6706BRJ6R MOTOROLA-MCM6706BRJ6R Datasheet
114Kb / 7P
   32K x 8 Bit Static Random Access Memory
MCM6706BRJ7R MOTOROLA-MCM6706BRJ7R Datasheet
114Kb / 7P
   32K x 8 Bit Static Random Access Memory
MCM6706BRJ8 MOTOROLA-MCM6706BRJ8 Datasheet
114Kb / 7P
   32K x 8 Bit Static Random Access Memory
More results

Mô tả tương tự - MCM6706BJ12

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MCM6706CR MOTOROLA-MCM6706CR Datasheet
106Kb / 8P
   32K x 8 Bit Static Random Access Memory
MCM6706R MOTOROLA-MCM6706R Datasheet
151Kb / 8P
   32K x 8 Bit Static Random Access Memory
MCM6706AR MOTOROLA-MCM6706AR Datasheet
152Kb / 8P
   32K x 8 Bit Static Random Access Memory
MCM6706BR MOTOROLA-MCM6706BR Datasheet
114Kb / 7P
   32K x 8 Bit Static Random Access Memory
MCM60L256A-C MOTOROLA-MCM60L256A-C Datasheet
348Kb / 8P
   32K x 8 Bit CMOS Static Random Access Memory
MCM6246 MOTOROLA-MCM6246 Datasheet
126Kb / 8P
   512K x 8 Bit Static Random Access Memory
MCM6226BB MOTOROLA-MCM6226BB Datasheet
156Kb / 8P
   128K x 8 Bit Static Random Access Memory
MCM6726D MOTOROLA-MCM6726D Datasheet
117Kb / 7P
   128K x 8 Bit Fast Static Random Access Memory
logo
ACCUTEK MICROCIRCUIT CO...
AK68512D ACCUTEK-AK68512D Datasheet
95Kb / 2P
   524,288 x 8 Bit CMOS Static Random Access Memory
AK68512D1C ACCUTEK-AK68512D1C Datasheet
128Kb / 2P
   524,288 x 8 Bit CMOS Static Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com