công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCM6706BRJ6 bảng dữ liệu(PDF) 6 Page - Motorola, Inc

tên linh kiện MCM6706BRJ6
Giải thích chi tiết về linh kiện  32K x 8 Bit Static Random Access Memory
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM6706BRJ6 bảng dữ liệu(HTML) 6 Page - Motorola, Inc

  MCM6706BRJ6 Datasheet HTML 1Page - Motorola, Inc MCM6706BRJ6 Datasheet HTML 2Page - Motorola, Inc MCM6706BRJ6 Datasheet HTML 3Page - Motorola, Inc MCM6706BRJ6 Datasheet HTML 4Page - Motorola, Inc MCM6706BRJ6 Datasheet HTML 5Page - Motorola, Inc MCM6706BRJ6 Datasheet HTML 6Page - Motorola, Inc MCM6706BRJ6 Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MCM6706BR
6
MOTOROLA FAST SRAM
WRITE CYCLE 2 (E Controlled, See Notes 1 and 2)
6706BR–6
6706BR–7
6706BR–8
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Unit
Notes
Write Cycle Time
tAVAV
6
7
8
ns
3
Address Setup Time
tAVEL
0
0
0
ns
Address Valid to End of Write
tAVEH
6
7
8
ns
Chip Enable to End of Write
tELWH,
tELEH
5
6
6
ns
4,5
Data Valid to End of Write
tDVEH
3
3.5
3.5
ns
Data Hold Time
tEHDX
0
0
0
ns
Write Recovery Time
tEHAX
0
0
0
ns
NOTES:
1. A write occurs during the overlap of E low and W low.
2. Product sensitivities to noise require proper grounding and decoupling of power supplies as well as minimization or elimination of bus
contention conditions during read and write cycles.
3. All write cycle timing is referenced from the last valid address to the first transitioning address.
4. If E goes low coincident with or after W goes low, the output will remain in a high impedance condition.
5. If E goes high coincident with or before W goes high, the output will remain in a high impedance condition.
WRITE CYCLE 2
W (WRITE ENABLE)
Q (DATA OUT)
D (DATA IN)
E (CHIP ENABLE)
A (ADDRESS)
HIGH–Z
tAVAV
DATA VALID
tEHDX
tDVEH
tEHAX
tELWH
tAVEH
tAVEL
tELEH
ORDERING INFORMATION
(Order by Full Part Number)
Motorola Memory Prefix
Part Number
Package (J = 300 mil SOJ)
Full Part Numbers — MCM6706BRJ6
MCM6706J7
MCM6706BRJ8
MCM6706BRJ6R
MCM6706BRJ7R
MCM6706BRJ8R
Shipping Method (R = Tape and Reel, Blank = Rails)
Speed (6 = 6 ns, 7 = 7 ns, 8 = 8 ns)
MCM 6706BR
X
X
XX


Số phần tương tự - MCM6706BRJ6

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MCM6706B MOTOROLA-MCM6706B Datasheet
102Kb / 7P
   32K x 8 Bit Static Random Access Memory
MCM6706BJ10 MOTOROLA-MCM6706BJ10 Datasheet
102Kb / 7P
   32K x 8 Bit Static Random Access Memory
MCM6706BJ10R MOTOROLA-MCM6706BJ10R Datasheet
102Kb / 7P
   32K x 8 Bit Static Random Access Memory
MCM6706BJ12 MOTOROLA-MCM6706BJ12 Datasheet
102Kb / 7P
   32K x 8 Bit Static Random Access Memory
MCM6706BJ12R MOTOROLA-MCM6706BJ12R Datasheet
102Kb / 7P
   32K x 8 Bit Static Random Access Memory
More results

Mô tả tương tự - MCM6706BRJ6

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MCM6706B MOTOROLA-MCM6706B Datasheet
102Kb / 7P
   32K x 8 Bit Static Random Access Memory
MCM6706CR MOTOROLA-MCM6706CR Datasheet
106Kb / 8P
   32K x 8 Bit Static Random Access Memory
MCM6706R MOTOROLA-MCM6706R Datasheet
151Kb / 8P
   32K x 8 Bit Static Random Access Memory
MCM6706AR MOTOROLA-MCM6706AR Datasheet
152Kb / 8P
   32K x 8 Bit Static Random Access Memory
MCM60L256A-C MOTOROLA-MCM60L256A-C Datasheet
348Kb / 8P
   32K x 8 Bit CMOS Static Random Access Memory
MCM6246 MOTOROLA-MCM6246 Datasheet
126Kb / 8P
   512K x 8 Bit Static Random Access Memory
MCM6226BB MOTOROLA-MCM6226BB Datasheet
156Kb / 8P
   128K x 8 Bit Static Random Access Memory
MCM6726D MOTOROLA-MCM6726D Datasheet
117Kb / 7P
   128K x 8 Bit Fast Static Random Access Memory
logo
ACCUTEK MICROCIRCUIT CO...
AK68512D ACCUTEK-AK68512D Datasheet
95Kb / 2P
   524,288 x 8 Bit CMOS Static Random Access Memory
AK68512D1C ACCUTEK-AK68512D1C Datasheet
128Kb / 2P
   524,288 x 8 Bit CMOS Static Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com