công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCM64PE64SDG66 bảng dữ liệu(PDF) 5 Page - Motorola, Inc

tên linh kiện MCM64PE64SDG66
Giải thích chi tiết về linh kiện  256K/512K Pipelined BurstRAM Secondary Cache Module for Pentium
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM64PE64SDG66 bảng dữ liệu(HTML) 5 Page - Motorola, Inc

  MCM64PE64SDG66 Datasheet HTML 1Page - Motorola, Inc MCM64PE64SDG66 Datasheet HTML 2Page - Motorola, Inc MCM64PE64SDG66 Datasheet HTML 3Page - Motorola, Inc MCM64PE64SDG66 Datasheet HTML 4Page - Motorola, Inc MCM64PE64SDG66 Datasheet HTML 5Page - Motorola, Inc MCM64PE64SDG66 Datasheet HTML 6Page - Motorola, Inc MCM64PE64SDG66 Datasheet HTML 7Page - Motorola, Inc MCM64PE64SDG66 Datasheet HTML 8Page - Motorola, Inc MCM64PE64SDG66 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MCM64PE32
•MCM64PE64
5
MOTOROLA FAST SRAM
PIN DESCRIPTIONS
160–Lead Card Edge Pin Locations
Symbol
Type
Description
20, 21, 22, 23, 24, 26, 28, 29,
101, 102, 103, 104, 106, 108, 109, 110
A3 – A18
Input
Address Inputs: These inputs are registered into data RAMs and must
meet setup and hold times. The tag RAM addresses are not registered.
30
ADSP
Input
Address Status Processor: Initiates READ, WRITE, or chip deselect
cycle (Exception — chip deselect does not occur when ADSP is
asserted and CCS is high.
114
BOSEL
Input
Burst Order Select: NC for interleaved burst counter. Tie to ground for
linear burst counter.
18
BWE
Input
Byte Write Enable: To be used in future modules.
9
CADS
Input
Cache Address Status: Initiates READ, WRITE, or chip deselect cycle.
89
CADV
Input
Cache Burst Advance: Increments address count in accordance with
interleaved count style.
16
CCS
Input
Chip Select: Active low chip enable for data RAMs.
91
CG
Input
Cache Output Enable: Active low asynchronous input.
Low — enables output buffers (DQ pins)
High — DQx pins are high impedance.
116
CLK0
Input
Clock: This signal registers the address, data in, and all control signals
except CG.
11, 12, 13, 14, 92, 93, 94, 96
CWE0 –
CWE7
Input
Cache Data Byte Write Enable: Active low write signal for data RAMs.
38, 40, 41, 42, 44, 45, 46, 47, 49, 50, 51,
53, 54, 55, 57, 58, 59, 61, 62, 63, 65, 66,
67, 69, 70, 71, 73, 74, 75, 77, 78, 79,
118, 120, 121, 122, 124, 125, 126, 127,
129, 130, 131, 133, 134, 135, 137, 138,
139, 141, 142, 143, 145, 146, 147, 149,
150, 151, 153, 154, 155, 157, 158, 159
DQ0 –
DQ63
I/O
Synchronous Data I/O:
Drives data out of data RAMs during READ cycles.
Stores data to data RAMs during WRITE cycles.
31, 32
ECS1,
ECS2
Input
Expansion Chip Select.
17
GWE
Input
Global Write Enable: To be used in future modules.
33, 34, 112, 113
PD0 –
PD3
Presence Detect: See Presence Detect Table.
100, 111
RSVD
No Connection: Reserved for future use.
2, 3, 4, 5, 82, 83, 84, 85
TIO0 –
TIO7
I/O
Tag RAM I/O:
Drives data out during tag compare cycles.
Stores data to tag RAM during tag WRITE cycles.
8
TWE
Input
Tag Write Enable: Active low write signal for tag RAMs.
87, 95, 105, 119, 132, 140, 148, 156
VCC5
Supply
Power Supply: 5.0 V
± 5%.
7, 15, 25, 39, 52, 60, 68, 76
VDD3
Supply
Power Supply: 3.3 V + 10%, – 5%.
1, 10, 19, 27, 35, 37, 43, 48, 56, 64, 72,
80, 81, 90, 99, 107, 115, 117, 123, 128,
136, 144, 152, 160
VSS
Supply
Ground.
6, 36, 86, 88, 97, 98
NC
No Connection: There is no connection to the module.


Số phần tương tự - MCM64PE64SDG66

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MCM64PC32 MOTOROLA-MCM64PC32 Datasheet
180Kb / 16P
   256K/512K Pipelined BurstRAM Secondary Cache Module for Pentium
MCM64PC32SG66 MOTOROLA-MCM64PC32SG66 Datasheet
180Kb / 16P
   256K/512K Pipelined BurstRAM Secondary Cache Module for Pentium
MCM64PC32T MOTOROLA-MCM64PC32T Datasheet
167Kb / 16P
   256K/512K Pipelined BurstRAM Secondary Cache Module for Pentium
MCM64PC32TSG66 MOTOROLA-MCM64PC32TSG66 Datasheet
167Kb / 16P
   256K/512K Pipelined BurstRAM Secondary Cache Module for Pentium
MCM64PC64SG66 MOTOROLA-MCM64PC64SG66 Datasheet
180Kb / 16P
   256K/512K Pipelined BurstRAM Secondary Cache Module for Pentium
More results

Mô tả tương tự - MCM64PE64SDG66

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MCM64PC32 MOTOROLA-MCM64PC32 Datasheet
180Kb / 16P
   256K/512K Pipelined BurstRAM Secondary Cache Module for Pentium
MCM64PD32 MOTOROLA-MCM64PD32 Datasheet
184Kb / 16P
   256K/512K Pipelined BurstRAM Secondary Cache Module for Pentium
MCM64PC32T MOTOROLA-MCM64PC32T Datasheet
167Kb / 16P
   256K/512K Pipelined BurstRAM Secondary Cache Module for Pentium
MCM72JG32 MOTOROLA-MCM72JG32 Datasheet
296Kb / 16P
   256KB and 512KB Pipelined BurstRAM Secondary Cache Module for Pentium
MCM64AF32 MOTOROLA-MCM64AF32 Datasheet
190Kb / 12P
   256K Asynchronous Secondary Cache Module for Pentium
MCM72BA32 MOTOROLA-MCM72BA32 Datasheet
237Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BB32 MOTOROLA-MCM72BB32 Datasheet
252Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72CF32 MOTOROLA-MCM72CF32 Datasheet
259Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BF32 MOTOROLA-MCM72BF32 Datasheet
253Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72CB32 MOTOROLA-MCM72CB32 Datasheet
260Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com