công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCM6706AR bảng dữ liệu(PDF) 2 Page - Motorola, Inc

tên linh kiện MCM6706AR
Giải thích chi tiết về linh kiện  32K x 8 Bit Static Random Access Memory
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM6706AR bảng dữ liệu(HTML) 2 Page - Motorola, Inc

  MCM6706AR Datasheet HTML 1Page - Motorola, Inc MCM6706AR Datasheet HTML 2Page - Motorola, Inc MCM6706AR Datasheet HTML 3Page - Motorola, Inc MCM6706AR Datasheet HTML 4Page - Motorola, Inc MCM6706AR Datasheet HTML 5Page - Motorola, Inc MCM6706AR Datasheet HTML 6Page - Motorola, Inc MCM6706AR Datasheet HTML 7Page - Motorola, Inc MCM6706AR Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MCM6706AR
2
MOTOROLA FAST SRAM
TRUTH TABLE
E
G
W
Mode
I/O Pin
Cycle
H
X
X
Not Selected
High–Z
L
H
H
Read
High–Z
L
L
H
Read
Dout
Read Cycle
L
X
L
Write
Din
Write Cycle
ABSOLUTE MAXIMUM RATINGS (See Note)
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC
– 0.5 to + 7.0
V
Voltage Relative to VSS for Any Pin
Except VCC
Vin, Vout
– 0.5 to VCC + 0.5
V
Output Current
Iout
± 30
mA
Power Dissipation
PD
2.0
W
Temperature Under Bias
Tbias
– 10 to + 85
°C
Operating Temperature
TA
0 to + 70
°C
Storage Temperature — Plastic
Tstg
– 55 to + 125
°C
NOTE: Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are
exceeded. Functional operation should be restricted to RECOMMENDED
OPERATING CONDITIONS. Exposure to higher than recommended voltages for
extended periods of time could affect device reliability.
DC OPERATING CONDITIONS AND CHARACTERISTICS
(VCC = 5.0 V ± 10%, TA = 0 to 70°C, Unless Otherwise Noted)
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage (Operating Voltage Range)
VCC
4.5
5.0
5.5
V
Input High Voltage
VIH
2.2
VCC + 0.3*
V
Input Low Voltage
VIL
– 0.5
**
0.8
V
* VIH (max) = VCC + 0.3 V dc; VIH (max) = VCC + 2.0 V ac (pulse width ≤ 2.0 ns) or I ≤ 30.0 mA.
** VIL (min) = – 0.5 V dc @ 30.0 mA; VIL (min) = – 2.0 V ac (pulse width ≤ 2.0 ns) or I ≤ 30.0 mA.
DC CHARACTERISTICS
Parameter
Symbol
Min
Max
Unit
Input Leakage Current (All Inputs, Vin = 0 to VCC)
Ilkg(I)
± 1.0
µA
Output Leakage Current (E = VIH or G = VIH, Vout = 0 to VCC)
Ilkg(O)
± 1.0
µA
Output High Voltage (IOH = – 4.0 mA)
VOH
2.4
V
Output Low Voltage (IOL = + 8.0 mA)
VOL
0.4
V
POWER SUPPLY CURRENTS
Parameter
Symbol
–6
–7
–8
Unit
Notes
AC Active Supply Current (Iout = 0 mA, VCC = max, f = fmax)
ICCA
235
225
215
mA
1, 2, 3
AC Standby Current (E = VIH, VCC = max, f = fmax)
ISB1
95
85
75
mA
1, 2, 3
CMOS Standby Current (VCC = max, f = 0 MHz,
E
≥ VCC – 0.2 V, Vin ≤ VSS, or ≥ VCC – 0.2 V)
ISB2
20
20
20
mA
NOTES:
1. Reference AC Operating Conditions and Characteristics for input and timing (VIH/VIL, tr/tf, pulse level 0 to 3.0 V, VIH = 3.0 V).
2. All addresses transition simultaneously low (LSB) and then high (MSB).
3. Data states are all zero.
This device contains circuitry to protect the
inputs against damage due to high static volt-
ages or electric fields; however, it is advised
that normal precautions be taken to avoid appli-
cation of any voltage higher than maximum
rated voltages to this high–impedance circuit.
This BiCMOS memory circuit has been de-
signed to meet the dc and ac specifications
shown in the tables, after thermal equilibrium
has been established. The circuit is in a test
socket or mounted on a printed circuit board
and transverse air flow of at least 500 linear feet
per minute is maintained.


Số phần tương tự - MCM6706AR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MCM6706B MOTOROLA-MCM6706B Datasheet
102Kb / 7P
   32K x 8 Bit Static Random Access Memory
MCM6706BJ10 MOTOROLA-MCM6706BJ10 Datasheet
102Kb / 7P
   32K x 8 Bit Static Random Access Memory
MCM6706BJ10R MOTOROLA-MCM6706BJ10R Datasheet
102Kb / 7P
   32K x 8 Bit Static Random Access Memory
MCM6706BJ12 MOTOROLA-MCM6706BJ12 Datasheet
102Kb / 7P
   32K x 8 Bit Static Random Access Memory
MCM6706BJ12R MOTOROLA-MCM6706BJ12R Datasheet
102Kb / 7P
   32K x 8 Bit Static Random Access Memory
More results

Mô tả tương tự - MCM6706AR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MCM6706B MOTOROLA-MCM6706B Datasheet
102Kb / 7P
   32K x 8 Bit Static Random Access Memory
MCM6706CR MOTOROLA-MCM6706CR Datasheet
106Kb / 8P
   32K x 8 Bit Static Random Access Memory
MCM6706R MOTOROLA-MCM6706R Datasheet
151Kb / 8P
   32K x 8 Bit Static Random Access Memory
MCM6706BR MOTOROLA-MCM6706BR Datasheet
114Kb / 7P
   32K x 8 Bit Static Random Access Memory
MCM60L256A-C MOTOROLA-MCM60L256A-C Datasheet
348Kb / 8P
   32K x 8 Bit CMOS Static Random Access Memory
MCM6246 MOTOROLA-MCM6246 Datasheet
126Kb / 8P
   512K x 8 Bit Static Random Access Memory
MCM6226BB MOTOROLA-MCM6226BB Datasheet
156Kb / 8P
   128K x 8 Bit Static Random Access Memory
MCM6726D MOTOROLA-MCM6726D Datasheet
117Kb / 7P
   128K x 8 Bit Fast Static Random Access Memory
logo
ACCUTEK MICROCIRCUIT CO...
AK68512D ACCUTEK-AK68512D Datasheet
95Kb / 2P
   524,288 x 8 Bit CMOS Static Random Access Memory
AK68512D1C ACCUTEK-AK68512D1C Datasheet
128Kb / 2P
   524,288 x 8 Bit CMOS Static Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com