công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCM64PD32 bảng dữ liệu(PDF) 9 Page - Motorola, Inc

tên linh kiện MCM64PD32
Giải thích chi tiết về linh kiện  256K/512K Pipelined BurstRAM Secondary Cache Module for Pentium
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM64PD32 bảng dữ liệu(HTML) 9 Page - Motorola, Inc

Back Button MCM64PD32 Datasheet HTML 5Page - Motorola, Inc MCM64PD32 Datasheet HTML 6Page - Motorola, Inc MCM64PD32 Datasheet HTML 7Page - Motorola, Inc MCM64PD32 Datasheet HTML 8Page - Motorola, Inc MCM64PD32 Datasheet HTML 9Page - Motorola, Inc MCM64PD32 Datasheet HTML 10Page - Motorola, Inc MCM64PD32 Datasheet HTML 11Page - Motorola, Inc MCM64PD32 Datasheet HTML 12Page - Motorola, Inc MCM64PD32 Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
MCM64PD32
•MCM64PD64
9
MOTOROLA FAST SRAM
DATA RAMs READ/WRITE CYCLE TIMING (See Notes 1, 2, and 3)
MCM64PD32–66
Parameter
Symbol
Min
Max
Unit
Notes
Cycle Time
tKHKH
15
ns
Clock Access Time
tKHQV
8
ns
5
Output Enable to Output Valid
tGLQV
6
ns
5
Clock High to Output Active
tKHQX1
0
ns
5, 7
Clock High to Output Change
tKHQX2
2
ns
5, 7
Output Enable to Output Active
tGLQX
0
ns
5, 7
Output Disable to Q High–Z
tGHQZ
8
ns
6, 7
Clock High to Q High–Z
tKHQZ
2
8
ns
6, 7
Clock High Pulse Width
tKHKL
5
ns
Clock Low Pulse Width
tKLKH
5
ns
Setup Times:
Address
Address Status
Data In
Write
Address Advance
Chip Enable
tAVKH
tADSVKH
tDVKH
tWVKH
tADVVKH
tEVKH
2.5
ns
4
Hold Times:
Address
Address Status
Data In
Write
Address Advance
Chip Enable
tKHAX
tKHADSX
tKHDX
tKHWX
tKHADVX
tKHEX
0.5
ns
4
NOTES:
1. Write applies to all SBx, SW, and SGW signals when the chip is selected and ADSP high.
2. Chip Enable applies to all SE1, SE2 and SE3 signals whenever ADSP or ADSC is asserted.
3. All read and write cycle timings are referenced from K or G.
4. G is a don’t care after write cycle begins. To prevent bus contention, G should be negated prior to start of write cycle.
5. Tested per AC Test Load.
6. Measured at
± 200 mV from steady state. Tested per High–Z Test Load.
7. This parameter is sampled and is not 100% tested.


Số phần tương tự - MCM64PD32

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MCM64PC32 MOTOROLA-MCM64PC32 Datasheet
180Kb / 16P
   256K/512K Pipelined BurstRAM Secondary Cache Module for Pentium
MCM64PC32SG66 MOTOROLA-MCM64PC32SG66 Datasheet
180Kb / 16P
   256K/512K Pipelined BurstRAM Secondary Cache Module for Pentium
MCM64PC32T MOTOROLA-MCM64PC32T Datasheet
167Kb / 16P
   256K/512K Pipelined BurstRAM Secondary Cache Module for Pentium
MCM64PC32TSG66 MOTOROLA-MCM64PC32TSG66 Datasheet
167Kb / 16P
   256K/512K Pipelined BurstRAM Secondary Cache Module for Pentium
MCM64PC64SG66 MOTOROLA-MCM64PC64SG66 Datasheet
180Kb / 16P
   256K/512K Pipelined BurstRAM Secondary Cache Module for Pentium
More results

Mô tả tương tự - MCM64PD32

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MCM64PC32 MOTOROLA-MCM64PC32 Datasheet
180Kb / 16P
   256K/512K Pipelined BurstRAM Secondary Cache Module for Pentium
MCM64PE32 MOTOROLA-MCM64PE32 Datasheet
161Kb / 16P
   256K/512K Pipelined BurstRAM Secondary Cache Module for Pentium
MCM64PC32T MOTOROLA-MCM64PC32T Datasheet
167Kb / 16P
   256K/512K Pipelined BurstRAM Secondary Cache Module for Pentium
MCM72JG32 MOTOROLA-MCM72JG32 Datasheet
296Kb / 16P
   256KB and 512KB Pipelined BurstRAM Secondary Cache Module for Pentium
MCM64AF32 MOTOROLA-MCM64AF32 Datasheet
190Kb / 12P
   256K Asynchronous Secondary Cache Module for Pentium
MCM72BA32 MOTOROLA-MCM72BA32 Datasheet
237Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BB32 MOTOROLA-MCM72BB32 Datasheet
252Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72CF32 MOTOROLA-MCM72CF32 Datasheet
259Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BF32 MOTOROLA-MCM72BF32 Datasheet
253Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72CB32 MOTOROLA-MCM72CB32 Datasheet
260Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com