công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCR100G-8-X-AE3-R bảng dữ liệu(PDF) 4 Page - Unisonic Technologies

tên linh kiện MCR100G-8-X-AE3-R
Giải thích chi tiết về linh kiện  SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  UTC [Unisonic Technologies]
Trang chủ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MCR100G-8-X-AE3-R bảng dữ liệu(HTML) 4 Page - Unisonic Technologies

  MCR100G-8-X-AE3-R Datasheet HTML 1Page - Unisonic Technologies MCR100G-8-X-AE3-R Datasheet HTML 2Page - Unisonic Technologies MCR100G-8-X-AE3-R Datasheet HTML 3Page - Unisonic Technologies MCR100G-8-X-AE3-R Datasheet HTML 4Page - Unisonic Technologies MCR100G-8-X-AE3-R Datasheet HTML 5Page - Unisonic Technologies MCR100G-8-X-AE3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
MCR100
SCR
www.unisonic.com.tw
4 of 6
Copyright © 2009 Unisonic Technologies Co., Ltd
QW-R301-016.C
VOLTAGE CURRENT CHARACTERISTIC OF SCR
PARAMETER
SYMBOL
Peak Repetitive Off Stat Forward Voltage
VDRM
Peak Forward Blocking Current
IDRM
Peak Repetitive Off State Reverse Voltage
VRRM
Peak Reverse Blocking Current
IRRM
Peak On State Voltage
VTM
Holding Current
IH
VTM
IH
On State
IRRM at VRRM
Reverse Blocking
Region (off state)
Reverse Avalanche
Region Anode-
+Voltage
IDRM at VDRM
Forward Blocking
Region (off state)
+Current
Anode+
CLASSIFICATION OF IGT
RANK
B
C
AA
AB
AC
AD
RANGE
48~105
μA
95~200
μA8~16μA
14~21
μA
19~25
μA
23~52
μA


Số phần tương tự - MCR100G-8-X-AE3-R

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MCR100 MOTOROLA-MCR100 Datasheet
81Kb / 4P
   Silicon Controlled Rectifiers(Reverse Blocking Triode Thyristors)
logo
Taiwan Semiconductor Co...
MCR100 TSC-MCR100 Datasheet
210Kb / 3P
   Small Signal Diode
logo
Rohm
MCR100 ROHM-MCR100 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Micro Electronics
MCR100 MICRO-ELECTRONICS-MCR100 Datasheet
81Kb / 2P
   0.8A SCR
logo
Rohm
MCR100 ROHM-MCR100 Datasheet
143Kb / 7P
   Thick Film Chip Resistors Automotive product is AEC-Q200 compliant.
More results

Mô tả tương tự - MCR100G-8-X-AE3-R

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Unisonic Technologies
MCK100 UTC-MCK100 Datasheet
173Kb / 4P
   SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
MCR101 UTC-MCR101_10 Datasheet
183Kb / 5P
   SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
MCR100 UTC-MCR100 Datasheet
139Kb / 4P
   SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
logo
ON Semiconductor
MCR716 ONSEMI-MCR716_05 Datasheet
60Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
November, 2005 ??Rev. 5
MCR8S ONSEMI-MCR8S Datasheet
58Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
December, 2005 ??Rev. 3
MCR72 ONSEMI-MCR72_05 Datasheet
64Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
December, 2005 ??Rev. 3
NYC008-6JG ONSEMI-NYC008-6JG Datasheet
142Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
January, 2010 ??Rev. 0
logo
SEMTECH ELECTRONICS LTD...
MCR100 SEMTECH_ELEC-MCR100 Datasheet
249Kb / 3P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
logo
ON Semiconductor
MCR8DSM ONSEMI-MCR8DSM Datasheet
67Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
November, 2005 ??Rev. 4
MCR703A ONSEMI-MCR703A Datasheet
66Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
November, 2007 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com