công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCR100L-4-X-T92-K bảng dữ liệu(PDF) 3 Page - Unisonic Technologies

tên linh kiện MCR100L-4-X-T92-K
Giải thích chi tiết về linh kiện  SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  UTC [Unisonic Technologies]
Trang chủ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MCR100L-4-X-T92-K bảng dữ liệu(HTML) 3 Page - Unisonic Technologies

  MCR100L-4-X-T92-K Datasheet HTML 1Page - Unisonic Technologies MCR100L-4-X-T92-K Datasheet HTML 2Page - Unisonic Technologies MCR100L-4-X-T92-K Datasheet HTML 3Page - Unisonic Technologies MCR100L-4-X-T92-K Datasheet HTML 4Page - Unisonic Technologies MCR100L-4-X-T92-K Datasheet HTML 5Page - Unisonic Technologies MCR100L-4-X-T92-K Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
MCR100
SCR
www.unisonic.com.tw
3 of 6
Copyright © 2009 Unisonic Technologies Co., Ltd
QW-R301-016.C
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
MCR100-4
200
V
MCR100-6
400
V
Peak Repetitive Off-State Voltage(Note 1)
(TJ=-40 ~ 110°С, Sine Wave, 50 ~ 60Hz;
Gate Open)
MCR100-8
VDRM,VRRM
600
V
On-Sate RMS Current (Tc=80°С) 180°С Condition Angles
IT(RMS)
0.8
A
Peak Non-Repetitive Surge Current
(1/2 cycle, Sine Wave, 60Hz, TJ=25°С)
ITSM
10
A
Circuit Fusing Considerations (t=8.3 ms)
I
2t
0.415
A
2s
Forward Peak Gate Power (TA=25°С, Pulse Width ≤1.0µs)
PGM
0.1
W
Forward Average Gate Power (TA=25°С, t=8.3ms)
PG(AV)
0.1
W
Peak Gate Current – Forward (TA=25°С, Pulse Width≤1.0μs)
IGM
1
A
Peak Gate Voltage – Reverse (TA=25°С, Pulse Width≤1.0μs)
VGRM
5
V
Operating Junction Temperature Range
(Rated VRRM and VDRM)
TJ
-40 ~ +110
°С
Storage Temperature Range
TSTG
-40 ~ +150
°С
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
MAX
UNIT
TO-92
200
°С/W
Junction to Ambient
SOT-23/SOT-89
θJA
400
°С/W
ELECTRICAL CHARACTERISTICS (TJ=25°С, unless otherwise stated)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
TC=25°С
10
μA
Peak Forward or Reverse Blocking
Current
TC=125°С
IDRM, IRRM
VD=Rated VDRM and VRRM;
RGK=1kΩ
100
μA
ON CHARACTERISTICS
Peak Forward On-State Voltage (Note 2)
VTM
ITM=1A Peak @ TA=25°С
1.7
V
Gate Trigger Current (Continuous DC)(Note3)
IGT
VAK=7Vdc, RL=100Ω, TC=25°С
40
200
μA
TC=25°С
0.5
5
mA
Holding Current (Note 4)
TC=-40°С
IH
VAK=7Vdc, initiating
current=20mA
10
mA
TC=25°С
0.6
10
mA
Latch Current
TC=-40°С
IL
VAK=7V, Ig=200μA
15
mA
TC=25°С
0.62
0.8
V
Gate Trigger Voltage (continuous
dc) (Note 3)
TC=-40°С
VGT
VAK=7Vdc, RL=100Ω
1.2
V
DYNAMIC CHARACTERISTICS
Critical Rate of Rise of Off-State Voltage
dV/dt
VD=Rated VDRM, Exponential
Waveform, RGK=1000Ω,
TJ=110°С
20
35
V/
μs
Critical Rate of Rise of On-State Current
di/dt
IPK=20A; Pw=10μsec;
diG/dt=1A/
μsec, Igt=20mA
50
A/
μs
Notes: 1. VDRM and VRRM for all types can be applied on a continuous basis. Ratings apply for zero or negative gate
voltage; however, positive gate voltage shall not be applied concurrent with negative potential on the
anode. Blocking voltages shall not be tested with a constant current source such that the voltage ratings of
the devices are exceeded.
2. Indicates Pulse Test Width
≤1.0ms, duty cycle ≤1%
3. RGK=1000Ω included in measurement.
4. Does not include RGK in measurement


Số phần tương tự - MCR100L-4-X-T92-K

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MCR100 MOTOROLA-MCR100 Datasheet
81Kb / 4P
   Silicon Controlled Rectifiers(Reverse Blocking Triode Thyristors)
logo
Taiwan Semiconductor Co...
MCR100 TSC-MCR100 Datasheet
210Kb / 3P
   Small Signal Diode
logo
Rohm
MCR100 ROHM-MCR100 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Micro Electronics
MCR100 MICRO-ELECTRONICS-MCR100 Datasheet
81Kb / 2P
   0.8A SCR
logo
Rohm
MCR100 ROHM-MCR100 Datasheet
143Kb / 7P
   Thick Film Chip Resistors Automotive product is AEC-Q200 compliant.
More results

Mô tả tương tự - MCR100L-4-X-T92-K

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Unisonic Technologies
MCK100 UTC-MCK100 Datasheet
173Kb / 4P
   SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
MCR101 UTC-MCR101_10 Datasheet
183Kb / 5P
   SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
MCR100 UTC-MCR100 Datasheet
139Kb / 4P
   SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
logo
ON Semiconductor
MCR716 ONSEMI-MCR716_05 Datasheet
60Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
November, 2005 ??Rev. 5
MCR8S ONSEMI-MCR8S Datasheet
58Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
December, 2005 ??Rev. 3
MCR72 ONSEMI-MCR72_05 Datasheet
64Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
December, 2005 ??Rev. 3
NYC008-6JG ONSEMI-NYC008-6JG Datasheet
142Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
January, 2010 ??Rev. 0
logo
SEMTECH ELECTRONICS LTD...
MCR100 SEMTECH_ELEC-MCR100 Datasheet
249Kb / 3P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
logo
ON Semiconductor
MCR8DSM ONSEMI-MCR8DSM Datasheet
67Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
November, 2005 ??Rev. 4
MCR703A ONSEMI-MCR703A Datasheet
66Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
November, 2007 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com