công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCM64AF32 bảng dữ liệu(PDF) 1 Page - Motorola, Inc

tên linh kiện MCM64AF32
Giải thích chi tiết về linh kiện  256K Asynchronous Secondary Cache Module for Pentium
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM64AF32 bảng dữ liệu(HTML) 1 Page - Motorola, Inc

  MCM64AF32 Datasheet HTML 1Page - Motorola, Inc MCM64AF32 Datasheet HTML 2Page - Motorola, Inc MCM64AF32 Datasheet HTML 3Page - Motorola, Inc MCM64AF32 Datasheet HTML 4Page - Motorola, Inc MCM64AF32 Datasheet HTML 5Page - Motorola, Inc MCM64AF32 Datasheet HTML 6Page - Motorola, Inc MCM64AF32 Datasheet HTML 7Page - Motorola, Inc MCM64AF32 Datasheet HTML 8Page - Motorola, Inc MCM64AF32 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MCM64AF32
1
MOTOROLA FAST SRAM
Product Preview
256K Asynchronous Secondary
Cache Module for Pentium
The MCM64AF32 is designed to provide 256K of asynchronous L2 cache for
the Pentium microprocessor in conjunction with Intel’s Triton chip set. The mod-
ule is configured as 32K x 64 bits in a 160 pin card edge connector. The module
uses eight Motorola 3.3 V 32K x 8 FSRAMs for the cache memory, one Motorola
5 V 32K x 8 FSRAM for the tag RAM, and an upper order address latch.
Eight write enables are provided for byte write control.
PD0–PD4 identify density and functionality.
This cache module is plug and pin compatible with the other members of
Motorola’s Triton chip set module family, the MCM72JG32SG66 (a 256K byte
pipelined BurstRAM module) and the MCM72JG64SG66 (a 512K byte pipelined
BurstRAM module).
• Low–Cost Asynchronous Solution for Triton Chip Set
• All Cache Data Inputs and Outputs are LVTTL (3.3 V I/O) Compatible
• All Tag I/Os are TTL Compatible
• Byte Write Capability
• Fast SRAM Access Times:15 ns for Data RAMs and Tag RAM
• Decoupling Capacitors for each Fast Static RAM and Logic Device
• High Quality Multi–Layer FR4 PWB With Separate Power and Ground
Planes
• 160 Pin Card Edge Module
• Burndy Connector, Part Number: CELP2X80SC3Z48
BurstRAM is a trademark of Motorola.
Pentium is a trademark of Intel Corp.
This document contains information on a product under development. Motorola reserves the right to change or discontinue this product without notice.
Order this document
by MCM64AF32/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
* SEE CHAPTER 9 FOR PRELIMINARY
CASE OUTLINE.
MCM64AF32
160–LEAD
CARD EDGE
CASE TBD*
TOP VIEW
80
43
42
1
* SEE BACK PAGE FOR PRELIMINARY
CASE OUTLINE.
5/95
© Motorola, Inc. 1995


Số phần tương tự - MCM64AF32

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MCM64PC32 MOTOROLA-MCM64PC32 Datasheet
180Kb / 16P
   256K/512K Pipelined BurstRAM Secondary Cache Module for Pentium
MCM64PC32SG66 MOTOROLA-MCM64PC32SG66 Datasheet
180Kb / 16P
   256K/512K Pipelined BurstRAM Secondary Cache Module for Pentium
MCM64PC32T MOTOROLA-MCM64PC32T Datasheet
167Kb / 16P
   256K/512K Pipelined BurstRAM Secondary Cache Module for Pentium
MCM64PC32TSG66 MOTOROLA-MCM64PC32TSG66 Datasheet
167Kb / 16P
   256K/512K Pipelined BurstRAM Secondary Cache Module for Pentium
MCM64PC64SG66 MOTOROLA-MCM64PC64SG66 Datasheet
180Kb / 16P
   256K/512K Pipelined BurstRAM Secondary Cache Module for Pentium
More results

Mô tả tương tự - MCM64AF32

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MCM64PC32 MOTOROLA-MCM64PC32 Datasheet
180Kb / 16P
   256K/512K Pipelined BurstRAM Secondary Cache Module for Pentium
MCM64PE32 MOTOROLA-MCM64PE32 Datasheet
161Kb / 16P
   256K/512K Pipelined BurstRAM Secondary Cache Module for Pentium
MCM64PD32 MOTOROLA-MCM64PD32 Datasheet
184Kb / 16P
   256K/512K Pipelined BurstRAM Secondary Cache Module for Pentium
MCM64PC32T MOTOROLA-MCM64PC32T Datasheet
167Kb / 16P
   256K/512K Pipelined BurstRAM Secondary Cache Module for Pentium
MPC2001 MOTOROLA-MPC2001 Datasheet
88Kb / 4P
   256KB Asynchronous Secondary Cache Module for PowerPC
MCM72BA32 MOTOROLA-MCM72BA32 Datasheet
237Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BB32 MOTOROLA-MCM72BB32 Datasheet
252Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72CF32 MOTOROLA-MCM72CF32 Datasheet
259Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BF32 MOTOROLA-MCM72BF32 Datasheet
253Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72CB32 MOTOROLA-MCM72CB32 Datasheet
260Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com