công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCM63P631TQ8 bảng dữ liệu(PDF) 8 Page - Motorola, Inc

tên linh kiện MCM63P631TQ8
Giải thích chi tiết về linh kiện  64K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM63P631TQ8 bảng dữ liệu(HTML) 8 Page - Motorola, Inc

Back Button MCM63P631TQ8 Datasheet HTML 4Page - Motorola, Inc MCM63P631TQ8 Datasheet HTML 5Page - Motorola, Inc MCM63P631TQ8 Datasheet HTML 6Page - Motorola, Inc MCM63P631TQ8 Datasheet HTML 7Page - Motorola, Inc MCM63P631TQ8 Datasheet HTML 8Page - Motorola, Inc MCM63P631TQ8 Datasheet HTML 9Page - Motorola, Inc MCM63P631TQ8 Datasheet HTML 10Page - Motorola, Inc MCM63P631TQ8 Datasheet HTML 11Page - Motorola, Inc MCM63P631TQ8 Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MCM63P631
8
MOTOROLA FAST SRAM
DC OPERATING CONDITIONS AND CHARACTERISTICS
(VDD = 3.3 V + 10%, – 5%, TA = 0 to 70°C, Unless Otherwise Noted)
RECOMMENDED OPERATING CONDITIONS (Voltages Referenced to VSS = 0 V)
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage
VDD
3.135
3.3
3.6
V
Input Low Voltage
VIL
– 0.5*
0.8
V
Input High Voltage
VIH
2.0**
VDD + 0.5
V
*VIL ≥ – 1 V for t ≤ tKHKH/2.
** VIH ≤ VDD + 1 V for t ≤ tKHKH/2.
DC CHARACTERISTICS AND SUPPLY CURRENTS
Parameter
Symbol
Min
Typ
Max
Unit
Notes
Input Leakage Current (0 V
≤ Vin ≤ VDD)
Ilkg(I)
± 1
µA
1, 2
Output Leakage Current (0 V
≤ Vin ≤ VDD)
Ilkg(O)
± 1
µA
AC Supply Current (Device Selected, All Outputs Open,
MCM63P631–117
Freq = Max, VDD = Max)
MCM63P631–4.5
MCM
P
IDDA
TBD
275
220
mA
3, 4, 5
q
DD
)
MCM63P631–7
MCM63P631–8
220
200
CMOS Standby Supply Current (Device Deselected, Freq = 0,
VDD = Max, All Inputs Static at CMOS Levels)
ISB2
2
mA
6, 7
Sleep Mode Supply Current (Sleep Mode, Freq = Max, VDD = Max,
All Other Inputs Static at CMOS Levels, ZZ
≥ VDD – 0.2 V)
IZZ
2
mA
2, 7, 8
TTL Standby (Device Deselected, Freq = 0, VDD = Max,
All Inputs Static at TTL Levels)
ISB3
25
mA
6, 9
Clock Running (Device Deselected, Freq = Max,
MCM63P631–117
VDD = Max, All Inputs Toggling at CMOS Levels)
MCM63P631–4.5
MCM
P
ISB4
TBD
145
mA
6, 7
DD
pgg
g
)
MCM63P631–7
MCM63P631–8
115
105
Static Clock Running (Device Deselected, Freq = Max,
MCM63P631–117
VDD = Max, All Inputs Static at TTL Levels)
MCM63P631–4.5
MCM63P631–7
MCM63P631–8
ISB5
TBD
65
50
50
mA
6, 9
Output Low Voltage (IOL = 8 mA)
VOL
0.4
V
Output High Voltage (IOH = – 4 mA)
VOH
2.4
V
NOTES:
1. LBO pin has an internal pullup and will exhibit leakage currents of
± 5 µA.
2. ZZ pin has an internal pulldown and will exhibit leakage currents of
± 5 µA.
3. Reference AC Operating Conditions and Characteristics for input and timing (VIH/VIL, tr/tf, pulse level 0 to 3.0 V).
4. All addresses transition simultaneously low (LSB) and then high (MSB).
5. Data states are all zero.
6. Device in Deselected mode as defined by the Truth Table.
7. CMOS levels are Vin ≤ VSS + 0.2 V or ≥ VDD – 0.2 V.
8. Device in Sleep Mode as defined by the Asynchronous Truth Table.
9. TTL levels are Vin ≤ VIL or ≥ VIH.
CAPACITANCE (f = 1.0 MHz, dV = 3.0 V, TA = 0 to 70°C, Periodically Sampled Rather Than 100% Tested)
Parameter
Symbol
Min
Typ
Max
Unit
Input Capacitance
Cin
3
5
pF
Input/Output Capacitance
CI/O
6
8
pF


Số phần tương tự - MCM63P631TQ8

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MCM63P631A MOTOROLA-MCM63P631A Datasheet
228Kb / 16P
   64K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P631ATQ100 MOTOROLA-MCM63P631ATQ100 Datasheet
228Kb / 16P
   64K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P631ATQ100R MOTOROLA-MCM63P631ATQ100R Datasheet
228Kb / 16P
   64K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P631ATQ117 MOTOROLA-MCM63P631ATQ117 Datasheet
228Kb / 16P
   64K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P631ATQ117R MOTOROLA-MCM63P631ATQ117R Datasheet
228Kb / 16P
   64K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results

Mô tả tương tự - MCM63P631TQ8

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MCM63P631A MOTOROLA-MCM63P631A Datasheet
228Kb / 16P
   64K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P618C MOTOROLA-MCM69P618C Datasheet
205Kb / 12P
   64K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P636 MOTOROLA-MCM63P636 Datasheet
328Kb / 27P
   64K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P733A MOTOROLA-MCM63P733A Datasheet
238Kb / 16P
   128K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P531 MOTOROLA-MCM63P531 Datasheet
334Kb / 16P
   32K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM67H618A MOTOROLA-MCM67H618A Datasheet
208Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67C618B MOTOROLA-MCM67C618B Datasheet
201Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67M618A MOTOROLA-MCM67M618A Datasheet
206Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67C618 MOTOROLA-MCM67C618 Datasheet
228Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67M618B MOTOROLA-MCM67M618B Datasheet
166Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com