công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AZV831KTR-G1 bảng dữ liệu(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

tên linh kiện AZV831KTR-G1
Giải thích chi tiết về linh kiện  Single Low Bias Current, Low Voltage, Rail-to-Rail Input/Output CMOS Operational Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Trang chủ  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZV831KTR-G1 bảng dữ liệu(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AZV831KTR-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZV831KTR-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZV831KTR-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZV831KTR-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZV831KTR-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZV831KTR-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZV831KTR-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZV831KTR-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZV831KTR-G1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Advance Datasheet
Single Low Bias Current, Low Voltage, Rail-to-Rail
Input/Output CMOS Operational Amplifier
Nov. 2011 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
6
AZV831
1.8V DC Electrical Characteristics
VCC=1.8V, VEE=0, VCM=VCC/2, TA=25°C, unless otherwise noted.
Parameter
Symbol
Conditions
Min Typ Max Unit
Input Offset Voltage
VOS
0.5
2.5
mV
Input Bias Current
IB
1.0
5.0
pA
Input Offset Current
IOS
2.0
pA
Input Common-mode Voltage Range
VCM
-0.2
2.0
V
Common-mode Rejection Ratio
CMRR
VCM=-0.2V to 2.0V
55
75
dB
Large Signal Voltage Gain
GV
RL=10kΩ connect to VCC/2,
VO=0.2V to 1.6V
90
112
dB
Input Offset Voltage Drift
ΔVOS/ΔT
2.0
μV/
°C
VID=0.5V, RL=1kΩ connect
to VCC/2
25
50
Output Voltage Swing from Rail
VOL/VOH
VID=0.5V, RL=10kΩ connect
to VCC/2
3
15
mV
Sink
ISINK
VOUT=VCC
12
16
Output Current
Source
ISOURCE VOUT=0V
10
14
mA
Closed-loop Output Impedance
ZOUT
f=10kHz, G=1 (Note 2)
9
Power Supply Rejection Ratio
PSRR
VCC=1.6V to 5.0V, VCM=0.5V
70
80
dB
Supply Current
ICC
VCM<VCC-1V, IOUT=0
70
90
μA
1.8V AC Electrical Characteristics
VCC=1.8V, VEE=0, VCM=VCC/2, TA=25°C, unless otherwise noted.
Parameter
Symbol
Conditions
Min Typ Max
Unit
Gain Bandwidth Product
GBP
RL=100kΩ
1.0
MHz
Slew Rate
SR
G=1, 1V Step,
CL=100pF, RL=10kΩ
0.34
V/μs
Phase Margin
φM
RL=100kΩ
67
Degrees
Total Harmonic Distortion+Noise
THD+N
f=1kHz, G=1, VIN=1Vpp
RL=10kΩ, CL=100pF
-70
dB
Voltage Noise Density
en
f=1kHz
27
Hz
nV/
Note 2: G is Closed-Loop Voltage Gain.


Số phần tương tự - AZV831KTR-G1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
BCD Semiconductor Manuf...
AZV831KTR-G1 BCDSEMI-AZV831KTR-G1 Datasheet
823Kb / 27P
   Single/Dual Low Bias Current, Low Voltage, Rail-to-Rail Input/Output
logo
Diodes Incorporated
AZV831KTR-G1 DIODES-AZV831KTR-G1 Datasheet
877Kb / 24P
   SINGLE/DUAL LOW BIAS CURRENT, LOW VOLTAGE
More results

Mô tả tương tự - AZV831KTR-G1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
BCD Semiconductor Manuf...
AZV832 BCDSEMI-AZV832 Datasheet
779Kb / 24P
   Dual Low Bias Current, Low Voltage, Rail-to-Rail Input/Output CMOS Operational Amplifiers
AZV831 BCDSEMI-AZV831_12 Datasheet
823Kb / 27P
   Single/Dual Low Bias Current, Low Voltage, Rail-to-Rail Input/Output
logo
National Semiconductor ...
LMC6582 NSC-LMC6582 Datasheet
678Kb / 19P
   Low Voltage, Rail-To-Rail Input and Output CMOS Operational Amplifier
logo
Analog Devices
ADA4001-2 AD-ADA4001-2_16 Datasheet
403Kb / 13P
   Low Noise, Low Input Bias Current, Rail-to-Rail Output, JFET Dual Operational Amplifier
logo
BCD Semiconductor Manuf...
AZV321 BCDSEMI-AZV321 Datasheet
331Kb / 13P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
AZV321 BCDSEMI-AZV321_01 Datasheet
66Kb / 2P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
AZV321 BCDSEMI-AZV321_10 Datasheet
893Kb / 13P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
AZV331 BCDSEMI-AZV331_10 Datasheet
787Kb / 14P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
logo
Diodes Incorporated
AZV321 DIODES-AZV321 Datasheet
391Kb / 13P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
September 2013 Rev. 2 - 0
logo
New Japan Radio
NJU7009 NJRC-NJU7009 Datasheet
507Kb / 12P
   Low Noise, Rail-to-Rail Output Single CMOS Operational Amplifier
Ver.2009-03-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com