công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AZV831 bảng dữ liệu(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

tên linh kiện AZV831
Giải thích chi tiết về linh kiện  Single Low Bias Current, Low Voltage, Rail-to-Rail Input/Output CMOS Operational Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Trang chủ  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZV831 bảng dữ liệu(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AZV831 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZV831 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZV831 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZV831 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZV831 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZV831 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZV831 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZV831 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZV831 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Advance Datasheet
Single Low Bias Current, Low Voltage, Rail-to-Rail
Input/Output CMOS Operational Amplifier
Nov. 2011 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
1
AZV831
General Description
The AZV831 is low bias current, low voltage
operational amplifiers which can be designed into a
wide range of applications. The AZV831 has a
quiescent current of 70μA per amplifier at 1.6V.
The AZV831 features optimal performance in low
voltage, low bias current systems. The IC can provide
rail-to-rail output swing under heavy loads. The
common-mode input voltage range could be designed
200mV exceeding the supply voltage range, thus
enables the customer to expand its application scope.
The AZV831 has a maximum input offset voltage of
2.5mV and its operating range is from 1.6V to 5.5V.
AZV831 is available in SC-70-5 and SOT-23-5
packages.
Features
Single Supply Voltage Range: 1.6V to 5.5V
Ultra-low Input Bias Current: 1pA (Typ.)
Offset Voltage: 0.5mV (Typ.), 2.5mV (Max.)
Rail-to-Rail Input
VCM: 200mV beyond Rails
Rail-to-Rail Output Swing
20k
Ω Load
Supply Current: 70μA
Unity Gain Stable
Gain Bandwidth Product: 1.0MHz
Slew Rate: 0.45V/μs @ VCC=5.0V
Operation Ambient Temperature Range: -40ºC
to 85ºC
Applications
Sensors
Photodiode Amplification
Battery-Powered Instrumentation
Pulse Blood Oximeter, Glucose Meter
Figure 1. Package Types of AZV831
SC-70-5
SOT-23-5


Số phần tương tự - AZV831

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
BCD Semiconductor Manuf...
AZV831 BCDSEMI-AZV831 Datasheet
823Kb / 27P
   Single/Dual Low Bias Current, Low Voltage, Rail-to-Rail Input/Output
logo
Diodes Incorporated
AZV831 DIODES-AZV831 Datasheet
877Kb / 24P
   SINGLE/DUAL LOW BIAS CURRENT, LOW VOLTAGE
logo
BCD Semiconductor Manuf...
AZV831KSTR-G1 BCDSEMI-AZV831KSTR-G1 Datasheet
823Kb / 27P
   Single/Dual Low Bias Current, Low Voltage, Rail-to-Rail Input/Output
AZV831KTR-G1 BCDSEMI-AZV831KTR-G1 Datasheet
823Kb / 27P
   Single/Dual Low Bias Current, Low Voltage, Rail-to-Rail Input/Output
logo
Diodes Incorporated
AZV831KTR-G1 DIODES-AZV831KTR-G1 Datasheet
877Kb / 24P
   SINGLE/DUAL LOW BIAS CURRENT, LOW VOLTAGE
More results

Mô tả tương tự - AZV831

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
BCD Semiconductor Manuf...
AZV832 BCDSEMI-AZV832 Datasheet
779Kb / 24P
   Dual Low Bias Current, Low Voltage, Rail-to-Rail Input/Output CMOS Operational Amplifiers
AZV831 BCDSEMI-AZV831_12 Datasheet
823Kb / 27P
   Single/Dual Low Bias Current, Low Voltage, Rail-to-Rail Input/Output
logo
National Semiconductor ...
LMC6582 NSC-LMC6582 Datasheet
678Kb / 19P
   Low Voltage, Rail-To-Rail Input and Output CMOS Operational Amplifier
logo
Analog Devices
ADA4001-2 AD-ADA4001-2_16 Datasheet
403Kb / 13P
   Low Noise, Low Input Bias Current, Rail-to-Rail Output, JFET Dual Operational Amplifier
logo
BCD Semiconductor Manuf...
AZV321 BCDSEMI-AZV321 Datasheet
331Kb / 13P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
AZV321 BCDSEMI-AZV321_01 Datasheet
66Kb / 2P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
AZV321 BCDSEMI-AZV321_10 Datasheet
893Kb / 13P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
AZV331 BCDSEMI-AZV331_10 Datasheet
787Kb / 14P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
logo
Diodes Incorporated
AZV321 DIODES-AZV321 Datasheet
391Kb / 13P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
September 2013 Rev. 2 - 0
logo
New Japan Radio
NJU7009 NJRC-NJU7009 Datasheet
507Kb / 12P
   Low Noise, Rail-to-Rail Output Single CMOS Operational Amplifier
Ver.2009-03-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com