công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCM63P733ATQ133 bảng dữ liệu(PDF) 6 Page - Motorola, Inc |
|
MCM63P733ATQ133 bảng dữ liệu(HTML) 6 Page - Motorola, Inc |
6 / 16 page MCM63P733A 6 MOTOROLA FAST SRAM INTERLEAVED BURST ADDRESS TABLE (LBO = VDD) 1st Address (External) 2nd Address (Internal) 3rd Address (Internal) 4th Address (Internal) X . . . X00 X . . . X01 X . . . X10 X . . . X11 X . . . X01 X . . . X00 X . . . X11 X . . . X10 X . . . X10 X . . . X11 X . . . X00 X . . . X01 X . . . X11 X . . . X10 X . . . X01 X . . . X00 WRITE TRUTH TABLE Cycle Type SGW SW SBa SBb SBc SBd Read H H X X X X Read H L H H H H Write Byte a H L L H H H Write Byte b H L H L H H Write Byte c H L H H L H Write Byte d H L H H H L Write All Bytes H L L L L L Write All Bytes L X X X X X ABSOLUTE MAXIMUM RATINGS (See Note 1) Rating Symbol Value Unit Notes Power Supply Voltage VDD – 0.5 to + 4.6 V I/O Supply Voltage VDDQ VSS – 0.5 to VDD V 2 Input Voltage Relative to VSS for Any Pin Except VDD Vin, Vout – 0.5 to VDD + 0.5 V 2 Input Voltage (Three–State I/O) VIT – 0.5 to VDDQ + 0.5 V 2 Output Current (per I/O) Iout ± 20 mA Package Power Dissipation PD 1.2 W 3 Temperature Under Bias Tbias – 10 to + 85 °C Storage Temperature Tstg – 55 to + 125 °C NOTES: 1. Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded. Functional operation should be restricted to RECOMMENDED OPER- ATING CONDITIONS. Exposure to higher than recommended voltages for extended periods of time could affect device reliability. 2. This is a steady–state DC parameter that is in effect after the power supply has achieved its nominal operating level. Power sequencing is not necessary. 3. Power dissipation capability is dependent upon package characteristics and use environment. See Package Thermal Characteristics. PACKAGE THERMAL CHARACTERISTICS Rating Symbol Max Unit Notes Junction to Ambient (@ 200 lfm) Single–Layer Board Four–Layer Board R θJA 40 25 °C/W 1, 2 Junction to Board (Bottom) R θJB 17 °C/W 3 Junction to Case (Top) R θJC 9 °C/W 4 NOTES: 1. Junction temperature is a function of on–chip power dissipation, package thermal resistance, mounting site (board) temperature, ambient temperature, air flow, board population, and board thermal resistance. 2. Per SEMI G38–87. 3. Indicates the average thermal resistance between the die and the printed circuit board. 4. Indicates the average thermal resistance between the die and the case top surface via the cold plate method (MIL SPEC–883 Method 1012.1). This device contains circuitry to protect the inputs against damage due to high static volt- ages or electric fields; however, it is advised that normal precautions be taken to avoid application of any voltage higher than maxi- mum rated voltages to this high–impedance circuit. |
Số phần tương tự - MCM63P733ATQ133 |
|
Mô tả tương tự - MCM63P733ATQ133 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |