công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCM6343YJ15 bảng dữ liệu(PDF) 9 Page - Motorola, Inc

tên linh kiện MCM6343YJ15
Giải thích chi tiết về linh kiện  256K x 15 Bit 3.3 V Asynchronous Fast Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM6343YJ15 bảng dữ liệu(HTML) 9 Page - Motorola, Inc

Back Button MCM6343YJ15 Datasheet HTML 2Page - Motorola, Inc MCM6343YJ15 Datasheet HTML 3Page - Motorola, Inc MCM6343YJ15 Datasheet HTML 4Page - Motorola, Inc MCM6343YJ15 Datasheet HTML 5Page - Motorola, Inc MCM6343YJ15 Datasheet HTML 6Page - Motorola, Inc MCM6343YJ15 Datasheet HTML 7Page - Motorola, Inc MCM6343YJ15 Datasheet HTML 8Page - Motorola, Inc MCM6343YJ15 Datasheet HTML 9Page - Motorola, Inc MCM6343YJ15 Datasheet HTML 10Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MCM6343
9
MOTOROLA FAST SRAM
Motorola Memory Prefix
Part Number
Package (YJ = 400 mil SOJ, TS = TSOP Type II)
Full Commercial Part Numbers — MCM6343YJ12
MCM6343YJ12R
MCM6343TS12
MCM6343YJ15
MCM6343YJ15R
MCM6343TS15
Shipping Method (R = Tape and Reel, Blank = Rails)
Speed (12 = 12 ns, 15 = 15 ns)
XCM
6943
XX
XX
X
ORDERING INFORMATION
(Order by Full Part Number)
Full Industrial Part Numbers — SCM6343YJ12A
SCM6343YJ12AR
SCM6343TS12A*
SCM6343YJ15A
SCM6343YJ15AR
SCM6343TS15A*
* Not available in Tape and Reel.
PACKAGE DIMENSIONS
YJ PACKAGE
44–LEAD
400 MIL SOJ
CASE 919–01
23
22
44
1
R1
A
E
VIEW A–A
44X R
22 ZONES 2X
42X
b1
44X
SEATING
PLANE
D
B
E1
A
L
0.007
C AB
C
e
M
0.007
C AB
b
44X
e /2
A3
C
0.004
A
A
M
0.007
C AB
B
0.015
A2
A1
E2
E2 /2
DIM
MIN
MAX
INCHES
A
0.128
0.148
A1
0.025
–––
A2
0.082
–––
A3
0.035
0.045
b
0.015
0.020
b1
0.026
0.032
D
1.120
1.130
E
0.435
0.445
E1
0.395
0.405
E2
0.370 BSC
e
0.050 BSC
R1
0.030
0.040
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION D DOES NOT INCLUDE MOLD FLASH,
TIE BAR BURRS AND GATE BURRS. MOLD
FLASH, TIE BAR BURRS AND GATE BURRS
SHALL NOT EXCEED 0.006 PER END. DIMENSION
E1 DOES NOT INCLUDE INTERLEAD FLASH.
INTERLEAD FLASH SHALL NOT EXCEED 0.010
PER SIDE.
4. THE PACKAGE TOP MAY BE SMALLER THAN THE
PACKAGE BOTTOM. DIMENSIONS D AND E1 AND,
HENCE, DATUMS A AND B, ARE DETERMINED AT
THE OUTERMOST EXTREMES OF THE PLASTIC
BODY EXCLUSIVE OF MOLD FLASH, TIE BAR
BURRS, GATE BURRS AND INTERLEAD FLASH,
BUT INCLUDING ANY MISMATCH BETWEEN THE
TOP AND BOTTOM OF THE PLASTIC BODY.
5. DIMENSION b1 DOES NOT INCLUDE DAMBAR
PROTRUSION OR INTRUSION. THE DAMBAR
PROTRUSION(S) SHALL NOT CAUSE THE
SHOULDER WIDTH TO EXCEED b1 MAX BY
MORE THAN 0.005. THE DAMBAR INTRUSION(S)
SHALL NOT REDUCE THE SHOULDER WIDTH TO
LESS THAN 0.001 BELOW b1 MIN.


Số phần tương tự - MCM6343YJ15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MCM6341 MOTOROLA-MCM6341 Datasheet
124Kb / 10P
   128K x 24 Bit Static Random Access Memory
MCM6341ZP10 MOTOROLA-MCM6341ZP10 Datasheet
124Kb / 10P
   128K x 24 Bit Static Random Access Memory
MCM6341ZP11 MOTOROLA-MCM6341ZP11 Datasheet
124Kb / 10P
   128K x 24 Bit Static Random Access Memory
MCM6341ZP12 MOTOROLA-MCM6341ZP12 Datasheet
124Kb / 10P
   128K x 24 Bit Static Random Access Memory
MCM6341ZP15 MOTOROLA-MCM6341ZP15 Datasheet
124Kb / 10P
   128K x 24 Bit Static Random Access Memory
More results

Mô tả tương tự - MCM6343YJ15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MCM6323A MOTOROLA-MCM6323A Datasheet
181Kb / 12P
   64K x 16 Bit 3.3 V Asynchronous Fast Static RAM
logo
List of Unclassifed Man...
MR2A16A ETC-MR2A16A Datasheet
161Kb / 16P
   256K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
logo
Freescale Semiconductor...
MR2A16A FREESCALE-MR2A16A_1 Datasheet
231Kb / 22P
   256K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
logo
Motorola, Inc
MCM32257B MOTOROLA-MCM32257B Datasheet
158Kb / 8P
   256K x 32 Bit Fast Static RAM Module
logo
Integrated Silicon Solu...
IS61WV25616ALL ISSI-IS61WV25616ALL Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
logo
Freescale Semiconductor...
MR0A16A FREESCALE-MR0A16A Datasheet
219Kb / 20P
   64K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
logo
Integrated Silicon Solu...
IS61WV25616BLL-10BLI ISSI-IS61WV25616BLL-10BLI Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
logo
Motorola, Inc
MCM67A518 MOTOROLA-MCM67A518 Datasheet
191Kb / 12P
   32K x 18 Bit Asynchronous/Latched Address Fast Static RAM
logo
Cypress Semiconductor
CY7C1016 CYPRESS-CY7C1016 Datasheet
82Kb / 1P
   256K x Static RAM
logo
Motorola, Inc
MCM67A618B MOTOROLA-MCM67A618B Datasheet
141Kb / 12P
   64K x 18 Bit Asynchronous/ Latched Address Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com