công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCM6343YJ12 bảng dữ liệu(PDF) 4 Page - Motorola, Inc

tên linh kiện MCM6343YJ12
Giải thích chi tiết về linh kiện  256K x 15 Bit 3.3 V Asynchronous Fast Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM6343YJ12 bảng dữ liệu(HTML) 4 Page - Motorola, Inc

  MCM6343YJ12 Datasheet HTML 1Page - Motorola, Inc MCM6343YJ12 Datasheet HTML 2Page - Motorola, Inc MCM6343YJ12 Datasheet HTML 3Page - Motorola, Inc MCM6343YJ12 Datasheet HTML 4Page - Motorola, Inc MCM6343YJ12 Datasheet HTML 5Page - Motorola, Inc MCM6343YJ12 Datasheet HTML 6Page - Motorola, Inc MCM6343YJ12 Datasheet HTML 7Page - Motorola, Inc MCM6343YJ12 Datasheet HTML 8Page - Motorola, Inc MCM6343YJ12 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MCM6343
4
MOTOROLA FAST SRAM
AC OPERATING CONDITIONS AND CHARACTERISTICS
(VCC = 3.3 V ± 0.3 V, TA = 0 to + 70°C, Unless Otherwise Noted)
(TA = – 40 to + 85°C for Industrial Temperature Offering)
Logic Input Timing Measurement Reference Level
1.50 V
. . . . . . . .
Logic Input Pulse Levels
0 to 3.0 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Rise/Fall Time
2 ns
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Timing Reference Level
1.50 V
. . . . . . . . . . . . . . . . . . . . . . . . .
Output Load
See Figure 1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
READ CYCLE TIMING (See Notes 1, 2, and 3)
P
Sb l
MCM6343–12
MCM6343–15
Ui
N
Parameter
Symbol
Min
Max
Min
Max
Unit
Notes
Read Cycle Time
tAVAV
12
15
ns
4
Address Access Time
tAVQV
12
15
ns
Enable Access Time
tELQV
12
15
ns
5
Output Enable Access Time
tGLQV
6
7
ns
Output Hold from Address Change
tAXQX
3
3
ns
Enable Low to Output Active
tELQX
3
3
ns
6, 7, 8
Output Enable Low to Output Active
tGLQX
0
0
ns
6, 7, 8
Enable High to Output High–Z
tEHQZ
0
6
0
7
ns
6, 7, 8
Output Enable High to Output High–Z
tGHQZ
0
6
0
7
ns
6, 7, 8
Byte Enable Access Time
tBLQV
6
7
ns
Byte Enable Low to Output Active
tBLQX
0
0
ns
6, 7, 8
Byte High to Output High–Z
tBHQZ
0
6
0
7
ns
6, 7, 8
NOTES:
1. W is high for read cycle.
2. Product sensitivities to noise require proper grounding and decoupling of power supplies as well as minimization or elimination of bus
contention conditions during read and write cycles.
3. Device is continuously selected (E
≤ VIL, G ≤ VIL).
4. All read cycle timings are referenced from the last valid address to the first transitioning address.
5. Addresses valid prior to or coincident with E going low.
6. At any given voltage and temperature, tEHQZ max t tELQX min, and tGHQZ max t tGLQX min, both for a given device and from device
to device.
7. This parameter is sampled and not 100% tested.
8. Transition is measured
± 200 mV from steady–state voltage.
The table of timing values shows either a minimum
or a maximum limit for each parameter. Input require-
ments are specified from the external system point of
view. Thus, address setup time is shown as a minimum
since the system must supply at least that much time.
On the other hand, responses from the memory are
specified from the device point of view. Thus, the ac-
cess time is shown as a maximum since the device
never provides data later than that time.
TIMING LIMITS
OUTPUT
Z0 = 50 Ω
RL = 50 Ω
VL = 1.5 V
Figure 1. AC Test Load


Số phần tương tự - MCM6343YJ12

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MCM6341 MOTOROLA-MCM6341 Datasheet
124Kb / 10P
   128K x 24 Bit Static Random Access Memory
MCM6341ZP10 MOTOROLA-MCM6341ZP10 Datasheet
124Kb / 10P
   128K x 24 Bit Static Random Access Memory
MCM6341ZP11 MOTOROLA-MCM6341ZP11 Datasheet
124Kb / 10P
   128K x 24 Bit Static Random Access Memory
MCM6341ZP12 MOTOROLA-MCM6341ZP12 Datasheet
124Kb / 10P
   128K x 24 Bit Static Random Access Memory
MCM6341ZP15 MOTOROLA-MCM6341ZP15 Datasheet
124Kb / 10P
   128K x 24 Bit Static Random Access Memory
More results

Mô tả tương tự - MCM6343YJ12

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MCM6323A MOTOROLA-MCM6323A Datasheet
181Kb / 12P
   64K x 16 Bit 3.3 V Asynchronous Fast Static RAM
logo
List of Unclassifed Man...
MR2A16A ETC-MR2A16A Datasheet
161Kb / 16P
   256K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
logo
Freescale Semiconductor...
MR2A16A FREESCALE-MR2A16A_1 Datasheet
231Kb / 22P
   256K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
logo
Motorola, Inc
MCM32257B MOTOROLA-MCM32257B Datasheet
158Kb / 8P
   256K x 32 Bit Fast Static RAM Module
logo
Integrated Silicon Solu...
IS61WV25616ALL ISSI-IS61WV25616ALL Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
logo
Freescale Semiconductor...
MR0A16A FREESCALE-MR0A16A Datasheet
219Kb / 20P
   64K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
logo
Integrated Silicon Solu...
IS61WV25616BLL-10BLI ISSI-IS61WV25616BLL-10BLI Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
logo
Motorola, Inc
MCM67A518 MOTOROLA-MCM67A518 Datasheet
191Kb / 12P
   32K x 18 Bit Asynchronous/Latched Address Fast Static RAM
logo
Cypress Semiconductor
CY7C1016 CYPRESS-CY7C1016 Datasheet
82Kb / 1P
   256K x Static RAM
logo
Motorola, Inc
MCM67A618B MOTOROLA-MCM67A618B Datasheet
141Kb / 12P
   64K x 18 Bit Asynchronous/ Latched Address Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com