công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCM6341ZP11 bảng dữ liệu(PDF) 5 Page - Motorola, Inc

tên linh kiện MCM6341ZP11
Giải thích chi tiết về linh kiện  128K x 24 Bit Static Random Access Memory
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM6341ZP11 bảng dữ liệu(HTML) 5 Page - Motorola, Inc

  MCM6341ZP11 Datasheet HTML 1Page - Motorola, Inc MCM6341ZP11 Datasheet HTML 2Page - Motorola, Inc MCM6341ZP11 Datasheet HTML 3Page - Motorola, Inc MCM6341ZP11 Datasheet HTML 4Page - Motorola, Inc MCM6341ZP11 Datasheet HTML 5Page - Motorola, Inc MCM6341ZP11 Datasheet HTML 6Page - Motorola, Inc MCM6341ZP11 Datasheet HTML 7Page - Motorola, Inc MCM6341ZP11 Datasheet HTML 8Page - Motorola, Inc MCM6341ZP11 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MCM6341
5
MOTOROLA FAST SRAM
AC OPERATING CONDITIONS AND CHARACTERISTICS
(VDD = 3.3 V ± 10%, TA = 0 to + 70°C, Unless Otherwise Noted)
(TA = – 40 to + 85°C for Industrial Temperature Offering)
Input Pulse Levels
0 to 3.0 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Rise/Fall Time
2 ns
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Timing Measurement Reference Level
1.5 V
. . . . . . . . . . . . . . .
Output Timing Measurement Reference Level
1.5 V
. . . . . . . . . . . . .
Output Load
See Figure 1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
READ CYCLE TIMING (See Notes 1, 2, and 3)
P
Sb l
MCM6341–10
MCM6341–11
MCM6341–12
MCM6341–15
Ui
N
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Min
Max
Unit
Notes
Read Cycle Time
tAVAV
10
11
12
15
ns
4
Address Access Time
tAVQV
10
11
12
15
ns
Enable Access Time
tELQV
10
11
12
15
ns
5
Output Enable Access Time
tGLQV
5
6
6
7
ns
Output Hold from Address Change
tAXQX
3
3
3
3
ns
Enable Low to Output Active
tELQX
3
3
3
3
ns
6, 7, 8
Output Enable Low to Output Active
tGLQX
0
0
0
0
ns
6, 7, 8
Enable High to Output High–Z
tEHQZ
0
5
0
6
0
6
0
7
ns
6, 7, 8
Output Enable High to Output High–Z
tGHQZ
0
5
0
6
0
6
0
7
ns
6, 7, 8
NOTES:
1. W is high for read cycle.
2. Product sensitivities to noise require proper grounding and decoupling of power supplies as well as minimization or elimination of bus
contention conditions during read and write cycles.
3. E1, E2, and E3 are represented by E in this data sheet. E2 is of opposite polarity to E1 and E3.
4. All read cycle timings are referenced from the last valid address to the first transitioning address.
5. Addresses valid prior to or coincident with E going low.
6. At any given voltage and temperature, tEHQZ max t tELQX min, and tGHQZ max t tGLQX min, both for a given device and from device
to device.
7. Transition is measured
± 200 mV from steady–state voltage.
8. This parameter is sampled and not 100% tested.
9. Device is continuously selected (E
≤ VIL, G ≤ VIL).
OUTPUT
Z0 = 50 Ω
RL = 50 Ω
VL = 1.5 V
Figure 1. AC Test Load


Số phần tương tự - MCM6341ZP11

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MCM6343 MOTOROLA-MCM6343 Datasheet
169Kb / 10P
   256K x 15 Bit 3.3 V Asynchronous Fast Static RAM
MCM6343TS12 MOTOROLA-MCM6343TS12 Datasheet
169Kb / 10P
   256K x 15 Bit 3.3 V Asynchronous Fast Static RAM
MCM6343TS15 MOTOROLA-MCM6343TS15 Datasheet
169Kb / 10P
   256K x 15 Bit 3.3 V Asynchronous Fast Static RAM
MCM6343YJ12 MOTOROLA-MCM6343YJ12 Datasheet
169Kb / 10P
   256K x 15 Bit 3.3 V Asynchronous Fast Static RAM
MCM6343YJ12R MOTOROLA-MCM6343YJ12R Datasheet
169Kb / 10P
   256K x 15 Bit 3.3 V Asynchronous Fast Static RAM
More results

Mô tả tương tự - MCM6341ZP11

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MCM6226BB MOTOROLA-MCM6226BB Datasheet
156Kb / 8P
   128K x 8 Bit Static Random Access Memory
MCM6726D MOTOROLA-MCM6726D Datasheet
117Kb / 7P
   128K x 8 Bit Fast Static Random Access Memory
MCM6926A MOTOROLA-MCM6926A Datasheet
122Kb / 8P
   128K x 9 Bit Fast Static Random Access Memory
MCM6726C MOTOROLA-MCM6726C Datasheet
111Kb / 7P
   128K x 8 Bit Fast Static Random Access Memory
logo
ACCUTEK MICROCIRCUIT CO...
AK62464Z ACCUTEK-AK62464Z Datasheet
177Kb / 2P
   65,536 x 24 Bit CMOS/BiCMOS Static Random Access Memory
logo
Motorola, Inc
MCM6227A MOTOROLA-MCM6227A Datasheet
210Kb / 8P
   1M x 1 Bit Static Random Access Memory
MCM6227B MOTOROLA-MCM6227B Datasheet
147Kb / 8P
   1M x 1 Bit Static Random Access Memory
MCM6706B MOTOROLA-MCM6706B Datasheet
102Kb / 7P
   32K x 8 Bit Static Random Access Memory
MCM6706CR MOTOROLA-MCM6706CR Datasheet
106Kb / 8P
   32K x 8 Bit Static Random Access Memory
MCM6706R MOTOROLA-MCM6706R Datasheet
151Kb / 8P
   32K x 8 Bit Static Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com