công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCM6265CJ12 bảng dữ liệu(PDF) 8 Page - Motorola, Inc

tên linh kiện MCM6265CJ12
Giải thích chi tiết về linh kiện  8K x 9 Bit Fast Static RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM6265CJ12 bảng dữ liệu(HTML) 8 Page - Motorola, Inc

  MCM6265CJ12 Datasheet HTML 1Page - Motorola, Inc MCM6265CJ12 Datasheet HTML 2Page - Motorola, Inc MCM6265CJ12 Datasheet HTML 3Page - Motorola, Inc MCM6265CJ12 Datasheet HTML 4Page - Motorola, Inc MCM6265CJ12 Datasheet HTML 5Page - Motorola, Inc MCM6265CJ12 Datasheet HTML 6Page - Motorola, Inc MCM6265CJ12 Datasheet HTML 7Page - Motorola, Inc MCM6265CJ12 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
MCM6265C
8
MOTOROLA FAST SRAM
ORDERING INFORMATION
(Order by Full Part Number)
Motorola Memory Prefix
Part Number
Package (P = 300 mil Plastic DIP, J = 300 mil SOJ)
Full Part Numbers — MCM6265CP12
MCM6265CJ12
MCM6265CJ12R2
MCM6265CP15
MCM6265CJ15
MCM6265CJ15R2
MCM6265CP20
MCM6265CJ20
MCM6265CJ20R2
MCM6265CP25
MCM6265CJ25
MCM6265CJ25R2
MCM6265CP35
MCM6265CJ35
MCM6265CJ35R2
Shipping Method (R2 = Tape and Reel, Blank = Rails)
Speed (12 = 12 ns, 15 = 15 ns, 20 = 20 ns,
25 = 25 ns, 35 = 35 ns)
MCM
6265C
X
XX
XX
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit,
and specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters can and do vary in different
applications. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. Motorola does
not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in
systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of
the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such
unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless
against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part.
Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
Literature Distribution Centers:
USA/EUROPE: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036.
JAPAN: Nippon Motorola Ltd.; 4–32–1, Nishi–Gotanda, Shinagawa–ku, Tokyo 141, Japan.
ASIA PACIFIC: Motorola Semiconductors H.K. Ltd.; Silicon Harbour Center, No. 2 Dai King Street, Tai Po Industrial Estate, Tai Po, N.T., Hong Kong.
MCM6265C/D
*MCM6265C/D*
CODELINE TO BE PLACED HERE


Số phần tương tự - MCM6265CJ12

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MCM6264C MOTOROLA-MCM6264C Datasheet
177Kb / 8P
   8K x 8 Bit Fast Static RAM
MCM6264CJ12 MOTOROLA-MCM6264CJ12 Datasheet
177Kb / 8P
   8K x 8 Bit Fast Static RAM
MCM6264CJ12R2 MOTOROLA-MCM6264CJ12R2 Datasheet
177Kb / 8P
   8K x 8 Bit Fast Static RAM
MCM6264CJ15 MOTOROLA-MCM6264CJ15 Datasheet
177Kb / 8P
   8K x 8 Bit Fast Static RAM
MCM6264CJ15R2 MOTOROLA-MCM6264CJ15R2 Datasheet
177Kb / 8P
   8K x 8 Bit Fast Static RAM
More results

Mô tả tương tự - MCM6265CJ12

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MCM56824A MOTOROLA-MCM56824A Datasheet
147Kb / 10P
   8K x 24 Bit Fast Static RAM
MCM6264C MOTOROLA-MCM6264C Datasheet
177Kb / 8P
   8K x 8 Bit Fast Static RAM
MCM6205D MOTOROLA-MCM6205D Datasheet
143Kb / 8P
   32K x 9 Bit Fast Static RAM
logo
Cypress Semiconductor
CY7C185 CYPRESS-CY7C185 Datasheet
197Kb / 11P
   8K x 8 Static RAM
CY6264 CYPRESS-CY6264_06 Datasheet
271Kb / 9P
   8K x 8 Static RAM
logo
Integrated Device Techn...
IDT7015S IDT-IDT7015S Datasheet
263Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_16 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
logo
Dallas Semiconductor
DS2064 DALLAS-DS2064 Datasheet
73Kb / 9P
   8K x 8 Static RAM
logo
Cypress Semiconductor
CY7C185 CYPRESS-CY7C185_06 Datasheet
307Kb / 12P
   8K x 8 Static RAM
logo
Integrated Device Techn...
IDT7015S IDT-IDT7015S_17 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com