công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AZV99NDG bảng dữ liệu(PDF) 10 Page - Arizona Microtek, Inc

tên linh kiện AZV99NDG
Giải thích chi tiết về linh kiện  PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AZM [Arizona Microtek, Inc]
Trang chủ  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZV99NDG bảng dữ liệu(HTML) 10 Page - Arizona Microtek, Inc

Back Button AZV99NDG Datasheet HTML 6Page - Arizona Microtek, Inc AZV99NDG Datasheet HTML 7Page - Arizona Microtek, Inc AZV99NDG Datasheet HTML 8Page - Arizona Microtek, Inc AZV99NDG Datasheet HTML 9Page - Arizona Microtek, Inc AZV99NDG Datasheet HTML 10Page - Arizona Microtek, Inc AZV99NDG Datasheet HTML 11Page - Arizona Microtek, Inc AZV99NDG Datasheet HTML 12Page - Arizona Microtek, Inc AZV99NDG Datasheet HTML 13Page - Arizona Microtek, Inc AZV99NDG Datasheet HTML 14Page - Arizona Microtek, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Arizona Microtek, Inc.
AZV99
PECL/LVDS Oscillator Gain Stage &
Buffer with Selectable Enable
www.azmicrotek.com
+1-480-962-5881
10
Request a Sample
May 2012, Rev 2.0
Table 11 - 100K PECL DC Characteristics
100K PECL DC Characteristics (VEE = GND, VCC = +5.0V)
Symbol
Characteristic
-40
°C
0
°C
25
°C
85
°C
Unit
Min
Max
Min
Max
Min
Max
Min
Max
VOH
Output HIGH Voltage
1,2
3955
4165
3975
4165
3975
4165
3975
4165
mV
VOL
Output LOW Voltage
1,2
3075
3445
3100
3380
3100
3380
3100
3380
mV
VBB
Reference Voltage
1
3610
3750
3610
3750
3610
3750
3610
3750
mV
VIH
Input HIGH Voltage D/D
¯, EN (ECL)
3
3835
4260
3835
4260
3835
4260
3835
4260
mV
Input HIGH Voltage EN (CMOS)
4
2000
VCC
2000
VCC
2000
VCC
2000
VCC
mV
VIL
Input LOW Voltage D/D
¯, EN (ECL)
3
3100
3525
3100
3525
3100
3525
3100
3525
mV
Input LOW Voltage EN (CMOS)
4
GND
800
GND
800
GND
800
GND
800
mV
IIH
Input HIGH Current EN
150
150
150
150
µA
IIL
Input LOW Current EN (ECL)
0.5
0.5
0.5
0.5
µA
Input LOW Current EN (CMOS)
-150
-150
-150
-150
µA
IEE
Power Supply Current
2
48
48
48
54
mA
1.
For supply voltages other that 5.0V, use the ECL table values and ADD supply voltage value.
2.
Specified with VEEP and CS-SEL NC, QHG/Q
¯ HG terminated through 50Ω resistors to VCC - 2V.
3.
EN-SEL = NC.
4.
EN-SEL = VCC or VEE.
Table 12 – LVDS DC Characteristics
LVDS DC Characteristics for QHG/Q
¯ HG Outputs
1 (V
EE = GND, VCC = +3.0V to +5.5V)
Symbol
Characteristic
-40
°C
0
°C
25
°C
85
°C
Unit
Min
Max
Min
Max
Min
Max
Min
Max
VOH
Output HIGH Voltage
1600
1600
1600
1600
mV
VOL
Output LOW Voltage
900
900
900
900
mV
VOC
Output Common Mode Voltage
2
1125
1375
1125
1375
1125
1375
1125
1375
mV
∆V
OC
Change in Common Mode Voltage
3
-50
50
-50
50
-50
50
-50
50
mV
VOUT
Single-Ended Output Swing
250
450
250
450
250
450
250
450
mV
VDIFF_OUT
Differential Output Swing
500
900
500
900
500
900
500
900
mV
1.
Specified with 100
Ω resistor connecting Q
HG and Q
¯ HG together.
2.
Common mode voltage is the center voltage between QHG and Q
¯ HG during a steady state.
3.
Change in common mode voltage is the difference between common mode voltages at opposite binary states.


Số phần tương tự - AZV99NDG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Arizona Microtek, Inc
AZV99NDG AZM-AZV99NDG Datasheet
226Kb / 15P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
AZV99NDG AZM-AZV99NDG Datasheet
260Kb / 16P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
More results

Mô tả tương tự - AZV99NDG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Arizona Microtek, Inc
AZV99 AZM-AZV99 Datasheet
226Kb / 15P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
AZV99 AZM-AZV99_09 Datasheet
260Kb / 16P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VR AZM-AZ100LVEL16VR Datasheet
191Kb / 13P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VT AZM-AZ100LVEL16VT Datasheet
215Kb / 13P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VR AZM-AZ100LVEL16VR_12 Datasheet
739Kb / 9P
   PECL/ECL Oscillator Gain Stage & Buffer with Selectable Enable
logo
List of Unclassifed Man...
AZ100LVEL16VR ETC-AZ100LVEL16VR Datasheet
178Kb / 6P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
logo
Arizona Microtek, Inc
AZ100LVEL16VT AZM-AZ100LVEL16VT_12 Datasheet
486Kb / 9P
   PECL/ECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ10EL16VO AZM-AZ10EL16VO Datasheet
258Kb / 18P
   ECL/PECL Oscillator Gain Stage and Buffer with Enable
logo
List of Unclassifed Man...
AZ10EL16VO ETC2-AZ10EL16VO Datasheet
258Kb / 18P
   ECL/PECL Oscillator Gain Stage and Buffer with Enable
logo
Arizona Microtek, Inc
AZ100LVEL16VV AZM-AZ100LVEL16VV_12 Datasheet
473Kb / 9P
   Dual Frequency PECL/ECL Oscillator Gain Stage & Buffer with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com