công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCM62Y308 bảng dữ liệu(PDF) 7 Page - Motorola, Inc

tên linh kiện MCM62Y308
Giải thích chi tiết về linh kiện  Synchronous Line Buffer:8K x 8 Bit Fast Static Dual Ported Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM62Y308 bảng dữ liệu(HTML) 7 Page - Motorola, Inc

Back Button MCM62Y308 Datasheet HTML 3Page - Motorola, Inc MCM62Y308 Datasheet HTML 4Page - Motorola, Inc MCM62Y308 Datasheet HTML 5Page - Motorola, Inc MCM62Y308 Datasheet HTML 6Page - Motorola, Inc MCM62Y308 Datasheet HTML 7Page - Motorola, Inc MCM62Y308 Datasheet HTML 8Page - Motorola, Inc MCM62Y308 Datasheet HTML 9Page - Motorola, Inc MCM62Y308 Datasheet HTML 10Page - Motorola, Inc MCM62Y308 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MCM62Y308
7
MOTOROLA FAST SRAM
AC OPERATING CONDITIONS AND CHARACTERISTICS
FOR THE TEST ACCESS PORT (IEEE 1149.1)
(TA = 0 to + 70°C, Unless Otherwise Noted)
Input Pulse Levels
0 to 3.0 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Rise/Fall Time
3 ns
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Timing Measurement Reference Level
1.5 V
. . . . . . . . . . . . . . .
Output Timing Reference Level
1.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . .
Output Load
50 Ohm Transmission Line
. . . . . . . . . . . . . . . . . . . . . . .
TAP CONTROLLER TIMING
MCM62Y308–17
Parameter
Symbol
Min
Max
Unit
Notes
Cycle Time
tCYC
30
ns
Clock High Time
tCKH
12
ns
Clock Low Time
tCKL
12
ns
Clock Low to Output Valid
tA
5
9
ns
Clock Low to Output High–Z
tCKZ
0
9
ns
1
Clock Low to Output Active
tCKX
0
9
ns
2, 3
Setup Time, Test Mode Select
tS
2
ns
Setup Time, Test Data In
tSD
2
ns
Hold Time, Test Mode Select
tH
2
ns
Hold Time, Test Data In
tHD
2
ns
NOTES:
1. Test Data Out will High–Z from a clock low edge depending on the current state of the TAP state machine.
2. Test Data Out is active only in the SHIFT–IR and SHIFT–DR state of the TAP state machine.
3. Transition is measured
± 500 mV from steady–state voltage. This parameter is sampled and not 100% tested.
tA
tCKX
tCKZ
tHD
tCKH
tCKL
tS
tH
TAP CONTROLLER TIMING DIAGRAM
tSD
tCYC
TEST CLOCK
(TCK)
TEST MODE SELECT
(TMS)
TEST DATA IN
(TDI)
TEST DATA OUT
(TDO)


Số phần tương tự - MCM62Y308

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MCM6205D MOTOROLA-MCM6205D Datasheet
143Kb / 8P
   32K x 9 Bit Fast Static RAM
MCM6205DJ15 MOTOROLA-MCM6205DJ15 Datasheet
143Kb / 8P
   32K x 9 Bit Fast Static RAM
MCM6205DJ15R2 MOTOROLA-MCM6205DJ15R2 Datasheet
143Kb / 8P
   32K x 9 Bit Fast Static RAM
MCM6205DJ20 MOTOROLA-MCM6205DJ20 Datasheet
143Kb / 8P
   32K x 9 Bit Fast Static RAM
MCM6205DJ20R2 MOTOROLA-MCM6205DJ20R2 Datasheet
143Kb / 8P
   32K x 9 Bit Fast Static RAM
More results

Mô tả tương tự - MCM62Y308

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MCM6264C MOTOROLA-MCM6264C Datasheet
177Kb / 8P
   8K x 8 Bit Fast Static RAM
MCM6265C MOTOROLA-MCM6265C Datasheet
177Kb / 8P
   8K x 9 Bit Fast Static RAM
MCM56824A MOTOROLA-MCM56824A Datasheet
147Kb / 10P
   8K x 24 Bit Fast Static RAM
MCM6726D MOTOROLA-MCM6726D Datasheet
117Kb / 7P
   128K x 8 Bit Fast Static Random Access Memory
MCM6726C MOTOROLA-MCM6726C Datasheet
111Kb / 7P
   128K x 8 Bit Fast Static Random Access Memory
logo
Renesas Technology Corp
7164S RENESAS-7164S Datasheet
213Kb / 12P
   CMOS Static RAM 64K (8K x 8-Bit)
Jul.30.20
logo
Cypress Semiconductor
CY7C185 CYPRESS-CY7C185 Datasheet
197Kb / 11P
   8K x 8 Static RAM
CY6264 CYPRESS-CY6264_06 Datasheet
271Kb / 9P
   8K x 8 Static RAM
logo
Integrated Device Techn...
IDT7164S IDT-IDT7164S Datasheet
104Kb / 9P
   CMOS STATIC RAM 64K (8K x 8-BIT)
IDT7164S IDT-IDT7164S_07 Datasheet
108Kb / 11P
   CMOS Static RAM 64K (8K x 8-Bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com