công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCM6229BBXJ25R2 bảng dữ liệu(PDF) 6 Page - Motorola, Inc

tên linh kiện MCM6229BBXJ25R2
Giải thích chi tiết về linh kiện  256K x 4 Bit Static Random Access Memory
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM6229BBXJ25R2 bảng dữ liệu(HTML) 6 Page - Motorola, Inc

  MCM6229BBXJ25R2 Datasheet HTML 1Page - Motorola, Inc MCM6229BBXJ25R2 Datasheet HTML 2Page - Motorola, Inc MCM6229BBXJ25R2 Datasheet HTML 3Page - Motorola, Inc MCM6229BBXJ25R2 Datasheet HTML 4Page - Motorola, Inc MCM6229BBXJ25R2 Datasheet HTML 5Page - Motorola, Inc MCM6229BBXJ25R2 Datasheet HTML 6Page - Motorola, Inc MCM6229BBXJ25R2 Datasheet HTML 7Page - Motorola, Inc MCM6229BBXJ25R2 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MCM6229BB
6
MOTOROLA FAST SRAM
WRITE CYCLE 2 (E Controlled, See Notes 1, 2, and 3)
6229BB–15
6229BB–17
6229BB–20
6229BB–25
6229BB–35
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Unit
Notes
Write Cycle Time
tAVAV
15
17
20
25
35
ns
4
Address Setup Time
tAVEL
0
0
0
0
0
ns
Address Valid to End of Write
tAVEH
12
14
15
17
20
ns
Enable to End of Write
tELEH,
t
12
14
15
17
20
ns
5, 6
ELEH,
tELWH
Write Pulse Width
tWLEH
12
14
15
17
20
ns
Data Valid to End of Write
tDVEH
7
8
9
10
11
ns
Data Hold Time
tEHDX
0
0
0
0
0
ns
Write Recovery Time
tEHAX
0
0
0
0
0
ns
NOTES:
1. A write occurs during the overlap of E low and W low.
2. Product sensitivities to noise require proper grounding and decoupling of power supplies as well as minimization or elimination of bus con-
tention conditions during read and write cycles.
3. If G goes low coincident with or after W goes low, the output will remain in a high–impedance state.
4. All timings are referenced from the last valid address to the first transitioning address.
5. If E goes low coincident with or after W goes low, the output will remain in a high–impedance state.
6. If E goes high coincident with or before W goes high, the output will remain in a high–impedance state.
WRITE CYCLE 2 (E Controlled See Notes 1, 2, 3, and 4)
tEHDX
tDVEH
tEHAX
tELWH
tAVEL
tAVEH
DATA VALID
tAVAV
HIGH–Z
A (ADDRESS)
W (WRITE ENABLE)
E (CHIP ENABLE)
Q (DATA OUT)
D (DATA IN)
tELEH
tWLEH
ORDERING INFORMATION
(Order by Full Part Number)
Motorola Memory Prefix
Part Number
Package (XJ = 400 mil SOJ, EJ = 300 mil SOJ)
Full Part Numbers — MCM6229BBXJ15
MCM6229BBXJ15R2
MCM6229BBEJ15
MCM6229BBEJ15R2
MCM6229BBXJ17
MCM6229BBXJ17R2
MCM6229BBEJ17
MCM6229BBEJ17R2
MCM6229BBXJ20
MCM6229BBXJ20R2
MCM6229BBEJ20
MCM6229BBEJ20R2
MCM6229BBXJ25
MCM6229BBXJ25R2
MCM6229BBEJ25
MCM6229BBEJ25R2
MCM6229BBXJ35
MCM6229BBXJ35R2
MCM6229BBEJ35
MCM6229BBEJ35R2
Shipping Method (R2 = Tape and Reel, Blank = Rails)
Speed (15 = 15 ns, 17 = 17 ns, 20 = 20 ns, 25 = 25 ns,
35 = 35 ns)
MCM 6229BB
XX
XX
XX


Số phần tương tự - MCM6229BBXJ25R2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MCM6229A MOTOROLA-MCM6229A Datasheet
363Kb / 6P
   256K X 4 BIT STATIC RANDOM ACCESS MEMORY
MCM6229A-20 MOTOROLA-MCM6229A-20 Datasheet
363Kb / 6P
   256K X 4 BIT STATIC RANDOM ACCESS MEMORY
MCM6229A-25 MOTOROLA-MCM6229A-25 Datasheet
363Kb / 6P
   256K X 4 BIT STATIC RANDOM ACCESS MEMORY
MCM6229A-35 MOTOROLA-MCM6229A-35 Datasheet
363Kb / 6P
   256K X 4 BIT STATIC RANDOM ACCESS MEMORY
MCM6229A-45 MOTOROLA-MCM6229A-45 Datasheet
363Kb / 6P
   256K X 4 BIT STATIC RANDOM ACCESS MEMORY
More results

Mô tả tương tự - MCM6229BBXJ25R2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MCM6229A MOTOROLA-MCM6229A Datasheet
363Kb / 6P
   256K X 4 BIT STATIC RANDOM ACCESS MEMORY
MCM6729 MOTOROLA-MCM6729 Datasheet
145Kb / 8P
   256K x 4 Bit Fast Static Random Access Memory
MCM6729B MOTOROLA-MCM6729B Datasheet
121Kb / 7P
   256K x 4 Bit Fast Static Random Access Memory
MCM6729C MOTOROLA-MCM6729C Datasheet
111Kb / 7P
   256K x 4 Bit Fast Static Random Access Memory
MCM6729D MOTOROLA-MCM6729D Datasheet
117Kb / 7P
   256K x 4 Bit Fast Static Random Access Memory
MCM6929A MOTOROLA-MCM6929A Datasheet
119Kb / 8P
   256K x 4 Bit Fast Static Random Access Memory
MCM6728B MOTOROLA-MCM6728B Datasheet
147Kb / 8P
   256K x 4 Bit Fast Static Random Access Memory
MCM6949 MOTOROLA-MCM6949 Datasheet
122Kb / 10P
   1M x 4 Bit Static Random Access Memory
MCM6227A MOTOROLA-MCM6227A Datasheet
210Kb / 8P
   1M x 1 Bit Static Random Access Memory
MCM6227B MOTOROLA-MCM6227B Datasheet
147Kb / 8P
   1M x 1 Bit Static Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com